データシートサーチシステム |
|
LM124AJB データシート(PDF) 4 Page - Texas Instruments |
|
|
LM124AJB データシート(HTML) 4 Page - Texas Instruments |
4 / 40 page LM224K, LM224KA, LM324, LM324A, LM324K, LM324KA, LM2902 LM124, LM124A, LM224, LM224A, LM2902V, LM2902K, LM2902KV, LM2902KAV SLOS066W – SEPTEMBER 1975 – REVISED MARCH 2015 www.ti.com 6 Specifications 6.1 Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted) (1) LMx24, LMx24x, LM2902 LMx24xx, LM2902x, UNIT LM2902xx, LM2902xxx MIN MAX MIN MAX Supply voltage, VCC (2) ±13 26 ±16 32 V Differential input voltage, VID (3) ±26 ±32 V Input voltage, VI (either input) –0.3 26 –0.3 to 32 V Duration of output short circuit (one amplifier) to ground at (or Unlimited Unlimited below) TA = 25°C, VCC ≤ 15 V (4) Operating virtual junction temperature, TJ 150 150 °C Case temperature for 60 seconds FK package 260 °C Lead temperature 1.6 mm (1/16 inch) J or W package 300 300 °C from case for 60 seconds Storage temperature, Tstg –65 150 –65 150 °C (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values (except differential voltages and VCC specified for the measurement of IOS) are with respect to the network GND. (3) Differential voltages are at IN+, with respect to IN −. (4) Short circuits from outputs to VCC can cause excessive heating and eventual destruction. 6.2 ESD Ratings VALUE UNIT LM224K, LM224KA, LM324K, LM324KA, LM2902K, LM2902KV, LM2902KAV Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1) ±2000 V(ESD) Electrostatic discharge V Charged-device model (CDM), per JEDEC specification JESD22-C101 ±1000 LM124, LM124A, LM224, LM224A, LM324, LM324A, LM2902, LM2902V Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001 (1) ±500 V(ESD) Electrostatic discharge V Charged-device model (CDM), per JEDEC specification JESD22-C101 ±1000 (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. 6.3 Recommended Operating Conditions over operating free-air temperature range (unless otherwise noted) LMx24, LMx24x, LMx24xx, UNIT LM2902 LM2902x, LM2902xx, LM2902xxx MIN MAX MIN MAX VCC Supply voltage 3 26 3 30 V VCM Common-mode voltage 0 VCC – 2 0 VCC – 2 V LM124 –55 125 LM2904 –40 125 TA Operating free air °C temperature LM324 0 70 LM224 –25 85 4 Submit Documentation Feedback Copyright © 1975–2015, Texas Instruments Incorporated Product Folder Links: LM224K LM224KA LM324 LM324A LM324K LM324KA LM2902 LM124 LM124A LM224 LM224A LM2902V LM2902K LM2902KV LM2902KAV |
同様の部品番号 - LM124AJB |
|
同様の説明 - LM124AJB |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |