データシートサーチシステム |
|
LM124AJB データシート(PDF) 7 Page - Texas Instruments |
|
|
LM124AJB データシート(HTML) 7 Page - Texas Instruments |
7 / 40 page LM224K, LM224KA, LM324, LM324A, LM324K, LM324KA, LM2902 LM124, LM124A, LM224, LM224A, LM2902V, LM2902K, LM2902KV, LM2902KAV www.ti.com SLOS066W – SEPTEMBER 1975 – REVISED MARCH 2015 Electrical Characteristics for LMx24A and LM324KA (continued) at specified free-air temperature, VCC = 5 V (unless otherwise noted) LM124A LM224A LM324A, LM324KA PARAMETER TEST CONDITIONS (1) TA (2) UNIT MIN TYP (3) MAX MIN TYP (3) MAX MIN TYP (3) MAX 0 to 0 to 0 to 25°C Common-mode VCC − 1.5 VCC – 1.5 VCC – 1.5 VICR input voltage VCC = 30 V V 0 to 0 to 0 to range Full range VCC − 2 VCC – 2 VCC – 2 RL = 2 kΩ 25°C VCC − 1.5 VCC – 1.5 VCC – 1.5 High-level VOH RL= 2 kΩ Full range 26 26 26 V output voltage VCC = 30 V RL≥ 10 kΩ Full range 27 27 28 27 28 Low-level output VOL RL ≤ 10 kΩ Full range 20 5 20 5 20 mV voltage Large-signal 25°C 50 100 50 100 25 100 VCC = 15 V, differential VO = 1 V to 11 V, AVD V/mV voltage Full range 25 25 15 RL ≥ 2 kΩ amplification Common-mode CMRR VIC = VICRmin 25°C 70 70 80 65 80 dB rejection ratio Supply-voltage rejection ratio kSVR 25°C 65 65 100 65 100 dB ( ΔVCC /ΔVIO) Crosstalk VO1/ VO2 f = 1 kHz to 20 kHz 25°C 120 120 120 dB attenuation VCC = 15 V, 25°C –20 –20 –30 –60 –20 –30 –60 VID = 1 V, Source Full range –10 –10 –10 VO = 0 mA IO Output current VCC = 15 V, 25°C 10 10 20 1 20 VID = –1 V, Sink Full range 5 5 5 VO = 15 V VID = −1 V, VO = 200 mV 25°C 12 12 30 12 30 μA VCC at 5 V, GND at –5 V, Short-circuit IOS 25°C ±40 ±60 ±40 ±60 ±40 ±60 mA output current VO = 0 VO = 2.5 V, no load Full range 0.7 1.2 0.7 1.2 0.7 1.2 Supply current ICC mA VCC = 30 V, VO = 15 V, (four amplifiers) Full range 1.4 3. 1.4 3 1.4 3 no load 6.8 Operating Conditions VCC = ±15 V, TA = 25°C PARAMETER TEST CONDITIONS TYP UNIT SR Slew rate at unity gain RL = 1 MΩ, CL = 30 pF, VI = ±10 V (see Figure 7) 0.5 V/ μs B1 Unity-gain bandwidth RL = 1 MΩ, CL = 20 pF (see Figure 7) 1.2 MHz Vn Equivalent input noise voltage RS = 100 Ω, VI = 0 V, f = 1 kHz (see Figure 8) 35 nV/ √Hz Copyright © 1975–2015, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: LM224K LM224KA LM324 LM324A LM324K LM324KA LM2902 LM124 LM124A LM224 LM224A LM2902V LM2902K LM2902KV LM2902KAV |
同様の部品番号 - LM124AJB |
|
同様の説明 - LM124AJB |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |