データシートサーチシステム |
|
LM124AJB データシート(PDF) 1 Page - Texas Instruments |
|
|
LM124AJB データシート(HTML) 1 Page - Texas Instruments |
1 / 40 page IN− IN+ OUT Product Folder Sample & Buy Technical Documents Tools & Software Support & Community LM224K, LM224KA, LM324, LM324A, LM324K, LM324KA, LM2902 LM124, LM124A, LM224, LM224A, LM2902V, LM2902K, LM2902KV, LM2902KAV SLOS066W – SEPTEMBER 1975 – REVISED MARCH 2015 LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers 1 Features 2 Applications 1 • 2-kV ESD Protection for: • Blu-ray Players and Home Theaters • Chemical and Gas Sensors – LM224K, LM224KA • DVD Recorders and Players – LM324K, LM324KA • Digital Multimeter: Bench and Systems – LM2902K, LM2902KV, LM2902KAV • Digital Multimeter: Handhelds • Wide Supply Ranges • Field Transmitter: Temperature Sensors – Single Supply: 3 V to 32 V (26 V for LM2902) • Motor Control: AC Induction, Brushed DC, Brushless DC, High-Voltage, Low-Voltage, – Dual Supplies: ±1.5 V to ±16 V Permanent Magnet, and Stepper Motor (±13 V for LM2902) • Oscilloscopes • Low Supply-Current Drain Independent of Supply Voltage: 0.8 mA Typical • TV: LCD and Digital • Common-Mode Input Voltage Range Includes • Temperature Sensors or Controllers Using Ground, Allowing Direct Sensing Near Ground Modbus • Low Input Bias and Offset Parameters • Weigh Scales – Input Offset Voltage: 3 mV Typical 3 Description MM A Versions: 2 mV Typical These devices consist of four independent high-gain – Input Offset Current: 2 nA Typical frequency-compensated operational amplifiers that – Input Bias Current: 20 nA Typical are designed specifically to operate from a single MMA Versions: 15 nA Typical supply or split supply over a wide range of voltages. • Differential Input Voltage Range Equal to Device Information(1) Maximum-Rated Supply Voltage: PART NUMBER PACKAGE BODY SIZE (NOM) 32 V (26 V for LM2902) SOIC (14) 8.65 mm × 3.91 mm • Open-Loop Differential Voltage Amplification: CDIP (14) 19.56 mm × 6.67 mm 100 V/mV Typical LMx24, LMx24x, PDIP (14) 19.30 mm × 6.35 mm • Internal Frequency Compensation LMx24xx, LM2902, LM2902x, CFP (14) 9.21 mm × 5.97 mm • On Products Compliant to MIL-PRF-38535, LM2902xx, TSSOP (14) 5.00 mm × 4.40 mm All Parameters are Tested Unless Otherwise LM2902xxx SO (14) 9.20 mm × 5.30 mm Noted. On All Other Products, Production Processing Does Not Necessarily Include Testing SSOP (14) 6.20 mm × 5.30 mm of All Parameters. LM124, LM124A LCCC (20) 8.90 mm × 8.90 mm (1) For all available packages, see the orderable addendum at the end of the data sheet. Symbol (Each Amplifier) 1 An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and other important disclaimers. PRODUCTION DATA. |
同様の部品番号 - LM124AJB |
|
同様の説明 - LM124AJB |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |