データシートサーチシステム |
|
LM124WB データシート(PDF) 6 Page - Texas Instruments |
|
|
LM124WB データシート(HTML) 6 Page - Texas Instruments |
6 / 40 page LM224K, LM224KA, LM324, LM324A, LM324K, LM324KA, LM2902 LM124, LM124A, LM224, LM224A, LM2902V, LM2902K, LM2902KV, LM2902KAV SLOS066W – SEPTEMBER 1975 – REVISED MARCH 2015 www.ti.com 6.6 Electrical Characteristics for LM2902 and LM2902V at specified free-air temperature, VCC = 5 V (unless otherwise noted) LM2902 LM2902V PARAMETER TEST CONDITIONS (1) TA (2) UNIT MIN TYP (3) MAX MIN TYP (3) MAX 25°C 3 7 3 7 Non-A-suffix VCC = 5 V to MAX, devices Full range 10 10 VIO Input offset voltage VIC = VICRmin, mV 25°C 1 2 A-suffix VO = 1.4 V devices Full range 4 ΔVIO/ΔT Input offset voltage temperature drift RS = 0 Ω Ful range 7 μV/°C 25°C 2 50 2 50 IIO Input offset current VO = 1.4 V nA Full range 300 150 ΔIIO/ΔT Input offset voltage temperature drift Ful range 10 pA/°C 25°C –20 –250 –20 –250 IIB Input bias current VO = 1.4 V nA Full range –500 –500 0 to 0 to 25°C VCC – 1.5 VCC – 1.5 VICR Common-mode input voltage range VCC = 5 V to MAX V 0 to 0 to Full range VCC – 2 VCC – 2 RL = 2 kΩ 25°C RL = 10 kΩ 25°C VCC – 1.5 VCC – 1.5 VOH High-level output voltage V RL = 2 kΩ Full range 22 26 VCC = MAX RL ≥ 10 kΩ Full range 23 24 27 VOL Low-level output voltage RL ≤ 10 kΩ Full range 5 20 5 20 mV VCC = 15 V, 25°C 25 100 25 100 Large-signal differential voltage AVD VO = 1 V to 11 V, V/mV amplification Full range 15 15 RL ≥ 2 kΩ CMRR Common-mode rejection ratio VIC = VICRmin 25°C 50 80 60 80 dB Supply-voltage rejection ratio kSVR 25°C 50 100 60 100 dB ( ΔVCC /ΔVIO) VO1/ VO2 Crosstalk attenuation f = 1 kHz to 20 kHz 25°C 120 120 dB VCC = 15 V, 25°C –20 –30 –60 –20 –30 –60 VID = 1 V, Source Full range –10 –10 VO = 0 mA IO Output current VCC = 15 V, 25°C 10 20 10 20 VID = –1 V, Sink Full range 5 5 VO = 15 V VID = –1 V, VO = 200 mV 25°C 30 12 40 μA IOS Short-circuit output current VCC at 5 V, VO = 0, GND at –5 V 25°C ±40 ±60 ±40 ±60 mA VO = 2.5 V, no load Full range 0.7 1.2 0.7 1.2 ICC Supply current (four amplifiers) mA VCC = MAX, VO = 0.5 VCC, Full range 1.4 3 1.4 3 no load (1) All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified. MAX VCC for testing purposes is 26 V for LM2902 and 32 V for LM2902V. (2) Full range is –40°C to 125°C for LM2902. (3) All typical values are at TA = 25°C. 6.7 Electrical Characteristics for LMx24A and LM324KA at specified free-air temperature, VCC = 5 V (unless otherwise noted) LM124A LM224A LM324A, LM324KA PARAMETER TEST CONDITIONS (1) TA (2) UNIT MIN TYP (3) MAX MIN TYP (3) MAX MIN TYP (3) MAX VCC = 5 V to 30 V, 25°C 2 2 3 2 3 Input offset VIO VIC = VICRmin, mV voltage Full range 4 4 5 VO = 1.4 V 25°C 10 2 15 2 30 Input offset IIO VO = 1.4 V nA current Full range 30 30 75 25°C –50 –15 –80 –15 –100 Input bias IIB VO = 1.4 V nA current Full range –100 –100 –200 (1) All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified. (2) Full range is –55°C to 125°C for LM124A, –25°C to 85°C for LM224A, and 0°C to 70°C for LM324A. (3) All typical values are at TA = 25°C. 6 Submit Documentation Feedback Copyright © 1975–2015, Texas Instruments Incorporated Product Folder Links: LM224K LM224KA LM324 LM324A LM324K LM324KA LM2902 LM124 LM124A LM224 LM224A LM2902V LM2902K LM2902KV LM2902KAV |
同様の部品番号 - LM124WB |
|
同様の説明 - LM124WB |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |