データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM4378BZDN80 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 AM4378BZDN80
部品情報  AM437x Sitara Processors
Download  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

AM4378BZDN80 データシート(HTML) 4 Page - Texas Instruments

  AM4378BZDN80 Datasheet HTML 1Page - Texas Instruments AM4378BZDN80 Datasheet HTML 2Page - Texas Instruments AM4378BZDN80 Datasheet HTML 3Page - Texas Instruments AM4378BZDN80 Datasheet HTML 4Page - Texas Instruments AM4378BZDN80 Datasheet HTML 5Page - Texas Instruments AM4378BZDN80 Datasheet HTML 6Page - Texas Instruments AM4378BZDN80 Datasheet HTML 7Page - Texas Instruments AM4378BZDN80 Datasheet HTML 8Page - Texas Instruments AM4378BZDN80 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 266 page
background image
4
AM4376, AM4377, AM4378, AM4379
SPRS851C – JUNE 2014 – REVISED APRIL 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379
Device Overview
Copyright © 2014–2016, Texas Instruments Incorporated
Dedicated 16-Bit Time-Base Counter With
Time and Frequency Controls
Configurable as Six Single-Ended, Six Dual-
Edge Symmetric, or Three Dual-Edge
Asymmetric Outputs
– Up to Three 32-Bit eQEP Modules
• Device Identification
– Factory Programmable Electrical Fuse Farm
(FuseFarm)
Production ID
Device Part Number (Unique JTAG ID)
Device Revision (Readable by Host ARM)
Security Keys (Avaliable Only on AM437xHS
Devices)
Feature Identification
• Debug Interface Support
– JTAG and cJTAG for ARM (Cortex-A9 and
PRCM) and PRU-ICSS Debug
– Supports Real-Time Trace Pins (for Cortex-A9)
– 64-KB Embedded Trace Buffer (ETB)
– Supports Device Boundary Scan
– Supports IEEE 1500
• DMA
– On-Chip Enhanced DMA Controller (EDMA) Has
Three Third-Party Transfer Controllers (TPTCs)
and One Third-Party Channel Controller
(TPCC), Which Supports up to 64
Programmable Logical Channels and Eight
QDMA Channels
– EDMA is Used for:
Transfers to and from On-Chip Memories
Transfers to and from External Storage
(EMIF, GPMC, and Slave Peripherals)
• InterProcessor Communication (IPC)
– Integrates Hardware-Based Mailbox for IPC and
Spinlock for Process Synchronization Between
the Cortex-A9, PRCM, and PRU-ICSS
• Boot Modes
– Boot Mode is Selected Through Boot
Configuration Pins Latched on the Rising Edge
of the PWRONRSTn Reset Input Pin
• Camera
– Dual Port 8- and 10-Bit BT656 Interface
– Dual Port 8- and 10-Bit Including External Syncs
– Single Port 12-Bit
– YUV422/RGB422 and BT656 Input Format
– RAW Format
– Pixel Clock Rate up to 75 MHz
• Package
– 491-Pin BGA Package (17-mm × 17-mm) (ZDN
Suffix), 0.65-mm Ball Pitch With Via Channel
Array Technology to Enable Low-Cost Routing
1.2
Applications
Patient Monitoring
Navigation Equipment
Industrial Automation
Portable Data Terminals
Bar Code Scanners
Point of Service
Portable Mobile Radios
Test and Measurement


同様の部品番号 - AM4378BZDN80

メーカー部品番号データシート部品情報
logo
Texas Instruments
AM4378BZDN80 TI1-AM4378BZDN80 Datasheet
2Mb / 266P
[Old version datasheet]   Sitara Processors
More results

同様の説明 - AM4378BZDN80

メーカー部品番号データシート部品情報
logo
Texas Instruments
AM4376 TI-AM4376_15 Datasheet
1Mb / 261P
[Old version datasheet]   AM437x Sitara??Processors
AM5706 TI1-AM5706_17 Datasheet
3Mb / 386P
[Old version datasheet]   Sitara Processors
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
[Old version datasheet]   Sitara Processors
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
[Old version datasheet]   Sitara Processors
AM3359 TI1-AM3359_16 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706 Datasheet
3Mb / 387P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706_18 Datasheet
4Mb / 392P
[Old version datasheet]   Sitara Processors
AMIC110 TI1-AMIC110 Datasheet
2Mb / 214P
[Old version datasheet]   Sitara Processors
AM3359_0017 TI1-AM3359_0017 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706_017 TI1-AM5706_017 Datasheet
3Mb / 388P
[Old version datasheet]   Sitara Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com