データシートサーチシステム |
|
LM124M データシート(PDF) 5 Page - Texas Instruments |
|
|
LM124M データシート(HTML) 5 Page - Texas Instruments |
5 / 40 page LM224K, LM224KA, LM324, LM324A, LM324K, LM324KA, LM2902 LM124, LM124A, LM224, LM224A, LM2902V, LM2902K, LM2902KV, LM2902KAV www.ti.com SLOS066W – SEPTEMBER 1975 – REVISED MARCH 2015 6.4 Thermal Information LMx24, LM2902 LMx24 D (SOIC) DB N (PDIP) NS (SO) PW FK J (CDIP) W (CFP) THERMAL METRIC(1) UNIT (SSOP) (TSSOP) (LCCC) 14 PINS 14 PINS 14 PINS 14 PINS 14 PINS 20 PINS 14 PINS 14 PINS RθJA (2) (3) Junction-to- ambient thermal 86 86 80 76 113 — — — resistance °C/W RθJC (4) Junction-to-case (top) thermal — — — — — 5.61 15.05 14.65 resistance (1) For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953. (2) Short circuits from outputs to VCC can cause excessive heating and eventual destruction. (3) Maximum power dissipation is a function of TJ(max), RθJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) – TA)/RθJA. Operating at the absolute maximum TJ of 150°C can affect reliability. (4) Maximum power dissipation is a function of TJ(max), RθJA, and TC. The maximum allowable power dissipation at any allowable case temperature is PD = (TJ(max) – TC)/RθJC. Operating at the absolute maximum TJ of 150°C can affect reliability. 6.5 Electrical Characteristics for LMx24 and LM324K at specified free-air temperature, VCC = 5 V (unless otherwise noted) LM124, LM224 LM324, LM324K PARAMETER TEST CONDITIONS (1) TA (2) UNIT MIN TYP (3) MAX MIN TYP (3) MAX 25°C 3 5 3 7 VCC = 5 V to MAX, VIC = VICRmin, VIO Input offset voltage mV VO = 1.4 V Full range 7 9 25°C 2 30 2 50 IIO Input offset current VO = 1.4 V nA Full range 100 150 25°C –20 –150 –20 –250 IIB Input bias current VO = 1.4 V nA Full range –300 –500 0 to 0 to 25°C VCC – 1.5 VCC – 1.5 VICR Common-mode input voltage range VCC = 5 V to MAX V 0 to 0 to Full range VCC – 2 VCC – 2 RL = 2 kΩ 25°C VCC – 1.5 VCC – 1.5 RL = 10 kΩ 25°C VOH High-level output voltage V RL = 2 kΩ Full range 26 26 VCC = MAX RL ≥ 10 kΩ Full range 27 28 27 28 VOL Low-level output voltage RL ≤ 10 kΩ Full range 5 20 5 20 mV 25°C 50 100 25 100 VCC = 15 V, VO = 1 V to 11 V, Large-signal differential voltage AVD V/mV amplification RL ≥ 2 kΩ Full range 25 15 CMRR Common-mode rejection ratio VIC = VICRmin 25°C 70 80 65 80 dB Supply-voltage rejection ratio kSVR 25°C 65 100 65 100 dB ( ΔVCC /ΔVIO) VO1/ VO2 Crosstalk attenuation f = 1 kHz to 20 kHz 25°C 120 120 dB VCC = 15 V, 25°C –20 –30 –60 –20 –30 –60 VID = 1 V, Source Full range –10 –10 VO = 0 mA IO Output current VCC = 15 V, 25°C 10 20 10 20 VID = –1 V, Sink Full range 5 5 VO = 15 V VID = –1 V, VO = 200 mV 25°C 12 30 12 30 μA VCC at 5 V, VO = 0, IOS Short-circuit output current 25°C ±40 ±60 ±40 ±60 mA GND at –5 V VO = 2.5 V, no load Full range 0.7 1.2 0.7 1.2 ICC Supply current (four amplifiers) mA VCC = MAX, VO = 0.5 VCC, Full range 1.4 3 1.4 3 no load (1) All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified. MAX VCC for testing purposes is 26 V for LM2902 and 30 V for the others. (2) Full range is –55°C to 125°C for LM124, –25°C to 85°C for LM224, and 0°C to 70°C for LM324. (3) All typical values are at TA = 25°C Copyright © 1975–2015, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Links: LM224K LM224KA LM324 LM324A LM324K LM324KA LM2902 LM124 LM124A LM224 LM224A LM2902V LM2902K LM2902KV LM2902KAV |
同様の部品番号 - LM124M |
|
同様の説明 - LM124M |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |