データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74CB3T1G125DBVRG4 データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 74CB3T1G125DBVRG4
部品情報  SINGLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

74CB3T1G125DBVRG4 データシート(HTML) 2 Page - Texas Instruments

  74CB3T1G125DBVRG4 Datasheet HTML 1Page - Texas Instruments 74CB3T1G125DBVRG4 Datasheet HTML 2Page - Texas Instruments 74CB3T1G125DBVRG4 Datasheet HTML 3Page - Texas Instruments 74CB3T1G125DBVRG4 Datasheet HTML 4Page - Texas Instruments 74CB3T1G125DBVRG4 Datasheet HTML 5Page - Texas Instruments 74CB3T1G125DBVRG4 Datasheet HTML 6Page - Texas Instruments 74CB3T1G125DBVRG4 Datasheet HTML 7Page - Texas Instruments 74CB3T1G125DBVRG4 Datasheet HTML 8Page - Texas Instruments 74CB3T1G125DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
VCC
≈VCC
5.5 V
0 V
NOTE A: If the input high voltage (VIH) level is greater than or equal to VCC – 1 V, and less than or equal to 5.5 V, then the output high voltage
(VOH) level will be equal to approximately the VCC voltage level.
Input Voltages
Output Voltages
0 V
≈VCC − 1 V
≈VCC − 1 V
VCC
IN
OUT
CB3T
OE
B
A
SW
2
1
4
SN74CB3T1G125
SINGLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE SWITCH
WITH 5-V-TOLERANT LEVEL SHIFTER
SCDS150A – OCTOBER 2003 – REVISED SEPTEMBER 2006
Figure 1. Typical DC Voltage Translation Characteristics
This device is fully specified for partial-power-down applications using Ioff. The Ioff feature ensures that damaging
current will not backflow through the device when it is powered down. The device has isolation during power off.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
FUNCTION TABLE
INPUT
INPUT/OUTPUT
FUNCTION
OE
A
L
B
A port = B port
H
Z
Disconnect
LOGIC DIAGRAM (POSITIVE LOGIC)
2
Submit Documentation Feedback


同様の部品番号 - 74CB3T1G125DBVRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
74CB3T16210DGGRE4 TI-74CB3T16210DGGRE4 Datasheet
200Kb / 14P
[Old version datasheet]   2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
74CB3T16210DGGRG4 TI1-74CB3T16210DGGRG4 Datasheet
767Kb / 18P
[Old version datasheet]   20-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
74CB3T16210DGVRE4 TI-74CB3T16210DGVRE4 Datasheet
200Kb / 14P
[Old version datasheet]   2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
74CB3T16211DGGRE4 TI-74CB3T16211DGGRE4 Datasheet
165Kb / 11P
[Old version datasheet]   24-BIT FET SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
74CB3T16211DGGRE4 TI-74CB3T16211DGGRE4 Datasheet
339Kb / 14P
[Old version datasheet]   24-BIT FET SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
More results

同様の説明 - 74CB3T1G125DBVRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74CB3T1G125-Q1 TI1-SN74CB3T1G125-Q1 Datasheet
554Kb / 13P
[Old version datasheet]   SINGLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T1G125 TI-SN74CB3T1G125 Datasheet
193Kb / 12P
[Old version datasheet]   SINGLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V TOLERANT LEVEL SHIFTER
SN74CB3T3125 TI1-SN74CB3T3125_15 Datasheet
727Kb / 20P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3306 TI1-SN74CB3T3306 Datasheet
606Kb / 15P
[Old version datasheet]   DUAL FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V TOLERANT LEVEL SHIFTER
SN74CB3T16210 TI-SN74CB3T16210 Datasheet
200Kb / 14P
[Old version datasheet]   2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16210 TI1-SN74CB3T16210_16 Datasheet
767Kb / 18P
[Old version datasheet]   20-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16210-Q1 TI1-SN74CB3T16210-Q1 Datasheet
453Kb / 14P
[Old version datasheet]   20-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3384 TI1-SN74CB3T3384_15 Datasheet
924Kb / 19P
[Old version datasheet]   10-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16211 TI-SN74CB3T16211_08 Datasheet
339Kb / 14P
[Old version datasheet]   24-BIT FET SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T16211 TI-SN74CB3T16211 Datasheet
165Kb / 11P
[Old version datasheet]   24-BIT FET SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com