データシートサーチシステム |
|
CD74HCT4051-Q1 データシート(PDF) 8 Page - Texas Instruments |
|
CD74HCT4051-Q1 データシート(HTML) 8 Page - Texas Instruments |
8 / 12 page CD74HCT4051-Q1 HIGH-SPEED CMOS LOGIC ANALOG MULTIPLEXER/DEMULTIPLEXER SCLS569B − JANUARY 2004 − REVISED APRIL 2008 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS Input Signal Voltage − V Figure 9. Typical ON Resistance vs Input Signal Voltage 120 100 80 60 40 20 12 3 4 5 6 7 8 9 VCC − VEE = 4.5 V VCC − VEE = 6 V VCC − VEE = 9 V Frequency − Hz Figure 10. Channel ON Bandwidth 10K 100K 1M 10M 100M −4 −6 −8 −10 −2 0 VCC = 4.5 V GND = −4.5 V VEE = −4.5 V RL = 50 Ω Pin 12 to 3 VCC = 2.25 V GND = −2.25 V VEE = −2.25 V RL = 50 Ω Pin 12 to 3 Figure 11. Channel OFF Feedthrough Frequency − Hz 10K 100K 1M 10M 100M −80 −100 −20 0 −40 −60 VCC = 4.5 V GND = −4.5 V VEE = −4.5 V RL = 50 Ω Pin 12 to 3 VCC = 2.25 V GND = −2.25 V VEE = −2.25 V RL = 50 Ω Pin 12 to 3 |
同様の部品番号 - CD74HCT4051-Q1_12 |
|
同様の説明 - CD74HCT4051-Q1_12 |