データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD74HCT4051QM96Q1 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 CD74HCT4051QM96Q1
部品情報  HIGH-SPEED CMOS LOGIC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HCT4051QM96Q1 データシート(HTML) 3 Page - Texas Instruments

  CD74HCT4051QM96Q1 Datasheet HTML 1Page - Texas Instruments CD74HCT4051QM96Q1 Datasheet HTML 2Page - Texas Instruments CD74HCT4051QM96Q1 Datasheet HTML 3Page - Texas Instruments CD74HCT4051QM96Q1 Datasheet HTML 4Page - Texas Instruments CD74HCT4051QM96Q1 Datasheet HTML 5Page - Texas Instruments CD74HCT4051QM96Q1 Datasheet HTML 6Page - Texas Instruments CD74HCT4051QM96Q1 Datasheet HTML 7Page - Texas Instruments CD74HCT4051QM96Q1 Datasheet HTML 8Page - Texas Instruments CD74HCT4051QM96Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CD74HCT4051-Q1
HIGH-SPEED CMOS LOGIC
ANALOG MULTIPLEXER/DEMULTIPLEXER
SCLS569B − JANUARY 2004 − REVISED APRIL 2008
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range: VCC − VEE (see Note 1)
−0.5 V to 10.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VCC
−0.5 V to +7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VEE
0.5 V to −7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < −0.5 V or VI > VCC + 0.5 V)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < VEE − 0.5 V or VO > VCC + 0.5 V)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Switch current (VI > VEE − 0.5 V or VI < VCC + 0.5 V)
±25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VEE current, IEE
−20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2)
73
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature (during soldering):
At distance 1/16
± 1/32 inch (1,59 ± 0,79 mm) from case for 10 s max
300
°C
. . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltages referenced to GND unless otherwise specified.
2. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions (see Note 3)
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
V
Supply voltage, VCC − VEE (see Figure 1)
2
10
V
VEE
Supply voltage (see Note 4 and Figure 2)
0
−6
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VI
Input control voltage
0
VCC
V
VIS
Analog switch I/O voltage
VEE
VCC
V
tt
Input transition (rise and fall) time
VCC = 4.5 V
0
500
ns
TA
Operating free-air temperature
−40
125
°C
NOTES:
3. All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
4. In certain applications, the external load resistor current may include both VCC and signal-line components. To avoid drawing VCC
current when switch current flows into the transmission gate inputs, the voltage drop across the bidirectional switch must not exceed
0.6 V (calculated from ron values shown in electrical characteristics table). No VCC current flows through RL if the switch current flows
into the COM OUT/IN A terminal.


同様の部品番号 - CD74HCT4051QM96Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD74HCT4051QM96Q1 TI-CD74HCT4051QM96Q1 Datasheet
236Kb / 11P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC ANALOG MULTIPLEXER/DEMULTIPLEXER
More results

同様の説明 - CD74HCT4051QM96Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD74HC190E TI-CD74HC190E Datasheet
292Kb / 10P
[Old version datasheet]   HIGH SPEED CMOS LOGIC
logo
Silicon Supplies
54HC595 SS-54HC595_V01 Datasheet
1Mb / 9P
   High Speed CMOS Logic
Rev 1.2 22/12/21
54HC08 SS-54HC08_19 Datasheet
589Kb / 5P
   High Speed CMOS Logic
54HC20 SS-54HC20 Datasheet
587Kb / 5P
   High Speed CMOS Logic
74HC08 SS-74HC08_19 Datasheet
589Kb / 5P
   High Speed CMOS Logic
74HC32 SS-74HC32_19 Datasheet
757Kb / 5P
   High Speed CMOS Logic
74HC05 SS-74HC05 Datasheet
754Kb / 5P
   High Speed CMOS Logic
54HC00 SS-54HC00 Datasheet
372Kb / 5P
   High Speed CMOS Logic
54HC02 SS-54HC02 Datasheet
803Kb / 5P
   High Speed CMOS Logic
54HC04 SS-54HC04 Datasheet
382Kb / 5P
   High Speed CMOS Logic
74HC00 SS-74HC00 Datasheet
370Kb / 5P
   High Speed CMOS Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com