データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC37J82 データシート(PDF) 8 Page - Texas Instruments

部品番号 DAC37J82
部品情報  Digital-to-Analog Converters
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC37J82 データシート(HTML) 8 Page - Texas Instruments

Back Button DAC37J82_16 Datasheet HTML 4Page - Texas Instruments DAC37J82_16 Datasheet HTML 5Page - Texas Instruments DAC37J82_16 Datasheet HTML 6Page - Texas Instruments DAC37J82_16 Datasheet HTML 7Page - Texas Instruments DAC37J82_16 Datasheet HTML 8Page - Texas Instruments DAC37J82_16 Datasheet HTML 9Page - Texas Instruments DAC37J82_16 Datasheet HTML 10Page - Texas Instruments DAC37J82_16 Datasheet HTML 11Page - Texas Instruments DAC37J82_16 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 122 page
background image
DAC37J82, DAC38J82
SLASE16B – JANUARY 2014 – REVISED MAY 2014
www.ti.com
DC Electrical Characteristics (continued)
Typical values at TA = 25°C, full temperature range is TMIN = -40°C to TMAX = 85°C, nominal supplies, unless otherwise noted.
DAC37J82
DAC38J82
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
POWER SUPPLY
VDDADAC33
3.15
3.3
3.45
3.15
3.3
3.45
V
VDDAPLL18, VDDAREF18,
1.71
1.8
1.89
1.71
1.8
1.89
V
VDDS18, VQPS18, VDDR18
VDDIO18
1.71
1.8
1.89
1.71
1.8
1.89
V
VDDDIG09, VDDDAC09,
0.85
0.9
0.95
0.85
0.9
0.95
V
VDDCLK09, VDDT09
PSRR
Power Supply Rejection Ratio
DC tested
±0.2
±0.2
%FSR/V
POWER CONSUMPTION
I(VDDADAC33)
Analog supply current
-
64
80
MODE 1:(DAC38J82)
I(VDDDIG09)
Digital supply current
-
628
800
fDAC=2.46GSPS, 2x
interpolation,
I(VDDDAC09)
DAC supply current
-
13
25
NCO on, QMC on, inverse
I(VDDCLK09)
Clock supply current
-
86
120
mA
sinc on,
GDC off, PAP off, PLL on,
I(VDDT09)
SerDes core supply current
-
168
250
LMF=421,
I(VDDR18)
SerDes analog supply current
-
18
35
SerDes rate = 12.3GSPS,
20mA FS output,
I(VDD18)
Other 1.8V supply current
-
53
80
IF=150MHz.
P
Power dissipation
-
1144
1290(2)
mW
I(VDDADAC33)
Analog supply current
64
64
MODE 2: (DAC37J82)
I(VDDDIG09)
Digital supply current
418
418
fDAC=1.6GSPS, 2x
I(VDDDAC09)
DAC supply current
10
10
interpolation,
I(VDDCLK09)
Clock supply current
57
57
mA
NCO on, QMC on, invsinc on,
GDC off, PAP off, PLL on,
I(VDDT09)
SerDes core supply current
139
139
LMF=421,
I(VDDR18)
SerDes analog supply current
12
12
SerDes rate = 8GSPS,
I(VDD18)
Other 1.8V supply current
50
50
20mA FS output, IF=150MHz.
P
Power dissipation
884
884
mW
I(VDDADAC33)
Analog supply current
64
64
MODE 3:
I(VDDDIG09)
Digital supply current
363
363
fDAC=1.47456GSPS, 2x
I(VDDDAC09)
DAC supply current
10
10
interpolation,
I(VDDCLK09)
Clock supply current
50
50
mA
NCO on, QMC off, invsinc off,
GDC off,
I(VDDT09)
SerDes core supply current
135
135
PAP off, PLL off, LMF=421,
I(VDDR18)
SerDes analog supply current
12
12
SerDes rate = 7.3728GSPS,
I(VDD18)
Other 1.8V supply current
30
30
20mA FS output, IF=150MHz.
P
Power dissipation
789
789
mW
I(VDDADAC33)
Analog supply current
64
64
MODE 4:
I(VDDDIG09)
Digital supply current
312
312
fDAC=1.47456GSPS, 4x
I(VDDDAC09)
DAC supply current
10
10
interpolation,
I(VDDCLK09)
Clock supply current
50
50
mA
NCO on, QMC off, invsinc off,
GDC off, PAP off, PLL off,
I(VDDT09)
SerDes core supply current
76
76
LMF=222,
I(VDDR18)
SerDes analog supply current
12
12
SerDes rate = 7.3728GSPS,
I(VDD18)
Other 1.8V supply current
30
30
20mA FS output, IF=150MHz.
P
Power dissipation
690
690
mW
(2)
The MAX power limit is set separately which is NOT equal to the power consumption when all of the power supplies are at the MAX
current.
8
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: DAC37J82 DAC38J82


同様の部品番号 - DAC37J82_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC37J82 TI-DAC37J82_15 Datasheet
2Mb / 119P
[Old version datasheet]   DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
More results

同様の説明 - DAC37J82_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADS822 TI1-ADS822_15 Datasheet
882Kb / 18P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTERS
logo
DATEL, Inc.
DAC-88GC-2-C DATEL-DAC-88GC-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88GE-2 DATEL-DAC-88GE-2 Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88GM-2-C DATEL-DAC-88GM-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-HF12BMM DATEL-DAC-HF12BMM Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-HF12BMC DATEL-DAC-HF12BMC Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-HF10BMM-C DATEL-DAC-HF10BMM-C Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-88ME-C DATEL-DAC-88ME-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88ME-2 DATEL-DAC-88ME-2 Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88ME DATEL-DAC-88ME Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-HP16BME-1 DATEL-DAC-HP16BME-1 Datasheet
115Kb / 1P
   Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com