データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC38J82IAAV データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 DAC38J82IAAV
部品情報  Digital-to-Analog Converters
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38J82IAAV データシート(HTML) 9 Page - Texas Instruments

Back Button DAC38J82IAAV Datasheet HTML 5Page - Texas Instruments DAC38J82IAAV Datasheet HTML 6Page - Texas Instruments DAC38J82IAAV Datasheet HTML 7Page - Texas Instruments DAC38J82IAAV Datasheet HTML 8Page - Texas Instruments DAC38J82IAAV Datasheet HTML 9Page - Texas Instruments DAC38J82IAAV Datasheet HTML 10Page - Texas Instruments DAC38J82IAAV Datasheet HTML 11Page - Texas Instruments DAC38J82IAAV Datasheet HTML 12Page - Texas Instruments DAC38J82IAAV Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 122 page
background image
DAC37J82, DAC38J82
www.ti.com
SLASE16B – JANUARY 2014 – REVISED MAY 2014
DC Electrical Characteristics (continued)
Typical values at TA = 25°C, full temperature range is TMIN = -40°C to TMAX = 85°C, nominal supplies, unless otherwise noted.
DAC37J82
DAC38J82
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
I(VDDADAC33)
Analog supply current
13
13
I(VDDDIG09)
Digital supply current
263
263
MODE 5:
I(VDDDAC09)
DAC supply current
8
8
fDAC=1.47456GSPS, x4,
NCO off, QMC off, invsinc off,
I(VDDCLK09)
Clock supply current
50
50
mA
GDC off, PAP off,
I(VDDT09)
SerDes core supply current
76
76
PLL off, LMF=222,
SerDes rate = 7.3728GSPS,
I(VDDR18)
SerDes analog supply current
12
12
DAC output in sleep mode.
I(VDD18)
Other 1.8V supply current
26
26
P
Power dissipation
469
469
mW
I(VDDADAC33)
Analog supply current
64
64
MODE 6:
I(VDDDIG09)
Digital supply current
257
257
fDAC=1000MSPS, 2x
I(VDDDAC09)
DAC supply current
8
8
interpolation,
I(VDDCLK09)
Clock supply current
36
36
mA
NCO off, QMC off, invsinc off,
GDC off, PAP off, PLL on,
I(VDDT09)
SerDes core supply current
85
85
LMF=222, SerDes rate =
I(VDDR18)
SerDes analog supply current
15
15
10GSPS,
I(VDD18)
Other 1.8V supply current
50
50
20mA FS output, IF=150MHz.
P
Power dissipation
676
676
mW
I(VDDADAC33)
Analog supply current
64
64
MODE 7:
I(VDDDIG09)
Digital supply current
256
256
fDAC=1000MSPS, 2x
I(VDDDAC09)
DAC supply current
8
8
interpolation,
I(VDDCLK09)
Clock supply current
35
35
mA
NCO off, QMC off invsinc off,
GDC off,
I(VDDT09)
SerDes core supply current
85
85
PAP off, PLL off, LMF=222,
I(VDDR18)
SerDes analog supply current
15
15
SerDes rate = 10GSPS,
I(VDD18)
Other 1.8V supply current
29
29
20mA FS output, IF=150MHz.
P
Power dissipation
636
636
mW
I(VDDADAC33)
Analog supply current
64
64
MODE 8:
I(VDDDIG09)
Digital supply current
195
195
fDAC=625MSPS, 2x
I(VDDDAC09)
DAC supply current
4
4
interpolation,
I(VDDCLK09)
Clock supply current
22
22
mA
NCO off, QMC off, invsinc off,
GDC off,
I(VDDT09)
SerDes core supply current
119
119
PAP off, PLL off, LMF=421,
I(VDDR18)
SerDes analog supply current
11
11
SerDes rate = 3.125GSPS,
I(VDD18)
Other 1.8V supply current
25
25
20mA FS output, IF=20MHz.
P
Power dissipation
582
582
mW
I(VDDADAC33)
Analog supply current
64
64
MODE 9:
I(VDDDIG09)
Digital supply current
311
311
fDAC=1.23GSPS, no
I(VDDDAC09)
DAC supply current
10
10
interpolation,
I(VDDCLK09)
Clock supply current
42
42
mA
NCO off, QMC off, invsinc off,
GDC off,
I(VDDT09)
SerDes core supply current
165
165
PAP off, PLL off, LMF=421,
I(VDDR18)
SerDes analog supply current
18
18
SerDes rate = 12.3GSPS,
I(VDD18)
Other 1.8V supply current
29
29
20mA FS output, IF=150MHz;
P
Power dissipation
771
771
mW
I(VDDADAC33)
Analog supply current
5
5
I(VDDDIG09)
Digital supply current
76
76
I(VDDDAC09)
DAC supply current
1
1
MODE 10:
I(VDDCLK09)
Clock supply current
1
1
mA
Power down mode, no clock,
DAC in sleep mode,
I(VDDT09)
SerDes core supply current
9
9
SerDes in sleep mode
I(VDDR18)
SerDes analog supply current
0
0
I(VDD18)
Other 1.8V supply current
10
10
P
Power dissipation
112
112
mW
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DAC37J82 DAC38J82


同様の部品番号 - DAC38J82IAAV

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC38J82IAAV TI-DAC38J82IAAV Datasheet
2Mb / 119P
[Old version datasheet]   DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
DAC38J82IAAVR TI-DAC38J82IAAVR Datasheet
2Mb / 119P
[Old version datasheet]   DAC3xJ82 Dual-Channel, 16-Bit, 1.6/2.5 GSPS, Digital-to-Analog Converters with 12.5 Gbps JESD204B Interface
More results

同様の説明 - DAC38J82IAAV

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADS822 TI1-ADS822_15 Datasheet
882Kb / 18P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTERS
logo
DATEL, Inc.
DAC-88GC-2-C DATEL-DAC-88GC-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88GE-2 DATEL-DAC-88GE-2 Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88GM-2-C DATEL-DAC-88GM-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-HF12BMM DATEL-DAC-HF12BMM Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-HF12BMC DATEL-DAC-HF12BMC Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-HF10BMM-C DATEL-DAC-HF10BMM-C Datasheet
115Kb / 1P
   Digital-to-Analog Converters
DAC-88ME-C DATEL-DAC-88ME-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88ME-2 DATEL-DAC-88ME-2 Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88ME DATEL-DAC-88ME Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-HP16BME-1 DATEL-DAC-HP16BME-1 Datasheet
115Kb / 1P
   Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com