データシートサーチシステム |
|
CD74AC163M96 データシート(PDF) 9 Page - Texas Instruments |
|
|
CD74AC163M96 データシート(HTML) 9 Page - Texas Instruments |
9 / 19 page CD54AC163, CD74AC163 4-BIT SYNCHRONOUS BINARY COUNTERS SCHS299B – APRIL 2000 – REVISED MARCH 2003 9 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended operating free-air temperature range, CL = 50 pF (unless otherwise noted) (see Figure 1) PARAMETER FROM (INPUT) TO (OUTPUT) VCC –55 °C to 125 °C –40 °C to 85 °C UNIT (INPUT) (OUTPUT) CC MIN MAX MIN MAX 1.5 V 7 8 fmax 3.3 V ± 0.3 V 64 73 MHz 5 V ± 0.5 V 90 103 1.5 V – 209 – 190 RCO 3.3 V ± 0.3 V 6 23.4 6 21 CLK 5 V ± 0.5 V 4.3 16.7 4.3 15.2 CLK 1.5 V – 207 – 188 tpd Any Q 3.3 V ± 0.3 V 5.9 23.1 5.9 21 ns 5 V ± 0.5 V 4.2 16.5 4.2 15 1.5 V – 129 – 117 ENT RCO 3.3 V ± 0.3 V 3.6 14.4 3.7 13.1 5 V ± 0.5 V 2.6 10.3 2.7 9.4 operating characteristics, TA = 25°C PARAMETER TEST CONDITIONS TYP UNIT Cpd Power dissipation capacitance No load 66 pF |
同様の部品番号 - CD74AC163M96 |
|
同様の説明 - CD74AC163M96 |