データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC101C081Q データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 DAC101C081Q
部品情報  DAC101C08xx 10-Bit Micro Power Digital-to-Analog Converter With an I2C-Compatible Interface
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC101C081Q データシート(HTML) 7 Page - Texas Instruments

Back Button DAC101C081Q Datasheet HTML 3Page - Texas Instruments DAC101C081Q Datasheet HTML 4Page - Texas Instruments DAC101C081Q Datasheet HTML 5Page - Texas Instruments DAC101C081Q Datasheet HTML 6Page - Texas Instruments DAC101C081Q Datasheet HTML 7Page - Texas Instruments DAC101C081Q Datasheet HTML 8Page - Texas Instruments DAC101C081Q Datasheet HTML 9Page - Texas Instruments DAC101C081Q Datasheet HTML 10Page - Texas Instruments DAC101C081Q Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
7
DAC101C081, DAC101C081Q, DAC101C085
www.ti.com
SNVS801B – APRIL 2012 – REVISED JANUARY 2016
Product Folder Links: DAC101C081 DAC101C081Q DAC101C085
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
The following specifications apply for VA = 2.7 V to 5.5 V, VREF = VA, CL = 200 pF to GND, input code range 12 to 1011. All
Maximum and Minimum limits apply for TMIN ≤ TA ≤ TMAX and all Typical limits are at TA = 25°C (unless otherwise specified).
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX(1)
UNIT
IOS
Output short circuit current
(ISOURCE)
VA = 3 V, VOUT = 0 V,
Input code = FFFh.
56
mA
VA = 5 V, VOUT = 0 V,
Input code = FFFh.
69
mA
IOS
Output short circuit current
(ISINK)
VA = 3 V, VOUT = 3 V,
Input code = 000h.
−52
mA
VA = 5 V, VOUT = 5 V,
Input code = 000h.
−75
mA
IO
Continuous output
current (2)
Available on the DAC output
11
mA
CL
Maximum load capacitance
RL = ∞
1500
pF
RL = 2 kΩ
1500
pF
ZOUT
DC output impedance
7.5
REFERENCE INPUT CHARACTERISTICS- (DAC101C085 only)
VREF
Input range inimum
1
0.2
V
Input range maximum
VA
V
Input impedance
120
k
LOGIC INPUT CHARACTERISTICS (SCL, SDA)
VIH
Input high voltage
0.7 × VA
V
VIL
Input low voltage
0.3 × VA
V
IIN
Input current
±1
µA
CIN
Input pin capacitance(2)
3
pF
VHYST
Input hysteresis
0.1 × VA
V
LOGIC INPUT CHARACTERISTICS (ADR0, ADR1)
VIH
Input high voltage
VA– 0.5
V
VIL
Input low voltage
0.5
V
IIN
Input current
±1
µA
LOGIC OUTPUT CHARACTERISTICS (SDA)
VOL
Output low voltage
ISINK = 3 mA
0.4
V
ISINK = 6 mA
0.6
V
IOZ
High-impedence output
leakage current
±1
µA
POWER REQUIREMENTS
VA
Supply voltage minimum
2.7
V
Supply voltage maximum
5.5
V
Normal -- VOUT set to midscale. 2-wire interface quiet (SCL = SDA = VA). (output unloaded)
IST_VA-1
VADAC101C081 supply current
VA = 2.7 V to 3.6 V
105
156
µA
VA = 4.5 V to 5.5 V
132
214
µA
IST_VA-5
VADAC101C085 supply current
VA = 2.7 V to 3.6 V
86
118
µA
VA = 4.5 V to 5.5 V
98
152
µA
IST_VREF
VREF supply current
(DAC101C085 only)
VA = 2.7 V to 3.6 V
37
43
µA
VA = 4.5 V to 5.5 V
53
61
µA
PST
Power consumption
(VA & VREF for DAC101C085)
VA = 3 V
380
µW
VA = 5 V
730
µW
Continuous Operation -- 2-wire interface actively addressing the DAC and writing to the DAC register. (output unloaded)


同様の部品番号 - DAC101C081Q

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC101C081Q TI-DAC101C081Q Datasheet
1Mb / 36P
[Old version datasheet]   DAC101C081/DAC101C081Q/DAC101C085 10-Bit Micro Power Digital-to-Analog Converter with an I2C??Compatible Interface
More results

同様の説明 - DAC101C081Q

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
DAC101C081CIMK NSC-DAC101C081CIMK Datasheet
661Kb / 24P
   10-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
DAC121C081 NSC-DAC121C081 Datasheet
681Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
DAC081C081 NSC-DAC081C081_08 Datasheet
641Kb / 24P
   8-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
DAC121C081 NSC-DAC121C081_08 Datasheet
683Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
logo
Texas Instruments
DAC101C085CIMM TI-DAC101C085CIMM Datasheet
1Mb / 36P
[Old version datasheet]   DAC101C081/DAC101C081Q/DAC101C085 10-Bit Micro Power Digital-to-Analog Converter with an I2C??Compatible Interface
ADC101C021 TI1-ADC101C021_14 Datasheet
1Mb / 44P
[Old version datasheet]   I2C-Compatible, 10-Bit Analog-to-Digital Converter (ADC) with Alert Function
ADS1000 TI1-ADS1000_14 Datasheet
629Kb / 23P
[Old version datasheet]   LOW-POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
logo
Analog Devices
ADS1000 AD-ADS1000 Datasheet
243Kb / 17P
   LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
logo
Texas Instruments
ADS1000-Q1 TI1-ADS1000-Q1 Datasheet
661Kb / 20P
[Old version datasheet]   LOW-POWER 12-BIT ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
DAC6573 TI-DAC6573 Datasheet
623Kb / 31P
[Old version datasheet]   QUAD, 10-Bit, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL TO ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com