データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74SSTVF16859SR データシート(PDF) 5 Page - Texas Instruments

部品番号 SN74SSTVF16859SR
部品情報  13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74SSTVF16859SR データシート(HTML) 5 Page - Texas Instruments

  SN74SSTVF16859SR Datasheet HTML 1Page - Texas Instruments SN74SSTVF16859SR Datasheet HTML 2Page - Texas Instruments SN74SSTVF16859SR Datasheet HTML 3Page - Texas Instruments SN74SSTVF16859SR Datasheet HTML 4Page - Texas Instruments SN74SSTVF16859SR Datasheet HTML 5Page - Texas Instruments SN74SSTVF16859SR Datasheet HTML 6Page - Texas Instruments SN74SSTVF16859SR Datasheet HTML 7Page - Texas Instruments SN74SSTVF16859SR Datasheet HTML 8Page - Texas Instruments SN74SSTVF16859SR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SN74SSTVF16859
13BIT TO 26BIT REGISTERED BUFFER
WITH SSTL_2 INPUTS AND OUTPUTS
SCES429B − MARCH 2003 − REVISED FEBRUARY 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics for PC3200 over recommended operating free-air temperature range
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC†
MIN
TYP‡
MAX
UNIT
VIK
II = −18 mA
2.5 V
−1.2
V
VOH
IOH = −100 µA
2.5 V to 2.7 V
VDDQ−0.2
V
VOH
IOH = −8 mA
2.5 V
1.95
V
VOL
IOL = 100 µA
2.5 V to 2.7 V
0.2
V
VOL
IOL = 8 mA
2.5 V
0.35
V
II
All inputs
VI = VCC or GND
2.7 V
±5
µA
ICC
Static standby
RESET = GND
IO = 0
2.7 V
10
µA
ICC
Static operating
RESET = VCC, VI = VIH(AC) or VIL(AC)
IO = 0
2.7 V
25
mA
Dynamic operating −
clock only
RESET = VCC, VI = VIH(AC) or VIL(AC),
CLK and CLK switching 50% duty cycle
19
µA/
MHz
ICCD
Dynamic operating −
per each data input
RESET = VCC, VI = VIH(AC) or VIL(AC),
CLK and CLK switching 50% duty cycle,
One data input switching at one-half clock
frequency, 50% duty cycle
IO = 0
2.6 V
7
µA/
clock
MHz/
D input
Data inputs
VI = VREF ± 310 mV
2.5
3
3.5
Ci§
CLK, CLK
VICR = 1.25 V, VI(PP) = 360mV
2.6 V
2.5
3
3.5
pF
Ci
RESET
VI = VCC or GND
2.6 V
2.3
3
3.5
pF
† For this test condition, VDDQ always is equal to VCC.
‡ All typical values are at VCC = 2.6 V, TA = 25°C.
§ Measured at 50-MHz input frequency
timing requirements over recommended operating free-air temperature range (unless otherwise
noted) (see Figure 1)
VCC = 2.5 V
± 0.2 V†
VCC = 2.6 V
± 0.1 V†
UNIT
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
500
500
MHz
tw
Pulse duration, CLK, CLK high or low
1
1
ns
tact
Differential inputs active time (see Note 6)
22
22
ns
tinact
Differential inputs inactive time (see Note 7)
22
22
ns
tsu
Setup time
Fast slew rate (see Notes 8 and 10)
Data before CLK
↑, CLK↓
0.65
0.65
ns
tsu
Setup time
Slow slew rate (see Notes 9 and 10)
Data before CLK
↑, CLK↓
0.75
0.75
ns
th
Hold time
Fast slew rate (see Notes 8 and 10)
Data after CLK
↑, CLK↓
0.65
0.65
ns
th
Hold time
Slow slew rate (see Notes 9 and 10)
Data after CLK
↑, CLK↓
0.8
0.8
ns
† For this test condition, VDDQ always is equal to VCC.
NOTES:
6. VREF must be held at a valid input level, and data inputs must be held low for a minimum time of tact max, after RESET is taken high.
7. VREF, data, and clock inputs must be held at valid voltage levels (not floating) for a minimum time of tinact max, after RESET is taken
low.
8. For data signal input slew rate
≥1 V/ns.
9. For data signal input slew rate
≥0.5 V/ns and <1 V/ns.
10. CLK, CLK signals input slew rates are
≥1 V/ns.


同様の部品番号 - SN74SSTVF16859SR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74SSTVF16859SR TI-SN74SSTVF16859SR Datasheet
191Kb / 11P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTVF16859SR TI1-SN74SSTVF16859SR Datasheet
897Kb / 16P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
More results

同様の説明 - SN74SSTVF16859SR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74SSTVF16859 TI1-SN74SSTVF16859_17 Datasheet
897Kb / 16P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV16859 TI-SN74SSTV16859 Datasheet
166Kb / 10P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTVF16859 TI-SN74SSTVF16859 Datasheet
191Kb / 11P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV16859 TI1-SN74SSTV16859_17 Datasheet
878Kb / 15P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV16859 TI1-SN74SSTV16859_16 Datasheet
663Kb / 15P
[Old version datasheet]   3-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV16857 TI-SN74SSTV16857 Datasheet
156Kb / 9P
[Old version datasheet]   14-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
logo
Integrated Device Techn...
IDT74SSTV16859 IDT-IDT74SSTV16859 Datasheet
71Kb / 6P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVF16859 IDT-IDT74SSTVF16859_07 Datasheet
80Kb / 7P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVF16859 IDT-IDT74SSTVF16859 Datasheet
78Kb / 7P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVN16859 IDT-IDT74SSTVN16859 Datasheet
65Kb / 7P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com