データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC7513 データシート(PDF) 3 Page - Texas Instruments

部品番号 DAC7513
部品情報  Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7513 データシート(HTML) 3 Page - Texas Instruments

  DAC7513_13 Datasheet HTML 1Page - Texas Instruments DAC7513_13 Datasheet HTML 2Page - Texas Instruments DAC7513_13 Datasheet HTML 3Page - Texas Instruments DAC7513_13 Datasheet HTML 4Page - Texas Instruments DAC7513_13 Datasheet HTML 5Page - Texas Instruments DAC7513_13 Datasheet HTML 6Page - Texas Instruments DAC7513_13 Datasheet HTML 7Page - Texas Instruments DAC7513_13 Datasheet HTML 8Page - Texas Instruments DAC7513_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
DAC7513
3
SBAS157A
www.ti.com
MSOP-8
SOT23-8
NAME
DESCRIPTION
14
VDD
Power Supply Input, +2.7V to +5.5V
23
VREF
Reference Voltage Input
32
VFB
Feedback connection for the output amplifier.
41
VOUT
Analog output voltage from DAC. The output amplifier has rail-to-rail operation.
5
8
SYNC
Level triggered control input (active LOW), this is the frame sychronization signal for the input data. When SYNC
goes LOW, it enables the input shift register and data is transferred in on the falling edges of the following clocks.
The DAC is updated following the 16th clock cycle unless SYNC is taken HIGH before this edge in which case
the rising edge of SYNC acts as an interrupt and the write sequence is ignored by the DAC7513.
6
7
SCLK
Serial Clock Input. Data can be transferred at rates up to 30MHz.
76
DIN
Serial Data Input. Data is clocked into the 16-bit input shift register on the falling edge of the serial clock input.
8
5
GND
Ground reference point for all circuitry on the part.
PIN DESCRIPTIONS
MARKING ARTWORK
Top View
SOT23-8
MSOP-8
Lot
Trace Code
Pin 1
Model Code
(4 Characters Max.)
GRS00035 Option 1
Pin 1
Identifier
Pin 1
D13N
Bottom View
YMLL
Lot Trace Code
GRS00035 Option 1


同様の部品番号 - DAC7513_13

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC7513E/250 TI-DAC7513E/250 Datasheet
455Kb / 18P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7513E/2K5 TI-DAC7513E/2K5 Datasheet
455Kb / 18P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7513N/250 TI-DAC7513N/250 Datasheet
455Kb / 18P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7513N/3K TI-DAC7513N/3K Datasheet
455Kb / 18P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
More results

同様の説明 - DAC7513_13

メーカー部品番号データシート部品情報
logo
Burr-Brown (TI)
DAC7512 BURR-BROWN-DAC7512 Datasheet
907Kb / 20P
   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7513 TI-DAC7513 Datasheet
455Kb / 18P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8501 BURR-BROWN-DAC8501 Datasheet
321Kb / 16P
   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8531 TI-DAC8531 Datasheet
362Kb / 19P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8501 TI1-DAC8501_13 Datasheet
729Kb / 22P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8531 TI1-DAC8531_14 Datasheet
1Mb / 27P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7512 TI1-DAC7512_15 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
11696 TI-11696 Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com