データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC7545GLUG4 データシート(PDF) 3 Page - Texas Instruments

部品番号 DAC7545GLUG4
部品情報  CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7545GLUG4 データシート(HTML) 3 Page - Texas Instruments

  DAC7545GLUG4 Datasheet HTML 1Page - Texas Instruments DAC7545GLUG4 Datasheet HTML 2Page - Texas Instruments DAC7545GLUG4 Datasheet HTML 3Page - Texas Instruments DAC7545GLUG4 Datasheet HTML 4Page - Texas Instruments DAC7545GLUG4 Datasheet HTML 5Page - Texas Instruments DAC7545GLUG4 Datasheet HTML 6Page - Texas Instruments DAC7545GLUG4 Datasheet HTML 7Page - Texas Instruments DAC7545GLUG4 Datasheet HTML 8Page - Texas Instruments DAC7545GLUG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DAC7545
3
SBAS150A
www.ti.com
ELECTRICAL CHARACTERISTICS
VREF = +10V, VOUT 1 = 0V, and ACOM = DCOM, unless otherwise specified.
NOTES: (1) Temperature ranges—J, K, L, and GL: –40
°C to +85°C. (2) This includes the effect of 5ppm max, gain TC. (3) Ensured but not tested. (4) DB
0-DB11 = 0V
to VDD or VDD to 0V. (5) Typical. (6) Minimum. (7) Logic inputs are MOS gates. Typical input current (+25°C) is less than 1nA. (8) Sample tested at +25°C to ensure
compliance.
DAC7545
VDD = +5V
VDD = +15V
PARAMETER
GRADE
TA = +25°CTMAX-TMIN(1)
TA = +25°CTMAX-TMIN(1)
UNITS
TEST CONDITIONS/COMMENTS
STATIC PERFORMANCE
Resolution
All
12
12
12
12
Bits
Accuracy
J
±2
±2
±2
±2LSB
K
±1
±1
±1
±1LSB
L
±1/2
±1/2
±1/2
±1/2
LSB
GL
±1/2
±1/2
±1/2
±1/2
LSB
Differential Nonlinearity
J
±4
±4
±4
±4
LSB
10-Bit Monotonic, TMIN to TMAX
K
±1
±1
±1
±1
LSB
10-Bit Monotonic, TMIN to TMAX
L
±1
±1
±1
±1
LSB
12-Bit Monotonic, TMIN to TMAX
GL
±1
±1
±1
±1
LSB
12-Bit Monotonic, TMIN to TMAX
Gain Error (with internal RFB)(2)
J
±20
±20
±25
±25
LSB
DAC register loaded with FFFH.
K
±10
±10
±15
±15
LSB
Gain error is adjustable using
L
±5
±6
±10
±10
LSB
the circuits in Figures 2 and 3.
GL
±2
±3
±6
±7LSB
Gain Temperature Coefficient(3)
(
∆Gain/∆Temperature)
All
±5
±5
±10
±10
ppm/
°C Typical Value is 2ppm/°C
for VDD = +5
DC Supply Rejection(3)
(
∆Gain/∆V
DD)
All
0.015
0.03
0.01
0.02
%/%
∆V
DD ± 5%
Output Leakage Current at Out 1
J, K, L, GL
10
50
10
50
nA
DB0-DB11 = 0V; WR, CS = 0V
DYNAMIC PERFORMANCE
Current Settling Time(3)
All
2
2
2
2
µs
To 1/2 LSB. Out 1 Load = 100
DAC output measured from
falling edge of WR. CS = 0V.
Propagation Delay(3) (from digital input
All
change to 90% of final analog output)
300
250
ns
Out 1 Load = 100
Ω. C
EXT = 13pF
(4)
Glitch Energy
All
400
250
nV-s(5)
VREF = ACOM
AC Feedback at IOUT 1
All
5
5
5
5
mVp-p(5) VREF = ±10V, 10kHz Sine Wave
REFERENCE INPUT
Input Resistance (pin 19 to AGND)
All
7
7
7
7
k
(6)
Input Resistance TC = 300ppm/
°C(5)
25
25
25
25
k
AC OUTPUTS
Output Capacitance(3): COUT 1
All
70
70
70
70
pF
DB0-DB11 = 0V; WR, CS = 0V
COUT 2
All
200
200
200
200
pF
DB0-DB11 = VDD; WR, CS = 0V
DIGITAL INPUTS
VIH (Input HIGH Voltage)
All
2.4
2.4
13.5
13.5
V(6)
VIL (Input LOW Voltage)
All
0.8
0.8
1.5
1.5
V
IIN (Input Current)(7)
All
±1
±10
±1
±10
µAV
IN = 0V or VDD
Input Capacitance(3): DB0-DB11
All
5
5
5
5
pF
VIN = 0V
WR, CS
All
20
20
20
20
pF
VIN = 0V
SWITCHING CHARACTERISTICS(8)
Chip Select to Write Setup Time, tCS
All
280
380
180
200
ns(6)
See Timing Diagram
200
270
120
150
ns(5)
Chip Select to Write Hold Time, tCH
All
0
0
0
0
ns(6)
Write Pulse Width, tWR
All
250
400
160
240
ns(6)
tCS ≥ tWR, tCH ≥ 0
175
280
100
170
ns(5)
Data Setup Time, tDS
All
140
210
90
120
ns(6)
100
150
60
80
ns(5)
Data Hold Time, tDH
All
10
10
10
10
ns(6)
POWER SUPPLY, IDD
All
2
2
2
2
mA
All Digital Inputs VIL or VIH
All
100
500
100
500
µA
All Digital Inputs 0V or VDD
All
10
10
10
10
µA(5)
All Digital Inputs 0V or VDD


同様の部品番号 - DAC7545GLUG4

メーカー部品番号データシート部品情報
logo
Burr-Brown (TI)
DAC7545GLU BURR-BROWN-DAC7545GLU Datasheet
383Kb / 12P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545GLU TI1-DAC7545GLU Datasheet
383Kb / 12P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
More results

同様の説明 - DAC7545GLUG4

メーカー部品番号データシート部品情報
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
203Kb / 7P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC811 BURR-BROWN-DAC811 Datasheet
96Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC811 TI1-DAC811 Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC813 TI1-DAC813 Datasheet
548Kb / 16P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC813 BURR-BROWN-DAC813 Datasheet
298Kb / 11P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP7626 EXAR-MP7626 Datasheet
118Kb / 12P
   Microprocessor Compatible Buffered Multiplying 16-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC667 BURR-BROWN-DAC667 Datasheet
159Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP1230A EXAR-MP1230A Datasheet
114Kb / 12P
   CMOS Microprocessor Compatible Double-Buffered 12-Bit Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com