データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC7551IDRNR データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 DAC7551IDRNR
部品情報  12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7551IDRNR データシート(HTML) 5 Page - Texas Instruments

  DAC7551IDRNR Datasheet HTML 1Page - Texas Instruments DAC7551IDRNR Datasheet HTML 2Page - Texas Instruments DAC7551IDRNR Datasheet HTML 3Page - Texas Instruments DAC7551IDRNR Datasheet HTML 4Page - Texas Instruments DAC7551IDRNR Datasheet HTML 5Page - Texas Instruments DAC7551IDRNR Datasheet HTML 6Page - Texas Instruments DAC7551IDRNR Datasheet HTML 7Page - Texas Instruments DAC7551IDRNR Datasheet HTML 8Page - Texas Instruments DAC7551IDRNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
www.ti.com
PIN CONFIGURATION
V
DD
V
H
REF
V
L
REF
V
FB
V
OUT
GND
IOV
DD
SDO
SDIN
SCLK
SYNC
CLR
1
2
3
4
5
6
12
11
10
9
8
7
DAC7751
Thermal
Pad
(1)
DAC7551
SLAS441E – MARCH 2005 – REVISED APRIL 2007
Pin Descriptions
PIN
NO.
NAME
DESCRIPTION
1
VDD
Analog voltage supply input
2
VREFH
Positive reference voltage input
3
VREFL
Negative reference voltage input
4
VFB
DAC amplifier sense input.
5
VOUT
Analog output voltage from DAC
6
GND(1)
Ground.
Asynchronous input to clear the DAC registers. When CLR is low, the DAC register is set to 000h and the output
7
CLR
voltage to 0V.
Frame synchronization input. The falling edge of the SYNC pulse indicates the start of a serial data frame shifted out
8
SYNC
to the DAC7551.
9
SCLK
Serial clock input
10
SDIN
Serial data input
11
SDO
Serial data output
12
IOVDD
I/O voltage supply input
(1)
Thermal pad should be connected to GND.
5
Submit Documentation Feedback


同様の部品番号 - DAC7551IDRNR

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC7551IDRNR TI-DAC7551IDRNR Datasheet
539Kb / 18P
[Old version datasheet]   12-BIT, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results

同様の説明 - DAC7551IDRNR

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC7551-Q1 TI1-DAC7551-Q1 Datasheet
886Kb / 22P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7551-Q1 TI1-DAC7551-Q1_15 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter
DAC7564IAPW TI1-DAC7564IAPW Datasheet
1Mb / 51P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC8550 TI-DAC8550_15 Datasheet
983Kb / 28P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8551 TI-DAC8551 Datasheet
1Mb / 22P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7551 TI-DAC7551 Datasheet
539Kb / 18P
[Old version datasheet]   12-BIT, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8550 TI1-DAC8550_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7553 TI1-DAC7553_14 Datasheet
1Mb / 26P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552 TI-DAC7552 Datasheet
862Kb / 22P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com