データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD74HCT74MT データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 CD74HCT74MT
部品情報  Dual D Flip-Flop with Set and Reset
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HCT74MT データシート(HTML) 1 Page - Texas Instruments

  CD74HCT74MT Datasheet HTML 1Page - Texas Instruments CD74HCT74MT Datasheet HTML 2Page - Texas Instruments CD74HCT74MT Datasheet HTML 3Page - Texas Instruments CD74HCT74MT Datasheet HTML 4Page - Texas Instruments CD74HCT74MT Datasheet HTML 5Page - Texas Instruments CD74HCT74MT Datasheet HTML 6Page - Texas Instruments CD74HCT74MT Datasheet HTML 7Page - Texas Instruments CD74HCT74MT Datasheet HTML 8Page - Texas Instruments CD74HCT74MT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS124D
Features
• Hysteresis on Clock Inputs for Improved Noise
Immunity and Increased Input Rise and Fall Times
• Asynchronous Set and Reset
• Complementary Outputs
• Buffered Inputs
• Typical fMAX = 50MHz at VCC = 5V, CL = 15pF,
TA = 25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC74 and ’HCT74 utilize silicon gate CMOS technology
to achieve operating speeds equivalent to LSTTL parts.
They exhibit the low power consumption of standard CMOS
integrated circuits, together with the ability to drive 10 LSTTL
loads.
This flip-flop has independent DATA, SET, RESET and
CLOCK inputs and Q and Q outputs. The logic level present
at the data input is transferred to the output during the
positive-going transition of the clock pulse. SET and RESET
are independent of the clock and are accomplished by a low
level at the appropriate input.
The HCT logic family is functionally as well as pin compatible
with the standard LS logic family.
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC74F3A
-55 to 125
14 Ld CERDIP
CD54HCT74F3A
-55 to 125
14 Ld CERDIP
CD74HC74E
-55 to 125
14 Ld PDIP
CD74HC74M
-55 to 125
14 Ld SOIC
CD74HC74MT
-55 to 125
14 Ld SOIC
CD74HC74M96
-55 to 125
14 Ld SOIC
CD74HCT74E
-55 to 125
14 Ld PDIP
CD74HCT74M
-55 to 125
14 Ld SOIC
CD74HCT74MT
-55 to 125
14 Ld SOIC
CD74HCT74M96
-55 to 125
14 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel of
250.
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC74, CD74HC74,
CD54HCT74, CD74HCT74
Dual D Flip-Flop with Set and Reset
Positive-Edge Trigger
[ /Title
(CD54H
C74,
CD74H
C74,
CD74H
CT74)
/Subject
(Dual D
Flip-
Flop
with Set
January 1998 - Revised September 2003


同様の部品番号 - CD74HCT74MT

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD74HCT74MT TI-CD74HCT74MT Datasheet
276Kb / 12P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset Positive-Edge Trigger
More results

同様の説明 - CD74HCT74MT

メーカー部品番号データシート部品情報
logo
KODENSHI_AUK CORP.
KK74VHC74 KODENSHI-KK74VHC74 Datasheet
311Kb / 7P
   DUAL D FLIP-FLOP WITH SET AND RESET
logo
IK Semicon Co., Ltd
IN74VHCT74 IKSEMICON-IN74VHCT74 Datasheet
290Kb / 7P
   Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HC74A ONSEMI-MC74HC74A Datasheet
187Kb / 8P
   Dual D Flip-Flop with Set and Reset
March, 2000 ??Rev. 8
logo
KODENSHI_AUK CORP.
KK74VHCT74 KODENSHI-KK74VHCT74 Datasheet
303Kb / 7P
   Dual D Flip-Flop with Set and Reset
logo
IK Semicon Co., Ltd
IN74HC74A IKSEMICON-IN74HC74A Datasheet
228Kb / 6P
   Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HC74A ONSEMI-MC74HC74A_11 Datasheet
150Kb / 9P
   Dual D Flip-Flop with Set and Reset
May, 2011 ??Rev. 12
logo
Integral Corp.
IN74VHC74 INTEGRAL-IN74VHC74 Datasheet
295Kb / 7P
   DUAL D FLIP-FLOP WITH SET AND RESET
logo
KODENSHI_AUK CORP.
KK74HC74A KODENSHI-KK74HC74A Datasheet
241Kb / 6P
   Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HCT74A ONSEMI-MC74HCT74A_14 Datasheet
103Kb / 5P
   Dual D Flip-Flop with Set and Reset
September, 2014 ??Rev. 12
MC74HC74A ONSEMI-MC74HC74A_14 Datasheet
116Kb / 7P
   Dual D Flip-Flop with Set and Reset
August, 2014 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com