データシートサーチシステム |
|
CD74HC4511M96 データシート(PDF) 7 Page - Texas Instruments |
|
|
CD74HC4511M96 データシート(HTML) 7 Page - Texas Instruments |
7 / 22 page CD54HC4511, CD74HC4511, CD74HCT4511 BCDTO7 SEGMENT LATCH/DECODER/DRIVERS SCHS279D − DECEMBER 1998 − REVISED OCTOBER 2003 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 ’HC4511 switching characteristics over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1) PARAMETER FROM (INPUT) TO (OUTPUT) LOAD CAPACITANCE VCC TA = 25°C TA = −55°C TO 125 °C TA = −40°C TO 85 °C UNIT PARAMETER (INPUT) (OUTPUT) CAPACITANCE VCC MIN TYP MAX MIN MAX MIN MAX UNIT 2 V 300 450 375 Dn Output CL = 50 pF 4.5 V 60 90 75 Dn Output CL = 50 pF 6 V 51 77 64 CL = 15 pF 5 V 25 2 V 270 405 340 LE Output CL = 50 pF 4.5 V 54 81 68 LE Output CL = 50 pF 6 V 46 69 58 tpd CL = 15 pF 5 V 23 ns tpd 2 V 220 330 275 ns BL Output CL = 50 pF 4.5 V 44 66 55 BL Output CL = 50 pF 6 V 37 56 47 CL = 15 pF 5 V 18 2 V 160 240 200 LT Output CL = 50 pF 4.5 V 32 48 40 LT Output CL = 50 pF 6 V 27 41 34 CL = 15 pF 5 V 13 2 V 75 110 95 tt Any CL = 50 pF 4.5 V 15 22 19 ns tt Any CL = 50 pF 6 V 13 19 16 ns |
同様の部品番号 - CD74HC4511M96 |
|
同様の説明 - CD74HC4511M96 |