データシートサーチシステム |
|
CD74AC251-MIL データシート(PDF) 1 Page - Texas Instruments |
|
CD74AC251-MIL データシート(HTML) 1 Page - Texas Instruments |
1 / 14 page 1 Data sheet acquired from Harris Semiconductor SCHS246 Features • Buffered Inputs • Typical Propagation Delay - 6ns at VCC = 5V, TA = 25 oC, C L = 50pF • Exceeds 2kV ESD Protection MIL-STD-883, Method 3015 • SCR-Latchup-Resistant CMOS Process and Circuit Design • Speed of Bipolar FAST™/AS/S with Significantly Reduced Power Consumption • Balanced Propagation Delays • AC Types Feature 1.5V to 5.5V Operation and Balanced Noise Immunity at 30% of the Supply • ±24mA Output Drive Current - Fanout to 15 FAST™ ICs - Drives 50 Ω Transmission Lines Pinout CD74AC251, CD74ACT251 (PDIP, SOIC) TOP VIEW Description The CD74AC251 and CD74ACT251 8-input multiplexers that utilize the Harris Advanced CMOS Logic technology. This multiplexer features both true (Y) and complement (Y) outputs as well as an Output Enable (OE) input. The OE must be at a LOW logic level to enable this device. When the OE input is HIGH, both outputs are in the high-impedance state. When enabled, address information on the data select inputs deter- mines which data input is routed to the Y and Y outputs. 14 15 16 9 13 12 11 10 1 2 3 4 5 7 6 8 I3 I2 I1 I0 Y Y GND OE VCC I5 I6 I7 S0 S1 S2 I4 Ordering Information PART NUMBER TEMP. RANGE (oC) PACKAGE PKG. NO. CD74AC251E 0 to 70oC, -40 to 85, -55 to 125 16 Ld PDIP E16.3 CD74ACT251E 0 to 70oC, -40 to 85, -55 to 125 16 Ld PDIP E16.3 CD74AC251M 0 to 70oC, -40 to 85, -55 to 125 16 Ld SOIC M16.15 CD74ACT251M 0 to 70oC, -40 to 85, -55 to 125 16 Ld SOIC M16.15 NOTES: 1. When ordering, use the entire part number. Add the suffix 96 to obtain the variant in the tape and reel. 2. Wafer and die for this part number is available which meets all elec- trical specifications. Please contact your local sales office or Harris customer service for ordering information. August 1998 CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures. FAST™ is a Trademark of Fairchild Semiconductor. Copyright © Harris Corporation 1998 CD74AC251, CD74ACT251 8-Input Multiplexer, Three-State File Number 1981.1 |
同様の部品番号 - CD74AC251-MIL |
|
同様の説明 - CD74AC251-MIL |