データシートサーチシステム |
|
CD74HC74MTE4 データシート(PDF) 1 Page - Texas Instruments |
|
|
CD74HC74MTE4 データシート(HTML) 1 Page - Texas Instruments |
1 / 17 page 1 Data sheet acquired from Harris Semiconductor SCHS124D Features • Hysteresis on Clock Inputs for Improved Noise Immunity and Increased Input Rise and Fall Times • Asynchronous Set and Reset • Complementary Outputs • Buffered Inputs • Typical fMAX = 50MHz at VCC = 5V, CL = 15pF, TA = 25 oC • Fanout (Over Temperature Range) - Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads - Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads • Wide Operating Temperature Range . . . -55oC to 125oC • Balanced Propagation Delay and Transition Times • Significant Power Reduction Compared to LSTTL Logic ICs • HC Types - 2V to 6V Operation - High Noise Immunity: NIL = 30%, NIH = 30% of VCC at VCC = 5V • HCT Types - 4.5V to 5.5V Operation - Direct LSTTL Input Logic Compatibility, VIL= 0.8V (Max), VIH = 2V (Min) - CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH Description The ’HC74 and ’HCT74 utilize silicon gate CMOS technology to achieve operating speeds equivalent to LSTTL parts. They exhibit the low power consumption of standard CMOS integrated circuits, together with the ability to drive 10 LSTTL loads. This flip-flop has independent DATA, SET, RESET and CLOCK inputs and Q and Q outputs. The logic level present at the data input is transferred to the output during the positive-going transition of the clock pulse. SET and RESET are independent of the clock and are accomplished by a low level at the appropriate input. The HCT logic family is functionally as well as pin compatible with the standard LS logic family. Ordering Information PART NUMBER TEMP. RANGE (oC) PACKAGE CD54HC74F3A -55 to 125 14 Ld CERDIP CD54HCT74F3A -55 to 125 14 Ld CERDIP CD74HC74E -55 to 125 14 Ld PDIP CD74HC74M -55 to 125 14 Ld SOIC CD74HC74MT -55 to 125 14 Ld SOIC CD74HC74M96 -55 to 125 14 Ld SOIC CD74HCT74E -55 to 125 14 Ld PDIP CD74HCT74M -55 to 125 14 Ld SOIC CD74HCT74MT -55 to 125 14 Ld SOIC CD74HCT74M96 -55 to 125 14 Ld SOIC NOTE: When ordering, use the entire part number. The suffix 96 denotes tape and reel. The suffix T denotes a small-quantity reel of 250. CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures. Copyright © 2003, Texas Instruments Incorporated CD54HC74, CD74HC74, CD54HCT74, CD74HCT74 Dual D Flip-Flop with Set and Reset Positive-Edge Trigger [ /Title (CD54H C74, CD74H C74, CD74H CT74) /Subject (Dual D Flip- Flop with Set January 1998 - Revised September 2003 |
同様の部品番号 - CD74HC74MTE4 |
|
同様の説明 - CD74HC74MTE4 |