データシートサーチシステム |
|
CD74AC541SM96G4 データシート(PDF) 1 Page - Texas Instruments |
|
CD74AC541SM96G4 データシート(HTML) 1 Page - Texas Instruments |
1 / 18 page 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Copyright © 1999, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. The CD54/74AC540, -541, and CD54/74ACT540, -541 octal buffer/line drivers use the RCA ADVANCED CMOS technology. The CD54/74AC/ACT540 are inverting 3-state buffers having two active-LOW output enables. The CD54/74AC/ACT541 are non-inverting 3-state buffers having two active-LOW output enables. The CD74AC540, -541, and CD74ACT540, -541 are supplied in 20-lead dual-in-line plastic packages (E suffix) and in 20-lead dual-in-line small-outline plastic packages (M suffix). Both package types are operable over the following temperature ranges: Industrial (–40 to +85 °C) and Extended Industrial/Military (–55 to +125°C). The CD54AC540, -541, and CD54ACT540, -541, available in chip form (H suffix), are operable over the –55 to +125 °C temperature range. L H Z Data sheet acquired from Harris Semiconductor SCHS285A – Revised November 1999 |
同様の部品番号 - CD74AC541SM96G4 |
|
同様の説明 - CD74AC541SM96G4 |