データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC8801IDGKT データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 DAC8801IDGKT
部品情報  14-Bit, Serial Input Multiplying Digital-to-Analog Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8801IDGKT データシート(HTML) 8 Page - Texas Instruments

Back Button DAC8801IDGKT Datasheet HTML 4Page - Texas Instruments DAC8801IDGKT Datasheet HTML 5Page - Texas Instruments DAC8801IDGKT Datasheet HTML 6Page - Texas Instruments DAC8801IDGKT Datasheet HTML 7Page - Texas Instruments DAC8801IDGKT Datasheet HTML 8Page - Texas Instruments DAC8801IDGKT Datasheet HTML 9Page - Texas Instruments DAC8801IDGKT Datasheet HTML 10Page - Texas Instruments DAC8801IDGKT Datasheet HTML 11Page - Texas Instruments DAC8801IDGKT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
www.ti.com
THEORY OF OPERATION
V
OUT
+ −VREF
CODE
16384
(1)
VREF
GND
IOUT
2R
2R
2R
2R
2R
2R
2R
2R
2R
2R
2R
2R
RFB
R
R
R
_
+
OPA277
V+
V−
15 V
−15 V
VO
VDD
RFB
IOUT
GND
DAC8801
U2
U1
VDD
VREF
DAC8801
SLAS403B – NOVEMBER 2004 – REVISED FEBRUARY 2007
The DAC8801 is a single channel current output, 16-bit digital-to-analog converter (DAC). The architecture,
illustrated in Figure 17, is an R-2R ladder configuration with the three MSBs segmented. Each 2R leg of the
ladder is either switched to GND or the IOUT terminal. The IOUT terminal of the DAC is held at a virtual GND
potential by the use of an external I/V converter op amp. The R-2R ladder is connected to an external reference
input VREF that determines the DAC full-scale current. The R-2R ladder presents a code independent load
impedance to the external reference of 5 k
Ω± 25%. The external reference voltage can vary in a range of -10 V
to 10 V, thus providing bipolar IOUT current operation. By using an external I/V converter and the DAC8801 RFB
resistor, output voltage ranges of -VREF to VREF can be generated.
When using an external I/V converter and the DAC8801 RFB resistor, the DAC output voltage is given by
Equation 1:
Figure 17. Equivalent R-2R DAC Circuit
Each DAC code determines the 2R leg switch position to either GND or IOUT. Because the DAC output
impedance as seen looking into the IOUT terminal changes versus code, the external I/V converter noise gain will
also change. Because of this, the external I/V converter op amp must have a sufficiently low offset voltage such
that the amplifier offset is not modulated by the DAC IOUT terminal impedance change. External op amps with
large offset voltages can produce INL errors in the transfer function of the DAC8801 due to offset modulation
versus DAC code. For best linearity performance of the DAC8801, an op amp (OPA277) as shown in Figure 18
is recommended. This circuit allows VREF to swing from -10V to +10V.
Figure 18. Voltage Output Configuration
8
Submit Documentation Feedback


同様の部品番号 - DAC8801IDGKT

メーカー部品番号データシート部品情報
logo
Burr-Brown (TI)
DAC8801IDGKT BURR-BROWN-DAC8801IDGKT Datasheet
384Kb / 16P
   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results

同様の説明 - DAC8801IDGKT

メーカー部品番号データシート部品情報
logo
Burr-Brown (TI)
DAC8801 BURR-BROWN-DAC8801 Datasheet
384Kb / 16P
   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8802 TI-DAC8802_15 Datasheet
777Kb / 22P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8803 TI-DAC8803_15 Datasheet
2Mb / 26P
[Old version datasheet]   Quad, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8803 TI-DAC8803 Datasheet
261Kb / 30P
[Old version datasheet]   Quad, Current Output, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8806 TI-DAC8806 Datasheet
1Mb / 20P
[Old version datasheet]   14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com