データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC8814B データシート(PDF) 8 Page - Texas Instruments

部品番号 DAC8814B
部品情報  Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8814B データシート(HTML) 8 Page - Texas Instruments

Back Button DAC8814B Datasheet HTML 4Page - Texas Instruments DAC8814B Datasheet HTML 5Page - Texas Instruments DAC8814B Datasheet HTML 6Page - Texas Instruments DAC8814B Datasheet HTML 7Page - Texas Instruments DAC8814B Datasheet HTML 8Page - Texas Instruments DAC8814B Datasheet HTML 9Page - Texas Instruments DAC8814B Datasheet HTML 10Page - Texas Instruments DAC8814B Datasheet HTML 11Page - Texas Instruments DAC8814B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
www.ti.com
Channel C
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1.0
0
8192 16384 24576 32768 40960 49152 57344 65535
Digital Input Code
T
A = +25_C
0
8192 16384 24576 32768 40960 49152 57344 65535
Digital Input Code
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1.0
T
A = +25_ C
0
8192 16384 24576 32768 40960 49152 57344 65535
Digital Input Code
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1.0
T
A = −40_ C
0
8192 16384 24576 32768 40960 49152 57344 65535
Digital Input Code
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1.0
T
A = −40_ C
0
8192 16384 24576 32768 40960 49152 57344 65535
Digital Input Code
T
A = +85_C
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1.0
0
8192 16384 24576 32768 40960 49152 57344 65535
Digital Input Code
T
A = +85_C
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
−0.8
−1.0
DAC8814
SBAS338D – JANUARY 2005 – REVISED SEPTEMBER 2006
TYPICAL CHARACTERISTICS: V
DD = +5 V (continued)
At T
A = +25°C, +VDD = +5 V, unless otherwise noted.
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE
vs DIGITAL INPUT CODE
Figure 13.
Figure 14.
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE
vs DIGITAL INPUT CODE
Figure 15.
Figure 16.
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE
vs DIGITAL INPUT CODE
Figure 17.
Figure 18.
8
Submit Documentation Feedback


同様の部品番号 - DAC8814B

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814IBDB TI-DAC8814IBDB Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814IBDBR TI-DAC8814IBDBR Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814IBDBT TI-DAC8814IBDBT Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814ICDB TI-DAC8814ICDB Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
More results

同様の説明 - DAC8814B

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8803 TI-DAC8803_15 Datasheet
2Mb / 26P
[Old version datasheet]   Quad, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8811 16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com