データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC60004IDMDT データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 DAC60004IDMDT
部品情報  Quad 16-,14-,12-Bit, 1 LSB INL, Buffered, Voltage-Output Digital-to-Analog Converters
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC60004IDMDT データシート(HTML) 3 Page - Texas Instruments

  DAC60004IDMDT Datasheet HTML 1Page - Texas Instruments DAC60004IDMDT Datasheet HTML 2Page - Texas Instruments DAC60004IDMDT Datasheet HTML 3Page - Texas Instruments DAC60004IDMDT Datasheet HTML 4Page - Texas Instruments DAC60004IDMDT Datasheet HTML 5Page - Texas Instruments DAC60004IDMDT Datasheet HTML 6Page - Texas Instruments DAC60004IDMDT Datasheet HTML 7Page - Texas Instruments DAC60004IDMDT Datasheet HTML 8Page - Texas Instruments DAC60004IDMDT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
Thermal
Pad
1
LDAC
14
SCLK
2
SYNC
13
SDIN
3
VDD
12
GND
4
VOUTA
11
VOUTB
5
VOUTC
10
VOUTD
6
POR
9
CLR
7
REFIN
8
SDO
Thermal
Pad
1
LDAC
14
SCLK
2
SYNC
13
SDIN
3
VDD
12
GND
4
VOUTA
11
VOUTB
5
VOUTC
10
VOUTD
6
POR
9
CLR
7
REFIN
8
SDO
3
DAC80004, DAC70004, DAC60004
www.ti.com
SLASED6B – APRIL 2016 – REVISED JUNE 2016
Product Folder Links: DAC80004 DAC70004 DAC60004
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Device Comparison Table
DEVICE
RESOLUTION
DAC80004
16
DAC70004
14
DAC60004
12
6 Pin Configuration and Functions
14-Pin VSON
DMD Package
Top View
14-Pin TSSOP
PW Package
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NUMBER
CLR
9
Digital Input
Clear DAC pin, falling edge sensitive
GND
12
Power
Ground
LDAC
1
Digital Input
Load DAC pin, active low
POR
6
Digital Input
Power-on-reset configuration, Connecting the POR pin to GND powers up all four DACs
to zero scale. Connecting this pin to VDD powers up all four DACs to midscale.
REFIN
7
Analog Input
Voltage reference input for all channels
SCLK
14
Digital Input
Serial interface shift clock
SDIN
13
Digital Input
Serial interface digital input
SDO
8
Digital Output
Serial interface digital output for readback and daisy chaining
SYNC
2
Digital Input
Serial interface synchronization, active low
VDD
3
Power
Positive power supply (2.7 V to 5.5 V)
VOUTA
4
Analog Output
DAC A output
VOUTB
11
Analog Output
DAC B output
VOUTC
5
Analog Output
DAC C output
VOUTD
10
Analog Output
DAC D output


同様の部品番号 - DAC60004IDMDT

メーカー部品番号データシート部品情報
logo
Burr-Brown (TI)
DAC600 BURR-BROWN-DAC600 Datasheet
155Kb / 12P
   12-Bit 256MHz Monolithic DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC60096 TI1-DAC60096 Datasheet
2Mb / 51P
[Old version datasheet]   96-Channel, 12-Bit, Low-Power, Serial-Input, High-Voltage Output DAC
DAC60096IZEB TI1-DAC60096IZEB Datasheet
2Mb / 51P
[Old version datasheet]   96-Channel, 12-Bit, Low-Power, Serial-Input, High-Voltage Output DAC
More results

同様の説明 - DAC60004IDMDT

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC80501 TI1-DAC80501 Datasheet
488Kb / 32P
[Old version datasheet]   16-, 14-, 12-Bit, 1-LSB INL, Voltage-Output Digital-to-Analog Converters
DAC80501 TI1-DAC80501_V01 Datasheet
840Kb / 37P
[Old version datasheet]   DACx0501, 16-, 14-, 12-Bit, 1-LSB INL, Voltage-Output Digital-to-Analog Converters With Precision Internal Reference
logo
Microchip Technology
MCP47FXBX4 MICROCHIP-MCP47FXBX4 Datasheet
9Mb / 124P
   8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
02/28/20
MCP48FXBX4 MICROCHIP-MCP48FXBX4 Datasheet
9Mb / 112P
   8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
02/28/20
logo
Analog Devices
AD7676 AD-AD7676_17 Datasheet
389Kb / 21P
   16-Bit, 1 LSB INL
logo
Microchip Technology
MCP48CXBXX MICROCHIP-MCP48CXBXX Datasheet
8Mb / 106P
   8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with SPI Interface
08/15/18
MCP47CXBXX MICROCHIP-MCP47CXBXX Datasheet
8Mb / 124P
   8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
05/14/19
logo
Analog Devices
AD9778 AD-AD9778_15 Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9778A AD-AD9778A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9779 AD-AD9779_15 Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com