データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC70004IDMDT データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 DAC70004IDMDT
部品情報  Quad 16-,14-,12-Bit, 1 LSB INL, Buffered, Voltage-Output Digital-to-Analog Converters
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

DAC70004IDMDT データシート(HTML) 5 Page - Texas Instruments

  DAC70004IDMDT Datasheet HTML 1Page - Texas Instruments DAC70004IDMDT Datasheet HTML 2Page - Texas Instruments DAC70004IDMDT Datasheet HTML 3Page - Texas Instruments DAC70004IDMDT Datasheet HTML 4Page - Texas Instruments DAC70004IDMDT Datasheet HTML 5Page - Texas Instruments DAC70004IDMDT Datasheet HTML 6Page - Texas Instruments DAC70004IDMDT Datasheet HTML 7Page - Texas Instruments DAC70004IDMDT Datasheet HTML 8Page - Texas Instruments DAC70004IDMDT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
5
DAC80004, DAC70004, DAC60004
www.ti.com
SLASED6B – APRIL 2016 – REVISED JUNE 2016
Product Folder Links: DAC80004 DAC70004 DAC60004
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
200 mV headroom is required between REFIN and VDD when 2.7 V
≤ VDD ≤ 4.5 V.
(2)
Output unloaded
(3)
End point fit between codes Code 512 to Code 65,024 - DAC80004, Code 128 to Code 16,256 - DAC70004, Code 32 to Code 4064 -
DAC60004, Output unloaded.
(4)
With 100 mV headroom between DAC output and VDD.
7.5 Electrical Characteristics
All minimum/maximum specifications at TA = -40°C to +125°C, 2.7 V ≤ VDD ≤ 5.5 V, 2.5 V ≤ REFIN
(1) ≤ VDD, R
load = 5 kΩ to
GND, Cload = 200 pF to GND (unless otherwise noted), Digital inputs held at 0 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC PERFORMANCE(2)
Resolution
DAC80004
16
Bits
DAC70004
14
DAC60004
12
INL
Relative accuracy(3)
±1
LSB
DNL
Differential nonlinearity(3)
Ensured monotonic
±1
LSB
TUE
Total unadjusted error(3)
TA = +20°C to +40°C
1.5
mV
TA = –40°C to +125°C
2
ZCE
Zero code error
TA = –40°C to +125°C, Code 0d into
DAC
±0.2
±2
mV
TA = +25°C, Code 0d into DAC
±0.1
ZCE-TC
Zero code error TC
TA = –40°C to +125°C
±5
µV/°C
OE
Offset error(3)
TA = +20°C to +40°C
±1.2
mV
TA = –40°C to +125°C
±0.2
±1.8
TA = +25°C
±0.2
OE-TC
Offset error drift
TA = –40°C to +125°C
±4
µV/°C
FSE
Full-scale error(4)
TA = +20°C to +40°C, Code 65535d
into DAC
±0.05
%FSR
TA = –40°C to +125°C, Code
65535d into DAC
±0.01
±0.07
%FSR
TA = +25°C
±0.01
FSE-TC
Full-scale error drift(4)
TA = –40°C to +125°C
±2
ppm
FSR/°C
GE
Gain error(3)
TA = –40°C to +125°C
±0.005
±0.05
%FSR
TA = +25°C
±0.005
GE-TC
Gain drift
TA = –40°C to +125°C
±2
ppm
FSR/°C
Output voltage drift vs.Time
TA = +25°C, Vout = ¾ of full scale,
1900 hr
20
ppm FSR
Load Regulation
TA = +25°C, Vout =Mid Scale
0.003
%
PSRR
DC Power supply rejection ratio(4)
TA = +25°C, Vout = full scale
–92
dB


同様の部品番号 - DAC70004IDMDT

メーカー部品番号データシート部品情報
logo
Burr-Brown (TI)
DAC70 BURR-BROWN-DAC70 Datasheet
481Kb / 10P
   Monlithic 16-bit digital-to-analog converters
DAC701 BURR-BROWN-DAC701 Datasheet
301Kb / 12P
   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC701 TI-DAC701 Datasheet
279Kb / 11P
[Old version datasheet]   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC701BH BURR-BROWN-DAC701BH Datasheet
301Kb / 12P
   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC701BH TI-DAC701BH Datasheet
279Kb / 11P
[Old version datasheet]   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
More results

同様の説明 - DAC70004IDMDT

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC80501 TI1-DAC80501 Datasheet
488Kb / 32P
[Old version datasheet]   16-, 14-, 12-Bit, 1-LSB INL, Voltage-Output Digital-to-Analog Converters
DAC80501 TI1-DAC80501_V01 Datasheet
840Kb / 37P
[Old version datasheet]   DACx0501, 16-, 14-, 12-Bit, 1-LSB INL, Voltage-Output Digital-to-Analog Converters With Precision Internal Reference
logo
Microchip Technology
MCP47FXBX4 MICROCHIP-MCP47FXBX4 Datasheet
9Mb / 124P
   8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
02/28/20
MCP48FXBX4 MICROCHIP-MCP48FXBX4 Datasheet
9Mb / 112P
   8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
02/28/20
logo
Analog Devices
AD7676 AD-AD7676_17 Datasheet
389Kb / 21P
   16-Bit, 1 LSB INL
logo
Microchip Technology
MCP48CXBXX MICROCHIP-MCP48CXBXX Datasheet
8Mb / 106P
   8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with SPI Interface
08/15/18
MCP47CXBXX MICROCHIP-MCP47CXBXX Datasheet
8Mb / 124P
   8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
05/14/19
logo
Analog Devices
AD9778 AD-AD9778_15 Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9778A AD-AD9778A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9779 AD-AD9779_15 Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com