データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM388AAARD11F データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 DM388AAARD11F
部品情報  DaVinci Digital Media Processor
Download  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

DM388AAARD11F データシート(HTML) 7 Page - Texas Instruments

Back Button DM388AAARD11F Datasheet HTML 3Page - Texas Instruments DM388AAARD11F Datasheet HTML 4Page - Texas Instruments DM388AAARD11F Datasheet HTML 5Page - Texas Instruments DM388AAARD11F Datasheet HTML 6Page - Texas Instruments DM388AAARD11F Datasheet HTML 7Page - Texas Instruments DM388AAARD11F Datasheet HTML 8Page - Texas Instruments DM388AAARD11F Datasheet HTML 9Page - Texas Instruments DM388AAARD11F Datasheet HTML 10Page - Texas Instruments DM388AAARD11F Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 281 page
background image
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
This revision history highlights the technical changes made to the document in the current revision.
Revision History
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Global
Added notes specifying PCIe support on all DM385 devices and also on DM388 devices with PCIe enabled
to:
Section 1.1, Features
Figure 1-1, Functional Block Diagram
Section 3.3.15, PCI Express (PCIe) Terminal Functions
Table 4-10, Pins Used in PCIe Bootmode
Section 8.16, Peripheral Component Interconnect Express (PCIe)
Figure 9-1, Device Nomenclature
Added support for 4K x 2K resolution:
Section 1.3, Description
Section 2.6, HDVICP2 Overview
Section 8.12, Imaging Subsystem (ISS)
Added notes specifying OPP100 is supported only on DM388 commercial temperature devices to:
Section 6.2, Recommended Operating Conditions
Section 6.3, Reliability Data
Section 7.2.2.1, Dynamic Voltage Frequency Scaling
Table 7-3, Device Operating Points (OPPs)
Table 7-4, Supported OPP Combinations
Power, Reset,
Changed OPP100 speed from 500 to 600 MHz for ARM Cortex-A8 in Table 7-3, Device Operating Points
Clocking, and
(OPPs).
Interrupts
Removed requirement that the maximum voltage difference between CVDD and any other CVDD_x voltage
domain must be < 150 mV.
Table 7-4, Supported OPP Combinations
Copyright © 2013, Texas Instruments Incorporated
Contents
7
Submit Documentation Feedback
Product Folder Links: DM385 DM388


同様の部品番号 - DM388AAARD11F

メーカー部品番号データシート部品情報
logo
Texas Instruments
DM388 TI1-DM388 Datasheet
2Mb / 280P
[Old version datasheet]   DM385 and DM388 DaVinci??Digital Media Processor
More results

同様の説明 - DM388AAARD11F

メーカー部品番号データシート部品情報
logo
Texas Instruments
DM383 TI1-DM383 Datasheet
2Mb / 267P
[Old version datasheet]   DaVinci Digital Media Processor
DM385 TI-DM385_15 Datasheet
1Mb / 281P
[Old version datasheet]   DM385 and DM388 DaVinci??Digital Media Processor
DM385 TI1-DM385 Datasheet
2Mb / 280P
[Old version datasheet]   DM385 and DM388 DaVinci??Digital Media Processor
TMS320DM8168 TI1-TMS320DM8168_15 Datasheet
2Mb / 328P
[Old version datasheet]   DaVinci Digital Media Processors
TMS320DM8148_1109 TI1-TMS320DM8148_1109 Datasheet
2Mb / 360P
[Old version datasheet]   TMS320DM814x DaVinci Digital Media Processors
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 343P
[Old version datasheet]   TMS320DM814x DaVinci??Digital Media Processors
MARCH2011
TMS320DM8168 TI1-TMS320DM8168 Datasheet
2Mb / 312P
[Old version datasheet]   TMS320DM816x DaVinci Digital Media Processors
MARCH2011
TMS320DM6431 TI-TMS320DM6431 Datasheet
1Mb / 225P
[Old version datasheet]   Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433 Datasheet
2Mb / 271P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI-TMS320DM647_10 Datasheet
1Mb / 181P
[Old version datasheet]   Digital Media Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com