データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD54HCT14 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 CD54HCT14
部品情報  High-Speed CMOS Logic Hex Inverting Schmitt Trigger
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CD54HCT14 データシート(HTML) 3 Page - Texas Instruments

  CD54HCT14 Datasheet HTML 1Page - Texas Instruments CD54HCT14 Datasheet HTML 2Page - Texas Instruments CD54HCT14 Datasheet HTML 3Page - Texas Instruments CD54HCT14 Datasheet HTML 4Page - Texas Instruments CD54HCT14 Datasheet HTML 5Page - Texas Instruments CD54HCT14 Datasheet HTML 6Page - Texas Instruments CD54HCT14 Datasheet HTML 7Page - Texas Instruments CD54HCT14 Datasheet HTML 8Page - Texas Instruments CD54HCT14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 7V
DC Input Diode Current, IIK
For VI < -0.5V or VI > VCC + 0.5V . . . . . . . . . . . . . . . . . . . . . .±20mA
DC Output Diode Current, IOK
For VO < -0.5V or VO > VCC + 0.5V . . . . . . . . . . . . . . . . . . . .±20mA
DC Drain Current, per Output, IO
For -0.5V < VO < VCC +0.5V . . . . . . . . . . . . . . . . . . . . . . . . . .±25mA
DC Output Source or Sink Current per Output Pin, IO
For VO > -0.5V or VO < VCC + 0.5V . . . . . . . . . . . . . . . . . . . .±25mA
DC VCC or Ground Current, ICC . . . . . . . . . . . . . . . . . . . . . . . . .±50mA
Operating Conditions
Temperature Range, TA . . . . . . . . . . . . . . . . . . . . . . -55
oC to 125oC
Supply Voltage Range, VCC
HC Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2V to 6V
HCT Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4.5V to 5.5V
DC Input or Output Voltage, VI, VO . . . . . . . . . . . . . . . . . 0V to VCC
Thermal Resistance (Typical, Note 1)
θJA (oC/W)
E (PDIP) Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80
M (SOIC) Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 86
PW (TSSOP) Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
113
Maximum Junction Temperature (Hermetic Package or Die) . . . 175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. The package thermal impedance is calculated in accordance with JESD 51-7.
DC Electrical Specifications
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
VI (V)
IO (mA)
MIN
MAX
MIN
MAX
MIN
MAX
HC TYPES
Input Switch Points
VT+
-
-
2
0.7
1.5
0.7
1.5
0.7
1.5
V
4.5
1.7
3.15
1.7
3.15
1.7
3.15
V
6
2.1
4.2
2.1
4.2
2.1
4.2
V
VT-
-
-
2
0.3
1.0
0.3
1.0
0.3
1.0
V
4.5
0.9
2.2
0.9
2.2
0.9
2.2
V
6
1.2
3.0
1.2
3.0
1.2
3.0
V
VH
-
-
2
0.2
1.0
0.2
1.0
0.2
1.0
V
4.5
0.4
1.4
0.4
1.4
0.4
1.4
V
6
0.6
1.6
0.6
1.6
0.6
1.6
V
High Level Output
Voltage CMOS Loads
VOH
VT-
-0.02
2
1.9
-
1.9
-
1.9
-
V
-0.02
4.5
4.4
-
4.4
-
4.4
-
V
-0.02
6
5.9
-
5.9
-
5.9
-
V
High Level Output
Voltage TTL Loads
--------
V
-4
4.5
3.98
-
3.84
-
3.7
-
V
-5.2
6
5.48
-
5.34
-
5.2
-
V
Low Level Output Voltage
CMOS Loads
VOL
VT+
0.02
2
-
0.1
-
0.1
-
0.1
V
0.02
4.5
-
0.1
-
0.1
-
0.1
V
0.02
6
-
0.1
-
0.1
-
0.1
V
Low Level Output Voltage
TTL Loads
--------
V
4
4.5
-
0.26
-
0.33
-
0.4
V
5.2
6
-
0.26
-
0.33
-
0.4
V
CD54HC14, CD74HC14, CD54HCT, CD74HCT14


同様の部品番号 - CD54HCT14

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD54HCT14 TI-CD54HCT14 Datasheet
285Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverting Schmitt Trigger
CD54HCT14 TI-CD54HCT14 Datasheet
281Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverting Schmitt Trigger
CD54HCT14 TI-CD54HCT14 Datasheet
587Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverting Schmitt Trigger
CD54HCT14F TI-CD54HCT14F Datasheet
37Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Hex Inverting Schmitt Trigger
CD54HCT14F TI-CD54HCT14F Datasheet
285Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverting Schmitt Trigger
More results

同様の説明 - CD54HCT14

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
U74HCT14 UTC-U74HCT14 Datasheet
112Kb / 5P
   HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
logo
Texas Instruments
CD74HC14 TI-CD74HC14 Datasheet
37Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Hex Inverting Schmitt Trigger
CD54HC14 TI-CD54HC14_05 Datasheet
281Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverting Schmitt Trigger
CD74HC14MG4 TI-CD74HC14MG4 Datasheet
587Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverting Schmitt Trigger
logo
Unisonic Technologies
U74HC14 UTC-U74HC14 Datasheet
103Kb / 6P
   HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
logo
Tiger Electronic Co.,Lt...
74HC14 TGS-74HC14 Datasheet
90Kb / 4P
   High-Speed Cmos Logic Hex Inverting Schmitt Trigger
logo
Texas Instruments
CD54HC14 TI-CD54HC14 Datasheet
285Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverting Schmitt Trigger
logo
Unisonic Technologies
U74HCT14 UTC-U74HCT14_15 Datasheet
237Kb / 5P
   HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
U74HC14 UTC-U74HC14_15 Datasheet
198Kb / 6P
   HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
logo
Texas Instruments
CD74HC14PWRG4 TI-CD74HC14PWRG4 Datasheet
596Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverting Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com