データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD74HCU04M96E4 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 CD74HCU04M96E4
部品情報  High-Speed CMOS Logic Hex Inverter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HCU04M96E4 データシート(HTML) 1 Page - Texas Instruments

  CD74HCU04M96E4 Datasheet HTML 1Page - Texas Instruments CD74HCU04M96E4 Datasheet HTML 2Page - Texas Instruments CD74HCU04M96E4 Datasheet HTML 3Page - Texas Instruments CD74HCU04M96E4 Datasheet HTML 4Page - Texas Instruments CD74HCU04M96E4 Datasheet HTML 5Page - Texas Instruments CD74HCU04M96E4 Datasheet HTML 6Page - Texas Instruments CD74HCU04M96E4 Datasheet HTML 7Page - Texas Instruments CD74HCU04M96E4 Datasheet HTML 8Page - Texas Instruments CD74HCU04M96E4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS127D
Features
• Typical Propagation Delay: 6ns at VCC = 5V,
CL = 15pF, TA = 25
oC, Fastest Part in QMOS Line
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HCU Types
- 2-V to 6-V Operation
- High Noise Immunity: NIL = 20%, NIH = 30% of
VCC at VCC = 5V
• CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The CD74HCU04 unbuffered hex inverter utilizes silicon-gate
CMOS technology to achieve operation speeds similar to
LSTTL gates, with the low power consumption of standard
CMOS integrated circuits. These devices especially are useful
in crystal oscillator and analog applications.
Pinout
CD74HCU04
(PDIP, SOIC, TSSOP)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD74HCU04E
-55 to 125
14 Ld PDIP
CD74HCU04M
-55 to 125
14 Ld SOIC
CD74HCU04MT
-55 to 125
14 Ld SOIC
CD74HCU04M96
-55 to 125
14 Ld SOIC
CD74HCU04PWR
-55 to 125
14 Ld TSSOP
NOTE: When ordering, use the entire part number. The suffixes
96 and R denote tape and reel. The suffix T denotes a small-
quantity reel of 250.
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
1
2
3
4
5
6
7
14
13
12
11
10
9
8
February 1998 - Revised May 2004
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2004, Texas Instruments Incorporated
CD74HCU04
High-Speed CMOS Logic
Hex Inverter
[ /Title
(CD74
HCU04
)
/Sub-
ject
(High
Speed
CMOS
Logic
Hex
Inverter


同様の部品番号 - CD74HCU04M96E4

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD74HCU04M96E4 TI-CD74HCU04M96E4 Datasheet
217Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
More results

同様の説明 - CD74HCU04M96E4

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD54HC04 TI-CD54HC04 Datasheet
30Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Hex Inverter
CD74HCU04 TI-CD74HCU04_06 Datasheet
217Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
CD74HCU04 TI-CD74HCU04 Datasheet
40Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Hex Inverter
CD54HC04F3A TI-CD54HC04F3A Datasheet
890Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
CD74HCU04 TI-CD74HCU04_08 Datasheet
397Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
CD74HCU04-Q1 TI1-CD74HCU04-Q1 Datasheet
501Kb / 11P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC HEX INVERTER
logo
ELM Technology Corporat...
ELM7SH04XB ELM-TECH-ELM7SH04XB Datasheet
278Kb / 3P
   HIGH SPEED CMOS LOGIC IC Inverter
logo
KODENSHI_AUK CORP.
KK74AC04 KODENSHI-KK74AC04 Datasheet
218Kb / 5P
   Hex Inverter High-Speed Silicon-Gate CMOS
KK74ACT04 KODENSHI-KK74ACT04 Datasheet
216Kb / 5P
   Hex Inverter High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC04 INTEGRAL-IN74AC04 Datasheet
97Kb / 4P
   Hex Inverter High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com