データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDC922 データシート(PDF) 9 Page - Texas Instruments

部品番号 CDC922
部品情報  133MHz CLOCK SYNTHESIZER/DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CDC922 データシート(HTML) 9 Page - Texas Instruments

Back Button CDC922_06 Datasheet HTML 5Page - Texas Instruments CDC922_06 Datasheet HTML 6Page - Texas Instruments CDC922_06 Datasheet HTML 7Page - Texas Instruments CDC922_06 Datasheet HTML 8Page - Texas Instruments CDC922_06 Datasheet HTML 9Page - Texas Instruments CDC922_06 Datasheet HTML 10Page - Texas Instruments CDC922_06 Datasheet HTML 11Page - Texas Instruments CDC922_06 Datasheet HTML 12Page - Texas Instruments CDC922_06 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
CDC922
133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS
WITH 3-STATE OUTPUTS
SCAS634 –JULY 28, 1999
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted) (continued)
PCIx, 3V66x (Type 5)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
VDD = min to max,
IOH = – 1 mA
VDD –
0.1 V
V
OH
gg
VDD = 3.135 V,
IOH = –18 mA
2.4
VOL
Low level output voltage
VDD = min to max,
IOL = 1 mA
0.1
V
VOL
Low-level output voltage
VDD = 3.135 V,
IOL = 12 mA
0.15
0.4
V
VDD = 3.135 V,
VO = 1 V
–33
–53
IOH
High-level output current
VDD = 3.3 V,
VO = 1.65 V
–53
mA
VDD = 3.465 V,
VO = 3.135 V
–16
–33
VDD = 3.135 V,
VO = 1.95 V
30
67
IOL
Low-level output current
VDD = 3.3 V,
VO = 1.65 V
70
mA
VDD = 3.465 V,
VO = 0.4 V
27
49
CO
Output capacitance
VDD = 3.3 V,
VO = VDD or GND
4.5
7.5
pF
ZO
Output impedance
High state
VO = 0.5 VDD,
VO/IOH
12
31
55
ZO
Output impedance
Low state
VO = 0.5 VDD,
VO/IOL
12
24
55
† All typical values are measured at their respective nominal VDD values.
switching characteristics, VDD = 3.135 V to 3.465 V, TA = 0°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Overshoot/undershoot
GND – 0.7 V
VDD + 0.7 V
V
Ring back
VIL – 0.1 V
VIH + 0.1 V
V
Stabilization time, PWR_DWN to PCIx
f(CPU) = 133 MHz
0.05
3
ms
tdis3
Disable time, PWR_DWN to PCIx
f(CPU) = 133 MHz
50
ns
Stabilization time, PWR_DWN to CPUx
f(CPU) = 133 MHz
0.03
3
ms
tdis4
Disable time, PWR_DWN to CPUx
f(CPU) = 133 MHz
50
ns
Stabilization time†
After SEL1, SEL0
3
ms
Stabilization time†
After power up
3
ms
† Stabilization time is the time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal. In order for
phase lock to be obtained, a fixed-frequency, fixed-phase reference signal must be present at X1. Until phase lock is obtained, the specifications
for propagation delay and skew parameters given in the switching characteristics tables are not applicable. Stabilization time is defined as the
time from when VDD achieves its nominal operating level until the output frequency is stable and operating within specification.


同様の部品番号 - CDC922_06

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDC922DL TI-CDC922DL Datasheet
239Kb / 17P
[Old version datasheet]   133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
More results

同様の説明 - CDC922_06

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDC924 TI1-CDC924_08 Datasheet
462Kb / 21P
[Old version datasheet]   133Mhz Clock Synthesizer/Driver
CDC925 TI1-CDC925_08 Datasheet
281Kb / 19P
[Old version datasheet]   133MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS
logo
Integrated Device Techn...
ICS843S104I-133 IDT-ICS843S104I-133 Datasheet
1Mb / 24P
   Crystal-to-LVPECL 133MHz Clock Synthesizer
logo
Renesas Technology Corp
843S104I-133 RENESAS-843S104I-133 Datasheet
645Kb / 25P
   Crystal-to-LVPECL 133MHz Clock Synthesizer
April 28, 2016
logo
Texas Instruments
CDC9842 TI1-CDC9842 Datasheet
105Kb / 7P
[Old version datasheet]   PC MOTHERBOARD CLOCK SYNTHESIZER/DRIVER
logo
Winbond
W83194R-KX WINBOND-W83194R-KX Datasheet
177Kb / 13P
   133MHZ 3-DIMM K7 CLOCK
logo
Integrated Circuit Syst...
ICS9248-80 ICST-ICS9248-80 Datasheet
157Kb / 7P
   General Purpose 133MHz System Clock
logo
Renesas Technology Corp
ICS9248-80 RENESAS-ICS9248-80 Datasheet
423Kb / 8P
   General Purpose 133MHz System Clock
2019
logo
Cypress Semiconductor
CY2254A CYPRESS-CY2254A Datasheet
94Kb / 8P
   Pentium Processor Compatible Clock Synthesizer/Driver
logo
SpectraLinear Inc
CY2254A SPECTRALINEAR-CY2254A Datasheet
111Kb / 7P
   Pentium짰 Processor Compatible Clock Synthesizer/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com