データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDC5801A データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 CDC5801A
部品情報  Low Jitter Clock Multiplier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CDC5801A データシート(HTML) 6 Page - Texas Instruments

Back Button CDC5801A Datasheet HTML 2Page - Texas Instruments CDC5801A Datasheet HTML 3Page - Texas Instruments CDC5801A Datasheet HTML 4Page - Texas Instruments CDC5801A Datasheet HTML 5Page - Texas Instruments CDC5801A Datasheet HTML 6Page - Texas Instruments CDC5801A Datasheet HTML 7Page - Texas Instruments CDC5801A Datasheet HTML 8Page - Texas Instruments CDC5801A Datasheet HTML 9Page - Texas Instruments CDC5801A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CDC5801A
LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH
PROGRAMMABLE DELAY AND PHASE ALIGNMENT
SCAS813A − AUGUST 2005 − REVISED DECEMBER 2005
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
UNIT
VO(STOP)
Output voltage during CLK stop
mode
See Figure 1
1.1
2
V
VOX
Output crossing-point voltage
See Figure 1 and Figure 4
0.5VDDO−0.2
0.5VDDO+0.2
V
VO
Output voltage swing (VOH − VOL)
See Figure 1
1.7
2.9
V
VIK
Input clamp voltage
VDD = 3 V,
II = −18 mA
−1.2
V
VOH
High-level output voltage
See Figure 1, VDD = 3 to 3.6 V
2.0
2.6
V
VOH
High-level output voltage
VDD = 3 V,
IOH = −16 mA
2.2
V
VOL
Low-level output voltage
See Figure 1, VDD = 3 to 3.6 V
0.3
0.6
V
VOL
Low-level output voltage
VDD = 3 V,
IOL = 16 mA
0.5
V
VDD = 3.135 V,
VO = 1 V
−32
−52
IOH
High-level output current
VDD = 3.3 V,
VO = 1.65 V
−51
mA
IOH
High-level output current
VDD = 3.465 V,
VO = 3.135 V
−14.5
−21
mA
VDD = 3.135 V,
VO = 1.95 V
43
61.5
IOL
Low-level output current
VDD = 3.3 V,
VO = 1.65 V
65
mA
IOL
Low-level output current
VDD = 3.465 V,
VO = 0.4 V
25.5
36
mA
IOZ
High-impedance-state output
current
P0 = 0,
P1 = 1
±10
µA
IOZ(STOP)
High-impedance-state output
current during CLK stop
Stop = 0, VO = GND or VDD
±100
µA
IOZ(PD)
High-impedance-state output
current in power-down state
PWRDNB = 0,
VO = GND or VDD
−10
100
µA
High-level input
REFCLK,
STOPB
VDD = 3.6 V,
VI = VDD
10
IIH
High-level input
current
PWRDNB,
P0:2, MULT/
DIV0:1
VDD = 3.6 V,
VI = VDD
10
µA
Low-level input
REFCLK,
STOPB
VDD = 3.6 V,
VI = 0
−10
IIL
Low-level input
current
PWRDNB,
P0:2, MULT/
DIV0:1
VDD = 3.6 V,
VI = 0
−10
µA
ZO
Output impedance
High state
RI at IO −14.5 mA to −16.5 mA
15
35
50
ZO
Output impedance
(single ended)
Low state
RI at IO 14.5 mA to 16.5 mA
11
17
35
Reference current
VDDREF,
VDD = 3.6 V
PWRDNB = 0
50
µA
Reference current
VDDREF,
VDDPD
VDD = 3.6 V
PWRDNB = 1
0.5
mA
CI
Input capacitance
VI = VDD or GND
2
pF
CO
Output capacitance
VO = VDD or GND
3
pF
IDD(PD)
Supply current in power-down state
REFCLK = 0 MHz to 100 MHz,
PWDNB = 0,
STOPB = 1
150
µA
IDD(CLKSTOP) Supply current in CLK stop state
BUSCLK configured for 500 MHz
40
mA
IDD(NORMAL) Supply current in normal state
BUSCLK = 500 MHz
P0:2 = 000; load see Figure 1
70
mA
† VDD refers to any of the following; VDDPA, VDDPD, VDDREF, VDDO, and VDDP
‡ All typical values are at VDD = 3.3 V, TA = 25°C.


同様の部品番号 - CDC5801A

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDC5801A TI-CDC5801A Datasheet
333Kb / 18P
[Old version datasheet]   LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE AND PHASE ALIGNMENT
CDC5801A TI-CDC5801A Datasheet
626Kb / 18P
[Old version datasheet]   LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY
CDC5801ADBQ TI-CDC5801ADBQ Datasheet
626Kb / 18P
[Old version datasheet]   LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY
CDC5801ADBQR TI-CDC5801ADBQR Datasheet
626Kb / 18P
[Old version datasheet]   LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY
More results

同様の説明 - CDC5801A

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMK04906 TI1-LMK04906_15 Datasheet
1Mb / 113P
[Old version datasheet]   Ultra Low Noise Clock Jitter Cleaner/Multiplier
logo
Integrated Circuit Syst...
ICS2059-02 ICST-ICS2059-02 Datasheet
210Kb / 11P
   Clock Multiplier and Jitter Attenuator
logo
Silicon Laboratories
SI5366 SILABS-SI5366 Datasheet
763Kb / 20P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Renesas Technology Corp
ICS2059-02 RENESAS-ICS2059-02 Datasheet
454Kb / 13P
   CLOCK MULTIPLIER AND JITTER ATTENUAT
logo
Skyworks Solutions Inc.
SI5366 SKYWORKS-SI5366 Datasheet
613Kb / 31P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Texas Instruments
CDC5801ADBQ TI-CDC5801ADBQ Datasheet
626Kb / 18P
[Old version datasheet]   LOW JITTER CLOCK MULTIPLIER AND DIVIDER WITH PROGRAMMABLE DELAY
logo
Silicon Laboratories
SI5368 SILABS-SI5368 Datasheet
713Kb / 18P
   ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5319 SILABS-SI5319 Datasheet
257Kb / 16P
   ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com