データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDC329A データシート(PDF) 3 Page - Texas Instruments

部品番号 CDC329A
部品情報  1Line to 6Line Clock Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CDC329A データシート(HTML) 3 Page - Texas Instruments

  CDC329A_08 Datasheet HTML 1Page - Texas Instruments CDC329A_08 Datasheet HTML 2Page - Texas Instruments CDC329A_08 Datasheet HTML 3Page - Texas Instruments CDC329A_08 Datasheet HTML 4Page - Texas Instruments CDC329A_08 Datasheet HTML 5Page - Texas Instruments CDC329A_08 Datasheet HTML 6Page - Texas Instruments CDC329A_08 Datasheet HTML 7Page - Texas Instruments CDC329A_08 Datasheet HTML 8Page - Texas Instruments CDC329A_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CDC329A
1-LINE TO 6-LINE CLOCK DRIVER
WITH SELECTABLE POLARITY
SCAS328B – DECEMBER 1992 – REVISED OCTOBER 1998
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.75
5
5.25
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VI
Input voltage
0
VCC
V
IOH
High-level output current
–32
mA
IOL
Low-level output current
32
mA
∆t/∆v
Input transition rise or fall rate
5
ns / V
fclock
Input clock frequency
80
MHz
TA
Operating free-air temperature
–40
85
°C
NOTE 3: Unused inputs must be held high or low to prevent them from floating.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.75 V,
II = –18 mA
–1.2
V
VOH
VCC = 4.75 V,
IOH = – 32 mA
3.85
V
VOL
VCC = 4.75 V,
IOL = 32 mA
0.55
V
II
VCC = 5.25 V,
VI = VCC or GND
±1
µA
ICC
VCC = 5 25 V
VI =VCC or GND
IO =0
Outputs high
10
mA
ICC
VCC = 5.25 V,
VI = VCC or GND,
IO = 0,
Outputs low
40
mA
Ci
VI = 2.5 V or 0.5 V
3
pF
† All typical values are at VCC = 5 V, TA = 25°C
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (see Figures 1 and 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
UNIT
tPLH
A
Any Y
2
5.9
ns
tPHL
A
Any Y
1.7
5.9
ns
tPLH
T/C
Any Y
1.5
5
ns
tPHL
T/C
Any Y
1.5
5
ns
t k( )
A
Any Y (same phase)
0.6
ns
tsk(o)
A
Any Y (any phase)
1.5
ns
tr
1.3
ns
tf
0.85
ns


同様の部品番号 - CDC329A_08

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDC329AD TI-CDC329AD Datasheet
105Kb / 7P
[Old version datasheet]   1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
More results

同様の説明 - CDC329A_08

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDC391 TI1-CDC391_09 Datasheet
116Kb / 7P
[Old version datasheet]   1Line to 6Line Clock Driver
CDC328A TI1-CDC328A_09 Datasheet
110Kb / 7P
[Old version datasheet]   1Line to 6Line Clock Driver
CDC340 TI1-CDC340_08 Datasheet
131Kb / 8P
[Old version datasheet]   1Line to 8Line Clock Driver
CDC318A TI1-CDC318A_12 Datasheet
500Kb / 14P
[Old version datasheet]   1Line to 10Line Clock Driver
CDC319 TI1-CDC319_08 Datasheet
361Kb / 15P
[Old version datasheet]   1Line to 10Line Clock Driver
SN74LVC2G157 TI-SN74LVC2G157 Datasheet
346Kb / 13P
[Old version datasheet]   SINGL 2LINE TO 1LINE DATA SELECTOR/MULTIPLEXER
logo
ON Semiconductor
MC10H640 ONSEMI-MC10H640_16 Datasheet
155Kb / 8P
   PECL to TTL Clock Driver
August, 2016 ??Rev. 9
logo
Fairchild Semiconductor
GTLP6C816A FAIRCHILD-GTLP6C816A Datasheet
52Kb / 7P
   LVTTL-to-GTLP Clock Driver
logo
Integrated Device Techn...
ICS558-01 IDT-ICS558-01 Datasheet
122Kb / 6P
   PECL/CMOS TO CMOS CLOCK DRIVER
logo
Renesas Technology Corp
ICS558-01 RENESAS-ICS558-01 Datasheet
322Kb / 7P
   PECL/CMOS TO CMOS CLOCK DRIVER
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com