データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDCLVP110VFRG4 データシート(PDF) 5 Page - Texas Instruments

部品番号 CDCLVP110VFRG4
部品情報  Low-Voltage 1:10 LVPECL/HSTL With Selectable Input Clock Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP110VFRG4 データシート(HTML) 5 Page - Texas Instruments

  CDCLVP110VFRG4 Datasheet HTML 1Page - Texas Instruments CDCLVP110VFRG4 Datasheet HTML 2Page - Texas Instruments CDCLVP110VFRG4 Datasheet HTML 3Page - Texas Instruments CDCLVP110VFRG4 Datasheet HTML 4Page - Texas Instruments CDCLVP110VFRG4 Datasheet HTML 5Page - Texas Instruments CDCLVP110VFRG4 Datasheet HTML 6Page - Texas Instruments CDCLVP110VFRG4 Datasheet HTML 7Page - Texas Instruments CDCLVP110VFRG4 Datasheet HTML 8Page - Texas Instruments CDCLVP110VFRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CDCLVP110
www.ti.com
SCAS683D – JUNE 2002 – REVISED JANUARY 2011
AC ELECTRICAL CHARACTERISTICS
Vsupply: VCC = 2.375 V to 3.8 V, VEE = 0 V or LVECL/LVPECL input VCC = 0 V, VEE = -2.375 V to -3.8 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
Differential propagation delay CLK0,
Input condition: VCM = 1 V,
–40°C, 25°C, 85°C
230
350
tpd
ps
CLK0 to all Q0, Q0… Q9, Q9
VPP = 0.5 V
tsk(pp)
Part-to-part skew
See Note B and Figure 1
–40°C, 25°C, 85°C
70
ps
tsk(o)
Output-to-output skew
See Note A and Figure 1
–40°C, 25°C, 85°C
15
30
ps
t(JITTER)
Cycle-to-cycle RMS jitter
–40°C, 25°C, 85°C
< 1
ps
Functional up to 3.5 GHz, timing
–40°C, 25°C, 85°C
f(max)
Maximum frequency
specifications apply at 1 GHz,
3500
MHz
see Figure 3
tr/tf
Output rise and fall time (20%, 80%)
–40°C, 25°C, 85°C
100
200
ps
HSTL INPUT
Vsupply: VCC = 2.375 V to 3.8 V, VEE = 0 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
Differential propagation delay CLK0,
Input condition: Vx = 0.68 V,
–40°C, 25°C,
tpd
290
370
ps
CLK0 to all Q0, Q0… Q9, Q9
Vdif = 0.4 V
85°C
–40°C, 25°C,
tsk(pp)
Part-to-part skew
See Note B and Figure 1
70
ps
85°C
–40°C, 25°C,
tsk(o)
Output to output skew
See Note A and Figure 1
10
30
ps
85°C
–40°C, 25°C,
t(JITTER)
Cycle-to-cycle RMS jitter
<1
ps
85°C
Functional up to 3.5 GHz, timing
–40°C, 25°C,
f(max)
Maximum frequency
specifications apply at 1 GHz, See
3500
MHz
85°C
Figure 4
–40°C, 25°C,
tr/tf
Output rise and fall time (20%, 80%)
100
200
ps
85°C
Copyright © 2002–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :CDCLVP110


同様の部品番号 - CDCLVP110VFRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCLVP110VFR TI-CDCLVP110VFR Datasheet
136Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL/HSTL WITH SELECTABLE INPUT CLOCK DRIVER
More results

同様の説明 - CDCLVP110VFRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCLVP110 TI-CDCLVP110 Datasheet
136Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL/HSTL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP111-EP TI1-CDCLVP111-EP Datasheet
743Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP111 TI1-CDCLVP111 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111-SP TI1-CDCLVP111-SP Datasheet
570Kb / 23P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111 TI-CDCLVP111 Datasheet
619Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111 Datasheet
131Kb / 8P
   Low-Voltage 1:10 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
December, 2008 ??Rev. 17
logo
Cypress Semiconductor
CY2DP1510 CYPRESS-CY2DP1510 Datasheet
303Kb / 13P
   1:10 LVPECL Fanout Buffer with Selectable Clock Input
logo
ON Semiconductor
MC100LVEP14 ONSEMI-MC100LVEP14 Datasheet
112Kb / 8P
   Low-Voltage 1:5 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
May, 2000 ??Rev. 1
MC100LVEP210 ONSEMI-MC100LVEP210 Datasheet
135Kb / 8P
   Low-Voltage 1:5 Dual Diff.LVECL/LVPECL/LVEPECL/HSTL Clock Driver
March, 2000 ??Rev. 2
logo
Micrel Semiconductor
SY100EP111U MICREL-SY100EP111U_11 Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com