データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7782BRU データシート(PDF) 5 Page - Analog Devices

部品番号 AD7782BRU
部品情報  Read Only, Pin Configured 24-Bit ADC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7782BRU データシート(HTML) 5 Page - Analog Devices

  AD7782BRU Datasheet HTML 1Page - Analog Devices AD7782BRU Datasheet HTML 2Page - Analog Devices AD7782BRU Datasheet HTML 3Page - Analog Devices AD7782BRU Datasheet HTML 4Page - Analog Devices AD7782BRU Datasheet HTML 5Page - Analog Devices AD7782BRU Datasheet HTML 6Page - Analog Devices AD7782BRU Datasheet HTML 7Page - Analog Devices AD7782BRU Datasheet HTML 8Page - Analog Devices AD7782BRU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. 0
AD7782
–5–
ABSOLUTE MAXIMUM RATINGS*
(TA = 25
°C unless otherwise noted)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Analog Input Voltage to GND . . . . . . . . –0.3 V to VDD + 0.3 V
Reference Input Voltage to GND . . . . . –0.3 V to VDD + 0.3 V
Total AIN/REFIN Current (Indefinite) . . . . . . . . . . . . . 30 mA
Digital Input Voltage to GND . . . . . . . . –0.3 V to VDD + 0.3 V
Digital Output Voltage to GND . . . . . . –0.3 V to VDD + 0.3 V
Operating Temperature Range . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
TSSOP Package
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . 97.9
°C/W
θJC Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . 14°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
*Stresses above those listed under Absolute Maximum Ratings may cause per-
manent damage to the device. This is a stress rating only; functional operation of
the device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD7782BRU
–40
°C to +85°C
TSSOP
RU-16
EVAL-AD7782EB
Evaluation Board
CH1/CH2 (I)
CS (I)
DOUT/
RDY
SLAVE MODE
SCLK (I)
MASTER MODE
SCLK (O)
I = INPUT TO AD7782, O = OUTPUT FROM AD7782
SLAVE MODE IS SELECTED BY TYING THE MODE PIN LOW, WHILE MASTER MODE IS SELECTED BY TYING THE MODE PIN HIGH.
t2
t3
t4
t5
t6
t7
t5
t11
t6
t7
t9
t8
MSB
LSB
LSB
MSB
t10
Figure 2. Slave/Master Mode Timing Diagram
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD7782 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE


同様の部品番号 - AD7782BRU

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7782BRU-REEL AD-AD7782BRU-REEL Datasheet
638Kb / 13P
   Read Only, Pin Configured 24-Bit ADC
AD7782BRUZ AD-AD7782BRUZ Datasheet
638Kb / 13P
   Read Only, Pin Configured 24-Bit ADC
AD7782BRUZ-REEL AD-AD7782BRUZ-REEL Datasheet
638Kb / 13P
   Read Only, Pin Configured 24-Bit ADC
AD7782BRUZ-REEL7 AD-AD7782BRUZ-REEL7 Datasheet
638Kb / 13P
   Read Only, Pin Configured 24-Bit ADC
More results

同様の説明 - AD7782BRU

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7783 AD-AD7783_17 Datasheet
318Kb / 13P
   Read-Only, Pin Configured 24-Bit ADC
AD7782 AD-AD7782_17 Datasheet
638Kb / 13P
   Read Only, Pin Configured 24-Bit ADC
AD7783 AD-AD7783 Datasheet
217Kb / 12P
   Read-Only, Pin Configured 24-Bit ADC with Excitation Current Sources
REV. B
logo
Texas Instruments
TMS27C240-15JL TI1-TMS27C240-15JL Datasheet
203Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C256-20JL TI1-TMS27C256-20JL Datasheet
196Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C240 TI-TMS27C240 Datasheet
190Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C512-150JL TI1-TMS27C512-150JL Datasheet
198Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C256JL TI1-TMS27C256JL Datasheet
196Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C010A-12JL TI1-TMS27C010A-12JL Datasheet
185Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C240-12JL TI1-TMS27C240-12JL Datasheet
203Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com