データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CSD18502Q5B データシート(PDF) 6 Page - Texas Instruments

部品番号 CSD18502Q5B
部品情報  40V N-Channel NexFET Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18502Q5B データシート(HTML) 6 Page - Texas Instruments

Back Button CSD18502Q5B_16 Datasheet HTML 2Page - Texas Instruments CSD18502Q5B_16 Datasheet HTML 3Page - Texas Instruments CSD18502Q5B_16 Datasheet HTML 4Page - Texas Instruments CSD18502Q5B_16 Datasheet HTML 5Page - Texas Instruments CSD18502Q5B_16 Datasheet HTML 6Page - Texas Instruments CSD18502Q5B_16 Datasheet HTML 7Page - Texas Instruments CSD18502Q5B_16 Datasheet HTML 8Page - Texas Instruments CSD18502Q5B_16 Datasheet HTML 9Page - Texas Instruments CSD18502Q5B_16 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TC - Case Temperature (°C)
-50
-25
0
25
50
75
100
125
150
175
0
20
40
60
80
100
120
D012
VDS - Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
0.01
0.1
1
10
100
1000
5000
D010
100 ms
10 ms
1 ms
100 µs
TAV - Time in Avalanche (ms)
0.01
0.1
1
10
100
200
D011
TC = 25G C
TC = 125G C
TC - Case Temperature (°C)
-75
-50
-25
0
25
50
75
100
125
150
175
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
D008
VGS = 4.5 V
VGS = 10 V
VSD - Source-to-Drain Voltage (V)
0
0.2
0.4
0.6
0.8
1
0.0001
0.001
0.01
0.1
1
10
100
D009
TC = 25°C
TC = 125°C
CSD18502Q5B
SLPS320A – NOVEMBER 2012 – REVISED JULY 2015
www.ti.com
Typical MOSFET Characteristics (continued)
(TA = 25°C unless otherwise stated)
ID = 30 A
Figure 8. Normalized On-State Resistance vs Temperature
Figure 9. Typical Diode Forward Voltage
Single Pulse, Max RθJC = 0.8°C/W
Figure 10. Maximum Safe Operating Area
Figure 11. Single Pulse Unclamped Inductive Switching
Figure 12. Maximum Drain Current vs Temperature
6
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: CSD18502Q5B


同様の部品番号 - CSD18502Q5B_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD18502Q5B TI-CSD18502Q5B Datasheet
1Mb / 12P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
More results

同様の説明 - CSD18502Q5B_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD18503Q5A TI1-CSD18503Q5A_16 Datasheet
380Kb / 13P
[Old version datasheet]   40V N-Channel NexFET Power MOSFET
CSD18504Q5A TI1-CSD18504Q5A_16 Datasheet
416Kb / 13P
[Old version datasheet]   40V N-Channel NexFET Power MOSFET
CSD18501Q5A TI1-CSD18501Q5A Datasheet
703Kb / 10P
[Old version datasheet]   40V N-Channel NexFET??Power MOSFETs
CSD18503Q5A TI1-CSD18503Q5A Datasheet
709Kb / 9P
[Old version datasheet]   40V N-Channel NexFET??Power MOSFETs
CSD18504Q5A TI1-CSD18504Q5A Datasheet
674Kb / 9P
[Old version datasheet]   40V N-Channel NexFET??Power MOSFETs
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD18563Q5A TI1-CSD18563Q5A_16 Datasheet
825Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI1-CSD17313Q2Q1_15 Datasheet
411Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16408Q5 TI-CSD16408Q5 Datasheet
204Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com