データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CSD18502Q5BT データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 CSD18502Q5BT
部品情報  40V N-Channel NexFET Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18502Q5BT データシート(HTML) 9 Page - Texas Instruments

Back Button CSD18502Q5BT Datasheet HTML 5Page - Texas Instruments CSD18502Q5BT Datasheet HTML 6Page - Texas Instruments CSD18502Q5BT Datasheet HTML 7Page - Texas Instruments CSD18502Q5BT Datasheet HTML 8Page - Texas Instruments CSD18502Q5BT Datasheet HTML 9Page - Texas Instruments CSD18502Q5BT Datasheet HTML 10Page - Texas Instruments CSD18502Q5BT Datasheet HTML 11Page - Texas Instruments CSD18502Q5BT Datasheet HTML 12Page - Texas Instruments CSD18502Q5BT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
4.318 (0.170)
2.186
6.586
0.350
(0.014)
1.294
x 8
(0.051)
0.746 x 8
(0.029)
(0.259)
1.072
(0.042)
1.270
0.562 x 4
(0.022)
0.300
(0.012)
(0.086)
(0.050)
1.525
(0.060)
0.508
x4
(0.020)
1.270 (0.050)
0.286
(0.011)
0.766
(0.030)
C
L
C
L
SYM
0.590
(0.023)
4.440
(0.175)
1.100
(0.043)
4.520
(0.178)
3.456
0.984
(0.136)
(0.039)
1.372
(0.054)
0.710 (0.028)
0.710
(0.028)
1.270 (0.028)
0.560 (0.022)
CSD18502Q5B
www.ti.com
SLPS320A – NOVEMBER 2012 – REVISED JULY 2015
7.2 Recommended PCB Pattern
For recommended circuit layout for PCB designs, see Reducing Ringing Through PCB Layout Techniques
(SLPA005).
7.3 Recommended Stencil Pattern
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: CSD18502Q5B


同様の部品番号 - CSD18502Q5BT

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD18502Q5B TI-CSD18502Q5B Datasheet
1Mb / 12P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
More results

同様の説明 - CSD18502Q5BT

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD18503Q5A TI1-CSD18503Q5A_16 Datasheet
380Kb / 13P
[Old version datasheet]   40V N-Channel NexFET Power MOSFET
CSD18504Q5A TI1-CSD18504Q5A_16 Datasheet
416Kb / 13P
[Old version datasheet]   40V N-Channel NexFET Power MOSFET
CSD18501Q5A TI1-CSD18501Q5A Datasheet
703Kb / 10P
[Old version datasheet]   40V N-Channel NexFET??Power MOSFETs
CSD18503Q5A TI1-CSD18503Q5A Datasheet
709Kb / 9P
[Old version datasheet]   40V N-Channel NexFET??Power MOSFETs
CSD18504Q5A TI1-CSD18504Q5A Datasheet
674Kb / 9P
[Old version datasheet]   40V N-Channel NexFET??Power MOSFETs
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD18563Q5A TI1-CSD18563Q5A_16 Datasheet
825Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI1-CSD17313Q2Q1_15 Datasheet
411Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16408Q5 TI-CSD16408Q5 Datasheet
204Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com