データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CSD18531Q5A データシート(PDF) 9 Page - Texas Instruments

部品番号 CSD18531Q5A
部品情報  60V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18531Q5A データシート(HTML) 9 Page - Texas Instruments

Back Button CSD18531Q5A_16 Datasheet HTML 5Page - Texas Instruments CSD18531Q5A_16 Datasheet HTML 6Page - Texas Instruments CSD18531Q5A_16 Datasheet HTML 7Page - Texas Instruments CSD18531Q5A_16 Datasheet HTML 8Page - Texas Instruments CSD18531Q5A_16 Datasheet HTML 9Page - Texas Instruments CSD18531Q5A_16 Datasheet HTML 10Page - Texas Instruments CSD18531Q5A_16 Datasheet HTML 11Page - Texas Instruments CSD18531Q5A_16 Datasheet HTML 12Page - Texas Instruments CSD18531Q5A_16 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
4.310
3.020
0.500
1.570
1.270
0.615
1.105
0.500
1.585
1.235
0.620
0.500
(0.020) 8x
(0.020)
(0.020) 8x
(0.024)
(0.062)
4x
(0.050)
(0.044)
(0.024)
(0.119)
(0.062)
(0.049)
(0.170)
0.385
(0.015)
F10
F6
F7
M0139-01
F1
CSD18531Q5A
www.ti.com
SLPS321E – JUNE 2012 – REVISED AUGUST 2015
MILLIMETERS
INCHES
DIM
Recommended PCB Pattern
MIN
MAX
MIN
MAX
F1
6.205
6.305
0.244
0.248
F2
4.46
4.56
0.176
0.18
F3
4.46
4.56
0.176
0.18
F4
0.65
0.7
0.026
0.028
F5
0.62
0.67
0.024
0.026
F6
0.63
0.68
0.025
0.027
F7
0.7
0.8
0.028
0.031
F8
0.65
0.7
0.026
0.028
F9
0.62
0.67
0.024
0.026
F10
4.9
5
0.193
0.197
F11
4.46
4.56
0.176
0.18
For recommended circuit layout for PCB designs, see application note Reducing Ringing Through PCB Layout
Techniques, SLPA005.
7.2 Recommended Stencil Opening
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: CSD18531Q5A


同様の部品番号 - CSD18531Q5A_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD18531Q5A TI1-CSD18531Q5A_12 Datasheet
1Mb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
More results

同様の説明 - CSD18531Q5A_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD18542KCS TI1-CSD18542KCS Datasheet
468Kb / 11P
[Old version datasheet]   60V N-Channel NexFET Power MOSFET
CSD18534Q5A TI1-CSD18534Q5A_16 Datasheet
420Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFET
CSD18533Q5A TI1-CSD18533Q5A_16 Datasheet
822Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFET
CSD18531Q5A TI1-CSD18531Q5A Datasheet
699Kb / 10P
[Old version datasheet]   60V N-Channel NexFET??Power MOSFETs
CSD18540Q5B TI1-CSD18540Q5B_16 Datasheet
438Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18532Q5B TI1-CSD18532Q5B_16 Datasheet
877Kb / 14P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18537NQ5A TI1-CSD18537NQ5A_16 Datasheet
699Kb / 14P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18540Q5B TI-CSD18540Q5B_15 Datasheet
974Kb / 15P
[Old version datasheet]   CSD18540Q5B 60V N-Channel NexFET Power MOSFETs
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com