データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CSD18534Q5A データシート(PDF) 8 Page - Texas Instruments

部品番号 CSD18534Q5A
部品情報  60V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18534Q5A データシート(HTML) 8 Page - Texas Instruments

Back Button CSD18534Q5A_16 Datasheet HTML 4Page - Texas Instruments CSD18534Q5A_16 Datasheet HTML 5Page - Texas Instruments CSD18534Q5A_16 Datasheet HTML 6Page - Texas Instruments CSD18534Q5A_16 Datasheet HTML 7Page - Texas Instruments CSD18534Q5A_16 Datasheet HTML 8Page - Texas Instruments CSD18534Q5A_16 Datasheet HTML 9Page - Texas Instruments CSD18534Q5A_16 Datasheet HTML 10Page - Texas Instruments CSD18534Q5A_16 Datasheet HTML 11Page - Texas Instruments CSD18534Q5A_16 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
CSD18534Q5A
SLPS389D – OCTOBER 2012 – REVISED JUNE 2015
www.ti.com
7 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
7.1 Q5A Package Dimensions
MILLIMETERS
DIM
MIN
NOM
MAX
A
0.90
1.00
1.10
b
0.33
0.41
0.51
c
0.20
0.25
0.34
D1
4.80
4.90
5.00
D2
3.61
3.81
4.02
E
5.90
6.00
6.10
E1
5.70
5.75
5.80
E2
3.38
3.58
3.78
E3
3.03
3.13
3.23
e
1.17
1.27
1.37
e1
0.27
0.37
0.47
e2
0.15
0.25
0.35
H
0.41
0.56
0.71
K
1.10
L
0.51
0.61
0.71
L1
0.06
0.13
0.20
θ
12°
8
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: CSD18534Q5A


同様の部品番号 - CSD18534Q5A_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD18534Q5A TI-CSD18534Q5A Datasheet
777Kb / 12P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18534Q5A TI-CSD18534Q5A Datasheet
2Mb / 49P
[Old version datasheet]   LM5141-Q1 Wide Input Range Synchronous Buck Controller
More results

同様の説明 - CSD18534Q5A_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD18542KCS TI1-CSD18542KCS Datasheet
468Kb / 11P
[Old version datasheet]   60V N-Channel NexFET Power MOSFET
CSD18531Q5A TI1-CSD18531Q5A_16 Datasheet
362Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFET
CSD18533Q5A TI1-CSD18533Q5A_16 Datasheet
822Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFET
CSD18531Q5A TI1-CSD18531Q5A Datasheet
699Kb / 10P
[Old version datasheet]   60V N-Channel NexFET??Power MOSFETs
CSD18540Q5B TI1-CSD18540Q5B_16 Datasheet
438Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18532Q5B TI1-CSD18532Q5B_16 Datasheet
877Kb / 14P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18537NQ5A TI1-CSD18537NQ5A_16 Datasheet
699Kb / 14P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18540Q5B TI-CSD18540Q5B_15 Datasheet
974Kb / 15P
[Old version datasheet]   CSD18540Q5B 60V N-Channel NexFET Power MOSFETs
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com