データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CSD18537NQ5A データシート(PDF) 2 Page - Texas Instruments

部品番号 CSD18537NQ5A
部品情報  60V N-Channel NexFET Power MOSFETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18537NQ5A データシート(HTML) 2 Page - Texas Instruments

  CSD18537NQ5A_16 Datasheet HTML 1Page - Texas Instruments CSD18537NQ5A_16 Datasheet HTML 2Page - Texas Instruments CSD18537NQ5A_16 Datasheet HTML 3Page - Texas Instruments CSD18537NQ5A_16 Datasheet HTML 4Page - Texas Instruments CSD18537NQ5A_16 Datasheet HTML 5Page - Texas Instruments CSD18537NQ5A_16 Datasheet HTML 6Page - Texas Instruments CSD18537NQ5A_16 Datasheet HTML 7Page - Texas Instruments CSD18537NQ5A_16 Datasheet HTML 8Page - Texas Instruments CSD18537NQ5A_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CSD18537NQ5A
SLPS391B – JUNE 2013 – REVISED JULY 2014
www.ti.com
Table of Contents
6.1
Trademarks ............................................................... 7
1
Features .................................................................. 1
6.2
Electrostatic Discharge Caution ................................ 7
2
Applications ........................................................... 1
6.3
Glossary .................................................................... 7
3
Description ............................................................. 1
7
Mechanical, Packaging, and Orderable
4
Revision History..................................................... 2
Information ............................................................. 8
5
Specifications......................................................... 3
7.1
Q5A Package Dimensions ........................................ 9
5.1
Electrical Characteristics........................................... 3
7.2
Recommended PCB Pattern................................... 10
5.2
Thermal Information .................................................. 3
7.3
Recommended Stencil Opening ............................. 11
5.3
Typical MOSFET Characteristics .............................. 4
7.4
Q5A Tape and Reel Information ............................. 11
6
Device and Documentation Support.................... 7
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (February 2014) to Revision B
Page
Reduced silicon current limit to 54 A due to increase in RθJC ............................................................................................... 1
Increased pulsed current limit to 151 .................................................................................................................................... 1
Added line for maximum power dissipation with case temperature held to 25ºC ................................................................. 1
Updated the pulsed current conditions .................................................................................................................................. 1
Increased the maximum RθJC to 2.1 ºC/W ............................................................................................................................. 3
Updated Figure 1 from a normalized RθJA curve to an RθJC curve ......................................................................................... 4
Updated Figure 10 to show an improved SOA....................................................................................................................... 5
Updated Figure 12 to show a 50-A package current limit ..................................................................................................... 5
Changes from Original (June 2013) to Revision A
Page
Added part number to title ...................................................................................................................................................... 1
Added more information to description................................................................................................................................... 1
Updated ordering information to include small reel information ............................................................................................. 1
Removed TC = 25°C condition from package limited continuous drain current ..................................................................... 1
2
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: CSD18537NQ5A


同様の部品番号 - CSD18537NQ5A_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD18537NQ5A TI1-CSD18537NQ5A_14 Datasheet
1Mb / 15P
[Old version datasheet]   60 V N-Channel NexFET??Power MOSFETs
More results

同様の説明 - CSD18537NQ5A_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD18531Q5A TI1-CSD18531Q5A Datasheet
699Kb / 10P
[Old version datasheet]   60V N-Channel NexFET??Power MOSFETs
CSD18540Q5B TI1-CSD18540Q5B_16 Datasheet
438Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18532Q5B TI1-CSD18532Q5B_16 Datasheet
877Kb / 14P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18540Q5B TI-CSD18540Q5B_15 Datasheet
974Kb / 15P
[Old version datasheet]   CSD18540Q5B 60V N-Channel NexFET Power MOSFETs
CSD16301Q2 TI-CSD16301Q2_11 Datasheet
183Kb / 9P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16323Q3 TI1-CSD16323Q3 Datasheet
392Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16325Q5 TI-CSD16325Q5 Datasheet
242Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16403Q5A TI1-CSD16403Q5A Datasheet
345Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16406Q3 TI1-CSD16406Q3 Datasheet
364Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16407Q5 TI1-CSD16407Q5 Datasheet
340Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com