データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CSD18540Q5B データシート(PDF) 3 Page - Texas Instruments

部品番号 CSD18540Q5B
部品情報  60V N-Channel NexFET Power MOSFETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18540Q5B データシート(HTML) 3 Page - Texas Instruments

  CSD18540Q5B_16 Datasheet HTML 1Page - Texas Instruments CSD18540Q5B_16 Datasheet HTML 2Page - Texas Instruments CSD18540Q5B_16 Datasheet HTML 3Page - Texas Instruments CSD18540Q5B_16 Datasheet HTML 4Page - Texas Instruments CSD18540Q5B_16 Datasheet HTML 5Page - Texas Instruments CSD18540Q5B_16 Datasheet HTML 6Page - Texas Instruments CSD18540Q5B_16 Datasheet HTML 7Page - Texas Instruments CSD18540Q5B_16 Datasheet HTML 8Page - Texas Instruments CSD18540Q5B_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
CSD18540Q5B
www.ti.com
SLPS488A – JUNE 2014 – REVISED JUNE 2016
Product Folder Links: CSD18540Q5B
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
5 Specifications
5.1 Electrical Characteristics
TA = 25°C (unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-source voltage
VGS = 0 V, ID = 250 μA
60
V
IDSS
Drain-to-source leakage current
VGS = 0 V, VDS = 48 V
1
μA
IGSS
Gate-to-source leakage current
VDS = 0 V, VGS = 20 V
100
nA
VGS(th)
Gate-to-source threshold voltage
VDS = VGS, ID = 250 μA
1.5
1.9
2.3
V
RDS(on)
Drain-to-source on resistance
VGS = 4.5 V, ID = 28 A
2.6
3.3
m
VGS = 10 V, ID = 28 A
1.8
2.2
m
gfs
Transconductance
VDS = 6 V, ID = 28 A
116
S
DYNAMIC CHARACTERISTICS
Ciss
Input capacitance
VGS = 0 V, VDS = 30 V, ƒ = 1 MHz
3250
4230
pF
Coss
Output capacitance
622
808
pF
Crss
Reverse transfer capacitance
15
20
pF
RG
Series gate resistance
0.8
1.6
Qg
Gate charge total (4.5 V)
VDS = 30 V, ID = 28 A
20
26
nC
Qg
Gate charge total (10 V)
41
53
nC
Qgd
Gate charge gate-to-drain
6.7
nC
Qgs
Gate charge gate-to-source
8.8
nC
Qg(th)
Gate charge at Vth
6.3
nC
Qoss
Output charge
VDS = 30 V, VGS = 0 V
83
nC
td(on)
Turnon delay time
VDS = 30 V, VGS = 10 V,
IDS = 28 A, RG = 0 Ω
6
ns
tr
Rise time
9
ns
td(off)
Turnoff delay time
20
ns
tf
Fall time
3
ns
DIODE CHARACTERISTICS
VSD
Diode forward voltage
ISD = 28 A, VGS = 0 V
0.8
1
V
Qrr
Reverse recovery charge
VDS= 30 V, IF = 28 A,
di/dt = 300 A/μs
145
nC
trr
Reverse recovery time
82
ns
(1)
RθJC is determined with the device mounted on a 1-in
2 (6.45-cm2), 2-oz (0.071-mm) thick Cu pad on a 1.5-in × 1.5-in
(3.81-cm × 3.81-cm), 0.06-in (1.52-mm) thick FR4 PCB. RθJC is specified by design, whereas RθJA is determined by the user’s board
design.
(2)
Device mounted on FR4 material with 1-in2 (6.45-cm2), 2-oz (0.071-mm) thick Cu.
5.2 Thermal Information
TA = 25°C (unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJC
Junction-to-case thermal resistance(1)
0.8
°C/W
RθJA
Junction-to-ambient thermal resistance(1)(2)
50


同様の部品番号 - CSD18540Q5B_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD18540Q5B TI-CSD18540Q5B_15 Datasheet
974Kb / 15P
[Old version datasheet]   CSD18540Q5B 60V N-Channel NexFET Power MOSFETs
More results

同様の説明 - CSD18540Q5B_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD18531Q5A TI1-CSD18531Q5A Datasheet
699Kb / 10P
[Old version datasheet]   60V N-Channel NexFET??Power MOSFETs
CSD18532Q5B TI1-CSD18532Q5B_16 Datasheet
877Kb / 14P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18537NQ5A TI1-CSD18537NQ5A_16 Datasheet
699Kb / 14P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18540Q5B TI-CSD18540Q5B_15 Datasheet
974Kb / 15P
[Old version datasheet]   CSD18540Q5B 60V N-Channel NexFET Power MOSFETs
CSD16301Q2 TI-CSD16301Q2_11 Datasheet
183Kb / 9P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16323Q3 TI1-CSD16323Q3 Datasheet
392Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16325Q5 TI-CSD16325Q5 Datasheet
242Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16403Q5A TI1-CSD16403Q5A Datasheet
345Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16406Q3 TI1-CSD16406Q3 Datasheet
364Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16407Q5 TI1-CSD16407Q5 Datasheet
340Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com