データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CSD19534Q5AT データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 CSD19534Q5AT
部品情報  100V N-Channel NexFET Power MOSFETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CSD19534Q5AT データシート(HTML) 3 Page - Texas Instruments

  CSD19534Q5AT Datasheet HTML 1Page - Texas Instruments CSD19534Q5AT Datasheet HTML 2Page - Texas Instruments CSD19534Q5AT Datasheet HTML 3Page - Texas Instruments CSD19534Q5AT Datasheet HTML 4Page - Texas Instruments CSD19534Q5AT Datasheet HTML 5Page - Texas Instruments CSD19534Q5AT Datasheet HTML 6Page - Texas Instruments CSD19534Q5AT Datasheet HTML 7Page - Texas Instruments CSD19534Q5AT Datasheet HTML 8Page - Texas Instruments CSD19534Q5AT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CSD19534Q5A
www.ti.com
SLPS483 – MAY 2014
5 Specifications
5.1
Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-Source Voltage
VGS = 0 V, ID = 250 μA
100
V
IDSS
Drain-to-Source Leakage Current
VGS = 0 V, VDS = 80 V
1
μA
IGSS
Gate-to-Source Leakage Current
VDS = 0 V, VGS = 20 V
100
nA
VGS(th)
Gate-to-Source Threshold Voltage
VDS = VGS, ID = 250 μA
2.4
2.8
3.4
V
VGS = 6 V, ID = 10 A
14.1
17.6
m
RDS(on)
Drain-to-Source On Resistance
VGS = 10 V, ID = 10 A
12.6
15.1
m
gfs
Transconductance
VDS = 10 V, ID = 10 A
47
S
DYNAMIC CHARACTERISTICS
Ciss
Input Capacitance
1290
1680
pF
Coss
Output Capacitance
VGS = 0 V, VDS = 50 V, f = 1 MHz
257
330
pF
Crss
Reverse Transfer Capacitance
5.7
7.4
pF
RG
Series Gate Resistance
1.1
2.2
Qg
Gate Charge Total (10 V)
17
22
nC
Qgd
Gate Charge Gate to Drain
3.2
nC
VDS = 50 V, ID = 10 A
Qgs
Gate Charge Gate to Source
5.1
nC
Qg(th)
Gate Charge at Vth
3.3
nC
Qoss
Output Charge
VDS = 50 V, VGS = 0 V
44
nC
td(on)
Turn On Delay Time
9
ns
tr
Rise Time
14
ns
VDS = 50 V, VGS = 10 V,
IDS = 10 A, RG = 0 Ω
td(off)
Turn Off Delay Time
20
ns
tf
Fall Time
6
ns
DIODE CHARACTERISTICS
VSD
Diode Forward Voltage
ISD = 10 A, VGS = 0 V
0.8
1.0
V
Qrr
Reverse Recovery Charge
134
nC
VDS= 50 V, IF = 10 A,
di/dt = 300 A/
μs
trr
Reverse Recovery Time
53
ns
5.2 Thermal Information
(TA = 25°C unless otherwise stated)
PARAMETER
MIN
TYP
MAX
UNIT
RθJC
Junction-to-Case Thermal Resistance (1)
2.0
°C/W
RθJA
Junction-to-Ambient Thermal Resistance(1)(2)
50
(1)
RθJC is determined with the device mounted on a 1-inch
2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu pad on a 1.5-inch × 1.5-inch (3.81-cm ×
3.81-cm), 0.06-inch (1.52-mm) thick FR4 PCB. RθJC is specified by design, whereas RθJA is determined by the user’s board design.
(2)
Device mounted on FR4 material with 1-inch2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CSD19534Q5A


同様の部品番号 - CSD19534Q5AT

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD19534Q5A TI-CSD19534Q5A_15 Datasheet
885Kb / 16P
[Old version datasheet]   CSD19534Q5A 100 V N-Channel NexFET Power MOSFETs
More results

同様の説明 - CSD19534Q5AT

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD19531Q5A TI1-CSD19531Q5A Datasheet
1Mb / 12P
[Old version datasheet]   100V N-Channel NexFET Power MOSFETs
CSD19531Q5A TI1-CSD19531Q5A_16 Datasheet
743Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFETs
CSD19531KCS TI1-CSD19531KCS Datasheet
838Kb / 7P
[Old version datasheet]   100V N-Channel NexFET??Power MOSFETs
CSD16301Q2 TI-CSD16301Q2_11 Datasheet
183Kb / 9P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16323Q3 TI1-CSD16323Q3 Datasheet
392Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16325Q5 TI-CSD16325Q5 Datasheet
242Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16403Q5A TI1-CSD16403Q5A Datasheet
345Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16406Q3 TI1-CSD16406Q3 Datasheet
364Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16407Q5 TI1-CSD16407Q5 Datasheet
340Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD17551Q3A TI1-CSD17551Q3A_16 Datasheet
779Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com