データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CSD19537Q3T データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 CSD19537Q3T
部品情報  100V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CSD19537Q3T データシート(HTML) 1 Page - Texas Instruments

  CSD19537Q3T Datasheet HTML 1Page - Texas Instruments CSD19537Q3T Datasheet HTML 2Page - Texas Instruments CSD19537Q3T Datasheet HTML 3Page - Texas Instruments CSD19537Q3T Datasheet HTML 4Page - Texas Instruments CSD19537Q3T Datasheet HTML 5Page - Texas Instruments CSD19537Q3T Datasheet HTML 6Page - Texas Instruments CSD19537Q3T Datasheet HTML 7Page - Texas Instruments CSD19537Q3T Datasheet HTML 8Page - Texas Instruments CSD19537Q3T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Qg - Gate Charge (nC)
0
2
4
6
8
10
12
14
16
0
1
2
3
4
5
6
7
8
9
10
D004
ID = 10 A
VDS = 50 V
VGS - Gate-To-Source Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
0
5
10
15
20
25
30
35
40
D007
TC = 25°C, I D = 10 A
TC = 125°C, I D = 10 A
1
D
2
D
3
D
4
D
D
5
G
6
S
7
S
8
S
P0095-01
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
CSD19537Q3
SLPS549A – AUGUST 2015 – REVISED MAY 2016
CSD19537Q3 100-V N-Channel NexFET™ Power MOSFET
1
1 Features
1
Ultra-Low Qg and Qgd
Low Thermal Resistance
Avalanche Rated
Lead Free Terminal Plating
RoHS Compliant
Halogen Free
SON 3.3-mm × 3.3-mm Plastic Package
2 Applications
Primary Side Isolated Converters
Motor Control
3 Description
This 100-V, 12.1-m
Ω, SON 3.3-mm × 3.3-mm
NexFET™ power MOSFET is designed to minimize
losses in power conversion applications.
Top View
.
.
.
Product Summary
TA = 25°C
TYPICAL VALUE
UNIT
VDS
Drain-to-Source Voltage
100
V
Qg
Gate Charge Total (10 V)
16
nC
Qgd
Gate Charge Gate-to-Drain
2.9
nC
RDS(on)
Drain-to-Source On-Resistance
VGS = 6 V
13.8
m
VGS = 10 V
12.1
m
VGS(th)
Threshold Voltage
3
V
.
Ordering Information(1)
DEVICE
MEDIA
QTY
PACKAGE
SHIP
CSD19537Q3
13-Inch Reel
2500 SON 3.3- x 3.3-mm
Plastic Package
Tape and
Reel
CSD19537Q3T
13-Inch Reel
250
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Absolute Maximum Ratings
TA = 25°C
VALUE
UNIT
VDS
Drain-to-Source Voltage
100
V
VGS
Gate-to-Source Voltage
±20
V
ID
Continuous Drain Current (Package
Limited)
50
A
Continuous Drain Current (Silicon Limited),
TC = 25°C
53
A
Continuous Drain Current(1)
9.7
A
IDM
Pulsed Drain Current(2)
219
A
PD
Power Dissipation(1)
2.8
W
Power Dissipation, TC = 25°C
83
W
TJ,
Tstg
Operating Junction Temperature,
Storage Temperature
–55 to 150
°C
EAS
Avalanche Energy, Single Pulse
ID = 33 A, L = 0.1 mH, RG = 25 Ω
55
mJ
(1) Typical RθJA = 45°C/W on a 1-in
2, 2-oz Cu pad on a 0.06-in
thick FR4 PCB.
(2) Max RθJC = 1.5°C/W, pulse duration ≤ 100 μs, duty cycle ≤
1%.
RDS(on) vs VGS
Gate Charge


同様の部品番号 - CSD19537Q3T

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD19537Q3 TI-CSD19537Q3_15 Datasheet
478Kb / 13P
[Old version datasheet]   CSD19537Q3 100 V N-Channel NexFET Power MOSFET
More results

同様の説明 - CSD19537Q3T

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD19534KCS TI1-CSD19534KCS Datasheet
326Kb / 12P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19532Q5B TI1-CSD19532Q5B_16 Datasheet
841Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19533Q5A TI1-CSD19533Q5A_16 Datasheet
773Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19535KTT TI1-CSD19535KTT Datasheet
339Kb / 12P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19538Q2 TI1-CSD19538Q2 Datasheet
402Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19536KTT TI1-CSD19536KTT Datasheet
882Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19531Q5A TI1-CSD19531Q5A Datasheet
1Mb / 12P
[Old version datasheet]   100V N-Channel NexFET Power MOSFETs
CSD19531Q5A TI1-CSD19531Q5A_16 Datasheet
743Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFETs
CSD19534Q5A TI1-CSD19534Q5A Datasheet
374Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFETs
CSD19531KCS TI1-CSD19531KCS Datasheet
838Kb / 7P
[Old version datasheet]   100V N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com