データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CSD23202W10T データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 CSD23202W10T
部品情報  12-V P-Channel NexFET Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CSD23202W10T データシート(HTML) 4 Page - Texas Instruments

  CSD23202W10T Datasheet HTML 1Page - Texas Instruments CSD23202W10T Datasheet HTML 2Page - Texas Instruments CSD23202W10T Datasheet HTML 3Page - Texas Instruments CSD23202W10T Datasheet HTML 4Page - Texas Instruments CSD23202W10T Datasheet HTML 5Page - Texas Instruments CSD23202W10T Datasheet HTML 6Page - Texas Instruments CSD23202W10T Datasheet HTML 7Page - Texas Instruments CSD23202W10T Datasheet HTML 8Page - Texas Instruments CSD23202W10T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
M0149-01
P-Chan 1.
0x1.
0 CSP TTA MAX Rev1
M0150-01
P-Chan 1.
0x1.
0 CSP TTA MIN Rev1
CSD23202W10
SLPS506 – AUGUST 2014
www.ti.com
Typical RθJA =
Typical RθJA = 65°C/W
195°C/W when
when mounted on
mounted on minimum
1 inch2 of 2 oz. Cu.
pad area of 2 oz. Cu.
5.3 Typical MOSFET Characteristics
(TA = 25°C unless otherwise stated)
Figure 1. Transient Thermal Impedance
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: CSD23202W10


同様の部品番号 - CSD23202W10T

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD23202W10 TI-CSD23202W10_15 Datasheet
1,023Kb / 15P
[Old version datasheet]   CSD23202W10 12-V P-Channel NexFET Power MOSFET
More results

同様の説明 - CSD23202W10T

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD23202W10 TI-CSD23202W10_15 Datasheet
1,023Kb / 15P
[Old version datasheet]   CSD23202W10 12-V P-Channel NexFET Power MOSFET
CSD22205L TI1-CSD22205L Datasheet
618Kb / 11P
[Old version datasheet]   8-V P-Channel NexFET Power MOSFET
CSD25402Q3A TI1-CSD25402Q3A_16 Datasheet
1Mb / 15P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD22204W TI-CSD22204W_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD22204W ?? V P-Channel NexFET Power MOSFET
CSD23203W TI1-CSD23203W Datasheet
369Kb / 12P
[Old version datasheet]   8 V P-Channel NexFET Power MOSFET
CSD22206W TI1-CSD22206W Datasheet
411Kb / 12P
[Old version datasheet]   8-V P-Channel NexFET Power MOSFET
CSD25402Q3A TI1-CSD25402Q3A Datasheet
1Mb / 13P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD25404Q3 TI1-CSD25404Q3 Datasheet
406Kb / 13P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD22204W TI1-CSD22204W Datasheet
470Kb / 12P
[Old version datasheet]   8 V P-Channel NexFET Power MOSFET
CSD13302W TI-CSD13302W_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD13302W 12 V N Channel NexFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com