データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CSD25480F3 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 CSD25480F3
部品情報  20V P-Channel FemtoFET MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CSD25480F3 データシート(HTML) 3 Page - Texas Instruments

  CSD25480F3 Datasheet HTML 1Page - Texas Instruments CSD25480F3 Datasheet HTML 2Page - Texas Instruments CSD25480F3 Datasheet HTML 3Page - Texas Instruments CSD25480F3 Datasheet HTML 4Page - Texas Instruments CSD25480F3 Datasheet HTML 5Page - Texas Instruments CSD25480F3 Datasheet HTML 6Page - Texas Instruments CSD25480F3 Datasheet HTML 7Page - Texas Instruments CSD25480F3 Datasheet HTML 8Page - Texas Instruments CSD25480F3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
CSD25480F3
www.ti.com
SLPS578 – APRIL 2016
Product Folder Links: CSD25480F3
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Specifications
5.1 Electrical Characteristics
TA = 25°C (unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-source voltage
VGS = 0 V, IDS = –250 μA
–20
V
IDSS
Drain-to-source leakage current
VGS = 0 V, VDS = –16 V
–50
nA
IGSS
Gate-to-source leakage current
VDS = 0 V, VGS = –12 V
–25
nA
VGS(th)
Gate-to-source threshold voltage
VDS = VGS, IDS = –250 μA
–0.70
–0.95
–1.20
V
RDS(on)
Drain-to-source on-resistance
VGS = –1.8 V, IDS = –0.1 A
420
840
m
VGS = –2.5 V, IDS = –0.4 A
203
260
m
VGS = –4.5 V, IDS = –0.4 A
132
159
m
VGS = –8 V, IDS = –0.4 A
110
132
m
gfs
Transconductance
VDS = –10 V, IDS = –0.4 A
8.0
S
DYNAMIC CHARACTERISTICS
Ciss
Input capacitance
VGS = 0 V, VDS = –10 V,
ƒ = 1 MHz
119
155
pF
Coss
Output capacitance
48
62
pF
Crss
Reverse transfer capacitance
3.6
4.7
pF
RG
Series gate resistance
16
Qg
Gate charge total (–4.5 V)
VDS = –10 V, IDS = –0.4 A
0.70
0.91
nC
Qgd
Gate charge gate-to-drain
0.10
nC
Qgs
Gate charge gate-to-source
0.26
nC
Qg(th)
Gate charge at Vth
0.15
nC
Qoss
Output charge
VDS = –10 V, VGS = 0 V
1.3
nC
td(on)
Turn on delay time
VDS = –10 V, VGS = –4.5 V,
IDS = –0.4 A, RG = 10 Ω
9
ns
tr
Rise time
5
ns
td(off)
Turn off delay time
13
ns
tf
Fall time
7
ns
DIODE CHARACTERISTICS
VSD
Diode forward voltage
ISD = –0.4 A, VGS = 0 V
–0.78
–1.0
V
Qrr
Reverse recovery charge
VDS= –10 V, IF = –0.4 A, di/dt = 100 A/μs
1.2
nC
trr
Reverse recovery time
6.4
ns
(1)
Device mounted on FR4 material with 1-in2 (6.45-cm2), 2-oz. (0.071-mm) thick Cu.
(2)
Device mounted on FR4 material with minimum Cu mounting area.
5.2 Thermal Information
TA = 25°C (unless otherwise stated)
THERMAL METRIC
TYPICAL VALUES
UNIT
RθJA
Junction-to-ambient thermal resistance(1)
90
°C/W
Junction-to-ambient thermal resistance(2)
255
°C/W


同様の部品番号 - CSD25480F3

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD25481F4 TI1-CSD25481F4 Datasheet
1Mb / 12P
[Old version datasheet]   20V, P-Channel NexFET??Power MOSFETs
CSD25481F4 TI1-CSD25481F4 Datasheet
1Mb / 14P
[Old version datasheet]   CSD25481F4, 20 V P-Channel FemtoFET MOSFET
CSD25481F4 TI1-CSD25481F4 Datasheet
801Kb / 13P
[Old version datasheet]   20 V P-Channel FemtoFET MOSFET
CSD25481F4R TI1-CSD25481F4R Datasheet
1Mb / 12P
[Old version datasheet]   20V, P-Channel NexFET??Power MOSFETs
CSD25481F4R TI1-CSD25481F4R Datasheet
1Mb / 14P
[Old version datasheet]   CSD25481F4, 20 V P-Channel FemtoFET MOSFET
More results

同様の説明 - CSD25480F3

メーカー部品番号データシート部品情報
logo
Texas Instruments
CSD23280F3 TI1-CSD23280F3 Datasheet
1Mb / 14P
[Old version datasheet]   12V P-Channel FemtoFET MOSFET
CSD25501F3 TI1-CSD25501F3 Datasheet
1Mb / 13P
[Old version datasheet]   ??0-V P-Channel FemtoFET MOSFET
CSD23285F5 TI1-CSD23285F5 Datasheet
1Mb / 14P
[Old version datasheet]   12-V, P-Channel FemtoFET MOSFET
CSD23382F4 TI1-CSD23382F4 Datasheet
761Kb / 13P
[Old version datasheet]   12 V P-Channel FemtoFET MOSFET
CSD25481F4 TI1-CSD25481F4_16 Datasheet
801Kb / 13P
[Old version datasheet]   20 V P-Channel FemtoFET MOSFET
CSD25484F4 TI1-CSD25484F4 Datasheet
1Mb / 15P
[Old version datasheet]   20 V P-Channel FemtoFET MOSFET
CSD25485F5 TI1-CSD25485F5 Datasheet
631Kb / 12P
[Old version datasheet]   20-V P-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4_16 Datasheet
801Kb / 13P
[Old version datasheet]   12 V P-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4 Datasheet
786Kb / 12P
[Old version datasheet]   CSD23381F4, 12 V P-Channel FemtoFET MOSFET
CSD25483F4 TI1-CSD25483F4 Datasheet
787Kb / 12P
[Old version datasheet]   CSD25483F4, 20 V P-Channel FemtoFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com