データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDC1004Q データシート(PDF) 10 Page - Texas Instruments

部品番号 FDC1004Q
部品情報  4-Channel Capacitance-to-Digital Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

FDC1004Q データシート(HTML) 10 Page - Texas Instruments

Back Button FDC1004Q Datasheet HTML 6Page - Texas Instruments FDC1004Q Datasheet HTML 7Page - Texas Instruments FDC1004Q Datasheet HTML 8Page - Texas Instruments FDC1004Q Datasheet HTML 9Page - Texas Instruments FDC1004Q Datasheet HTML 10Page - Texas Instruments FDC1004Q Datasheet HTML 11Page - Texas Instruments FDC1004Q Datasheet HTML 12Page - Texas Instruments FDC1004Q Datasheet HTML 13Page - Texas Instruments FDC1004Q Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
FDC1004Q
SNOSCZ4 – APRIL 2015
www.ti.com
Feature Description (continued)
In a single ended configuration, such as CINn vs. GND, SHLD1 is internally shorted to SHLD2. In a single ended
configuration, such as CINn vs. GND with CAPDAC enabled, SHLD1 is assigned to the selected channel,
SHLD2 is floating.
For best results, locate the FDC1004Q as close as possible to the capacitive sensor. Minimize the connection
length between the sensor and FDC1004Q CINn pins and between the sensor ground and the FDC1004Q GND
pin. Shield the PCB traces to the CINn pins and connect the shielding to the FDC1004Q SHLDx pins. In addition,
if a shielded cable is used to connect the FDC1004Q to the sensor, the shield should be connected to the
appropriate SHLDx pin. In applications where only one SHLDx pin is used, the unused SHLDx pin can be left
unconnected.
For more information on how to design a sensor with a shield, refer to Capacitive Sensing: Ins and Outs of Active
Sensing application note (SNOA926).
8.3.2 The CAPDAC
The FDC1004Q full-scale input range is ±15 pF. The part can accept a higher capacitance on the input and the
common-mode or offset (constant component) capacitance can be balanced by the programmable on-chip
CAPDACs. The CAPDAC can be viewed as a negative capacitance connected internally to the CINn pin. The
relation between the input capacitance and output data can be expressed as DATA = (CINn – CAPDAC), n =
1...4. The CAPDACs have a 5-bit resolution, monotonic transfer function, are well matched to each other, and
have a defined temperature coefficient.
8.3.3 Capacitive System Offset Calibration
The capacitive offset can be due to many factors including the initial capacitance of the sensor, parasitic
capacitances of board traces, and the capacitance of any other connections between the sensor and the FDC.
The parasitic capacitances of the FDC1004Q are calibrated out at production. If there are other sources of offset
in the system, it may be necessary to calibrate the system capacitance offset in the application. Any offset in the
capacitance input larger than ½ LSB of the CAPDAC should first be removed using the on-chip CAPDACs. Any
residual offset of approximately 1 pF can then be removed by using the capacitance offset calibration register.
The offset calibration register is reloaded by the default value at power-on or after reset. Therefore, if the offset
calibration is not repeated after each system power-up, the calibration coefficient value should be stored by the
host controller and reloaded as part of the FDC1004Q setup.
8.3.4 Capacitive Gain Calibration
The gain is factory calibrated up to ±15 pF in the production for each part individually. The factory gain coefficient
is stored in a one-time programmable (OTP) memory.
The gain can be temporarily changed by setting the Gain Calibration Register (registers 0x11 to 0x14) for the
appropriate CINn pin, although the factory gain coefficient will be restored after power-up or reset.
The part is tested and specified for use only with the default factory calibration coefficient. Adjusting the Gain
calibration can be used to normalize the capacitance measurement of the CINn input channels.
8.4 Device Functional Modes
8.4.1 Single Ended Measurement
The FDC1004Q can be used for interfacing to a single-ended capacitive sensor. In this configuration the sensor
should be connected to the input CINn (n = 1..4) pins of the FDC1004Q and GND. The capacitance-to-digital
convertor (without using the CAPDAC, CAPDAC= 0pF) measures the positive (or the negative) input capacitance
in the range of 0 pF to 15 pF. The CAPDAC can be used for programmable shifting of the input range. In this
case it is possible to measure input capacitance in the range of 0 pF to ±15 pF which are on top of an offset
capacitance up to 100 pF. In single ended measurements with CAPDAC disabled SHLD1 is internally shorted to
SHLD2 (see Figure 10); if CAPDAC is enabled SHLD2 is floating (see Figure 11). The single ended mode is
enabled when the CHB register of the Measurements configuration registers (see Table 4) are set to b100 or
b111.
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: FDC1004Q


同様の部品番号 - FDC1004Q

メーカー部品番号データシート部品情報
logo
Texas Instruments
FDC1004 TI1-FDC1004 Datasheet
1Mb / 33P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
FDC1004DGSR TI1-FDC1004DGSR Datasheet
1Mb / 33P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
FDC1004DGST TI1-FDC1004DGST Datasheet
1Mb / 33P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
FDC1004DSCJ TI1-FDC1004DSCJ Datasheet
1Mb / 33P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
FDC1004DSCR TI1-FDC1004DSCR Datasheet
1Mb / 33P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
More results

同様の説明 - FDC1004Q

メーカー部品番号データシート部品情報
logo
Texas Instruments
FDC1004 TI1-FDC1004 Datasheet
1Mb / 33P
[Old version datasheet]   4-Channel Capacitance-to-Digital Converter
logo
Quantum Research Group
QT300 QUANTUM-QT300_03 Datasheet
296Kb / 12P
   CAPACITANCE TO DIGITAL CONVERTER
QT300 QUANTUM-QT300 Datasheet
380Kb / 14P
   CAPACITANCE TO DIGITAL CONVERTER
logo
ams AG
TDC-GPX2 AMSCO-TDC-GPX2 Datasheet
1Mb / 77P
   4-Channel Time-to-Digital Converter
logo
Analog Devices
AD7152 AD-AD7152 Datasheet
481Kb / 24P
   12-Bit Capacitance-to-Digital Converter
REV. 0
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
AD7747 AD-AD7747_17 Datasheet
455Kb / 29P
   24-Bit Capacitance-to-Digital Converter
logo
ON Semiconductor
LC717A10AJ ONSEMI-LC717A10AJ_17 Datasheet
145Kb / 13P
   Capacitance-Digital-Converter
November, 2017 ??Rev. 2
LC717A10AR ONSEMI-LC717A10AR_17 Datasheet
139Kb / 13P
   Capacitance-Digital-Converter
October, 2017 ??Rev. 1
LC717A10PJ ONSEMI-LC717A10PJ_17 Datasheet
154Kb / 14P
   Capacitance-Digital-Converter
November, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com