データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDC2114-Q1 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 FDC2114-Q1
部品情報  Multi-Channel 12-Bit or 28-Bit Capacitance-to-Digital Converter
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2114-Q1 データシート(HTML) 3 Page - Texas Instruments

  FDC2114-Q1 Datasheet HTML 1Page - Texas Instruments FDC2114-Q1 Datasheet HTML 2Page - Texas Instruments FDC2114-Q1 Datasheet HTML 3Page - Texas Instruments FDC2114-Q1 Datasheet HTML 4Page - Texas Instruments FDC2114-Q1 Datasheet HTML 5Page - Texas Instruments FDC2114-Q1 Datasheet HTML 6Page - Texas Instruments FDC2114-Q1 Datasheet HTML 7Page - Texas Instruments FDC2114-Q1 Datasheet HTML 8Page - Texas Instruments FDC2114-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
1
2
3
4
12
11
10
9
DAP
SCL
SDA
CLKIN
ADDR
IN0A
IN0B
IN1A
IN1B
DAP
1
SCL
3
CLKIN
4
ADDR
INTB
5
VDD
7
GND
8
IN0A
9
IN0B
10
IN1A
11
SD
6
IN1B
12
2
SDA
3
FDC2112-Q1, FDC2114-Q1, FDC2212-Q1, FDC2214-Q1
www.ti.com
SNOSCZ9 – MAY 2016
Product Folder Links: FDC2112-Q1 FDC2114-Q1 FDC2212-Q1 FDC2214-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
FDC2112/FDC2212 DNT Package
12-Pin WSON
Top View
FDC2114/FDC2214 RGH Package
16-Pin WQFN
Top View
(1)
I = Input, O = Output, P=Power, G=Ground, A=Analog
(2)
There is an internal electrical connection between the exposed Die Attach Pad (DAP) and the GND pin of the device. Although the DAP
can be left floating, for best performance the DAP should be connected to the same potential as the device's GND pin. Do not use the
DAP as the primary ground for the device. The device GND pin must always be connected to ground.
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
1
SCL
I
I2C clock input
2
SDA
I/O
12C data input/output
3
CLKIN
I
Master Clock input. Tie this pin to GND if internal oscillator is selected
4
ADDR
I
I2C Address selection pin: when ADDR=L, I2C address = 0x2A, when ADDR=H, I2C address =
0x2B.
5
INTB
O
Configurable Interrupt output pin
6
SD
I
Shutdown input
7
VDD
P
Power Supply
8
GND
G
Ground
9
IN0A
A
Capacitive sensor input 0
10
IN0B
A
Capacitive sensor input 0
11
IN1A
A
Capacitive sensor input 1
12
IN1B
A
Capacitive sensor input 1
13
IN2A
A
Capacitive sensor input 2 (FDC2114 / FDC2214 only)
14
IN2B
A
Capacitive sensor input 2 (FDC2114 / FDC2214 only)
15
IN3A
A
Capacitive sensor input 3 (FDC2114 / FDC2214 only)
16
IN3B
A
Capacitive sensor input 3 (FDC2114 / FDC2214 only)
DAP
DAP(2)
N/A
Connect to ground


同様の部品番号 - FDC2114-Q1

メーカー部品番号データシート部品情報
logo
TEXAS ADVANCED OPTOELEC...
FDC2114 TAOS-FDC2114 Datasheet
4Mb / 62P
   FDC2114 and FDC2214 EVM User?셲 Guide
logo
Texas Instruments
FDC2114 TI1-FDC2114 Datasheet
1Mb / 61P
[Old version datasheet]   EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
FDC2114QRGHRQ1 TI1-FDC2114QRGHRQ1 Datasheet
1Mb / 58P
[Old version datasheet]   Capacitance-to-Digital Converter (FDC) for Capacitive Sensing
FDC2114QRGHRQ1 TI1-FDC2114QRGHRQ1 Datasheet
1Mb / 61P
[Old version datasheet]   EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
FDC2114QRGHTQ1 TI1-FDC2114QRGHTQ1 Datasheet
1Mb / 58P
[Old version datasheet]   Capacitance-to-Digital Converter (FDC) for Capacitive Sensing
More results

同様の説明 - FDC2114-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
FDC2212 TI1-FDC2212_16 Datasheet
1Mb / 61P
[Old version datasheet]   EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
logo
Analog Devices
AD7152 AD-AD7152 Datasheet
481Kb / 24P
   12-Bit Capacitance-to-Digital Converter
REV. 0
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
logo
Texas Instruments
LDC1612-Q1 TI1-LDC1612-Q1 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 28-Bit Inductance to Digital Converter (LDC)
LDC1312-Q1 TI1-LDC1312-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   Multi-Channel 12-Bit Inductance to Digital Converter (LDC)
logo
Analog Devices
AD7747 AD-AD7747_17 Datasheet
455Kb / 29P
   24-Bit Capacitance-to-Digital Converter
logo
Texas Instruments
LDC1612-Q1 TI1-LDC1612-Q1_16 Datasheet
1Mb / 62P
[Old version datasheet]   Multi-Channel 28-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
LDC1612 TI1-LDC1612 Datasheet
1Mb / 58P
[Old version datasheet]   Multi-Channel 28-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Rohm
BA9221 ROHM-BA9221 Datasheet
279Kb / 7P
   Digital-to-analog converter, 12 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com