データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDC2212-Q1 データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 FDC2212-Q1
部品情報  Multi-Channel 12-Bit or 28-Bit Capacitance-to-Digital Converter
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2212-Q1 データシート(HTML) 9 Page - Texas Instruments

Back Button FDC2212-Q1 Datasheet HTML 5Page - Texas Instruments FDC2212-Q1 Datasheet HTML 6Page - Texas Instruments FDC2212-Q1 Datasheet HTML 7Page - Texas Instruments FDC2212-Q1 Datasheet HTML 8Page - Texas Instruments FDC2212-Q1 Datasheet HTML 9Page - Texas Instruments FDC2212-Q1 Datasheet HTML 10Page - Texas Instruments FDC2212-Q1 Datasheet HTML 11Page - Texas Instruments FDC2212-Q1 Datasheet HTML 12Page - Texas Instruments FDC2212-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
43.32
43.33
43.34
43.35
43.36
43.37
43.38
43.39
43.4
D009
VDD = 2.7 V
VDD = 3 V
VDD = 3.3 V
VDD = 3.6 V
VDD (V)
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
3.6
43.32
43.33
43.34
43.35
43.36
43.37
43.38
43.39
43.4
43.41
D010
-40°C
-20°C
0°C
25°C
50°C
85°C
100°C
125°C
9
FDC2112-Q1, FDC2114-Q1, FDC2212-Q1, FDC2214-Q1
www.ti.com
SNOSCZ9 – MAY 2016
Product Folder Links: FDC2112-Q1 FDC2114-Q1 FDC2212-Q1 FDC2214-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Common test conditions (unless specified otherwise): Sensor capacitor: 1 layer, 20.9 × 13.9 mm, Bourns CMH322522-180KL
sensor inductor with L = 18 µH and 33 pF 1% COG/NP0 Target: Grounded aluminum plate (176 × 123 mm), Channel =
Channel 0 (continuous mode) CLKIN = 40 MHz, CHx_FIN_SEL = b01, CHx_FREF_DIVIDER = b00 0000 0001
CH0_RCOUNT = 0xFFFF, SETTLECOUNT_CH0 = 0x0100, DRIVE_CURRENT_CH0 = 0x7800.
–40°C to +125°C
Figure 8. Internal Oscillator Frequency vs Temperature
Data based on 1 unit
Figure 9. Internal Oscillator Frequency vs VDD


同様の部品番号 - FDC2212-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
FDC2212 TI1-FDC2212 Datasheet
1Mb / 60P
[Old version datasheet]   Capacitance-to-Digital Converter for Proximity Level Sensing Applications
FDC2212 TI1-FDC2212 Datasheet
1Mb / 61P
[Old version datasheet]   EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
FDC2212DNTR TI1-FDC2212DNTR Datasheet
1Mb / 60P
[Old version datasheet]   Capacitance-to-Digital Converter for Proximity Level Sensing Applications
FDC2212DNTR TI1-FDC2212DNTR Datasheet
1Mb / 61P
[Old version datasheet]   EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
FDC2212DNTT TI1-FDC2212DNTT Datasheet
1Mb / 60P
[Old version datasheet]   Capacitance-to-Digital Converter for Proximity Level Sensing Applications
More results

同様の説明 - FDC2212-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
FDC2212 TI1-FDC2212_16 Datasheet
1Mb / 61P
[Old version datasheet]   EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
logo
Analog Devices
AD7152 AD-AD7152 Datasheet
481Kb / 24P
   12-Bit Capacitance-to-Digital Converter
REV. 0
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
logo
Texas Instruments
LDC1612-Q1 TI1-LDC1612-Q1 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 28-Bit Inductance to Digital Converter (LDC)
LDC1312-Q1 TI1-LDC1312-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   Multi-Channel 12-Bit Inductance to Digital Converter (LDC)
logo
Analog Devices
AD7747 AD-AD7747_17 Datasheet
455Kb / 29P
   24-Bit Capacitance-to-Digital Converter
logo
Texas Instruments
LDC1612-Q1 TI1-LDC1612-Q1_16 Datasheet
1Mb / 62P
[Old version datasheet]   Multi-Channel 28-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
LDC1612 TI1-LDC1612 Datasheet
1Mb / 58P
[Old version datasheet]   Multi-Channel 28-Bit Inductance to Digital Converter (LDC) for Inductive Sensing
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Rohm
BA9221 ROHM-BA9221 Datasheet
279Kb / 7P
   Digital-to-analog converter, 12 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com