データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDC2214RGHT データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 FDC2214RGHT
部品情報  EMI-Resistant 28-Bit,12-Bit Capacitance-to-Digital Converter
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

FDC2214RGHT データシート(HTML) 7 Page - Texas Instruments

Back Button FDC2214RGHT Datasheet HTML 3Page - Texas Instruments FDC2214RGHT Datasheet HTML 4Page - Texas Instruments FDC2214RGHT Datasheet HTML 5Page - Texas Instruments FDC2214RGHT Datasheet HTML 6Page - Texas Instruments FDC2214RGHT Datasheet HTML 7Page - Texas Instruments FDC2214RGHT Datasheet HTML 8Page - Texas Instruments FDC2214RGHT Datasheet HTML 9Page - Texas Instruments FDC2214RGHT Datasheet HTML 10Page - Texas Instruments FDC2214RGHT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
SCL
SDA
tHD;STA
tLOW
tr
tHD;DAT
tHIGH
tf
tSU;DAT
tSU;STA
tSU;STO
tf
START
REPEATED
START
STOP
tHD;STA
START
tSP
tr
tBUF
FDC2212, FDC2214, FDC2112, FDC2114
www.ti.com
SNOSCZ5A – JUNE 2015 – REVISED JUNE 2015
Electrical Characteristics (continued)
Unless otherwise specified, all limits ensured for TA = 25°C, VDD = 3.3 V
(1)
PARAMETER
TEST CONDITIONS(2)
MIN(3)
TYP(4)
MAX(3)
UNIT
VCLKIN_HI
CLKIN high voltage threshold
0.7*VDD
V
fINTCLK
Internal master clock frequency
35
43.4
55
MHz
range
TCf_int_μ
Internal master clock temperature
–13
ppm/°C
coefficient mean
8.6 Timing Requirements
MIN
NOM
MAX
UNIT
tSDWAKEUP
Wake-up time from SD high-low transition to I2C readback
2
ms
tSLEEPWAKEUP Wake-up time from sleep mode
0.05
ms
tWD-TIMEOUT
Sensor recovery time (after watchdog timeout)
5.2
ms
I2C TIMING CHARACTERISTICS
fSCL
Clock frequency
10
400
kHz
tLOW
Clock low time
1.3
μs
tHIGH
Clock high time
0.6
μs
Hold time (repeated) START condition: after this period, the first clock
tHD;STA
0.6
μs
pulse is generated
tSU;STA
Setup time for a repeated START condition
0.6
μs
tHD;DAT
Data hold time
0
μs
tSU;DAT
Data setup time
100
ns
tSU;STO
Setup time for STOP condition
0.6
μs
tBUF
Bus free time between a STOP and START condition
1.3
μs
tVD;DAT
Data valid time
0.9
μs
tVD;ACK
Data valid acknowledge time
0.9
μs
tSP
Pulse width of spikes that must be suppressed by the input filter(1)
50
ns
(1)
This parameter is specified by design and/or characterization and is not tested in production.
Figure 1. I2C Timing
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: FDC2212 FDC2214 FDC2112 FDC2114


同様の部品番号 - FDC2214RGHT

メーカー部品番号データシート部品情報
logo
Texas Instruments
FDC2214RGHT TI1-FDC2214RGHT Datasheet
1Mb / 60P
[Old version datasheet]   Capacitance-to-Digital Converter for Proximity Level Sensing Applications
More results

同様の説明 - FDC2214RGHT

メーカー部品番号データシート部品情報
logo
Texas Instruments
FDC2112-Q1 TI1-FDC2112-Q1_16 Datasheet
1Mb / 60P
[Old version datasheet]   Multi-Channel 12-Bit or 28-Bit Capacitance-to-Digital Converter
logo
Analog Devices
AD7152 AD-AD7152 Datasheet
481Kb / 24P
   12-Bit Capacitance-to-Digital Converter
REV. 0
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
AD7747 AD-AD7747_17 Datasheet
455Kb / 29P
   24-Bit Capacitance-to-Digital Converter
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Rohm
BA9221 ROHM-BA9221 Datasheet
279Kb / 7P
   Digital-to-analog converter, 12 bit
logo
DATEL, Inc.
5962-8952801XA DATEL-5962-8952801XA Datasheet
148Kb / 1P
   12-Bit Digital to Analog Converter
5962-8952801XC DATEL-5962-8952801XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850802XC DATEL-5962-8850802XC Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
5962-8850801XC DATEL-5962-8850801XC Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com