データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LF147J データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 LF147J
部品情報  Wide Bandwidth Quad JFET Input Operational Amplifiers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LF147J データシート(HTML) 1 Page - Texas Instruments

  LF147J Datasheet HTML 1Page - Texas Instruments LF147J Datasheet HTML 2Page - Texas Instruments LF147J Datasheet HTML 3Page - Texas Instruments LF147J Datasheet HTML 4Page - Texas Instruments LF147J Datasheet HTML 5Page - Texas Instruments LF147J Datasheet HTML 6Page - Texas Instruments LF147J Datasheet HTML 7Page - Texas Instruments LF147J Datasheet HTML 8Page - Texas Instruments LF147J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LF147, LF347-N
www.ti.com
SNOSBH1D – MAY 1999 – REVISED MARCH 2013
LF147/LF347 Wide Bandwidth Quad JFET Input Operational Amplifiers
Check for Samples: LF147, LF347-N
1
FEATURES
DESCRIPTION
The LF147 is a low cost, high speed quad JFET input
23
Internally Trimmed Offset Voltage: 5 mV max
operational amplifier with an internally trimmed input
Low Input Bias Current: 50 pA
offset voltage ( BI-FET II™ technology). The device
Low Input Noise Current: 0.01 pA/
√Hz
requires a low supply current and yet maintains a
large gain bandwidth product and a fast slew rate. In
Wide Gain Bandwidth: 4 MHz
addition, well matched high voltage JFET input
High Slew Rate: 13 V/
μs
devices provide very low input bias and offset
Low Supply Current: 7.2 mA
currents. The LF147 is pin compatible with the
standard LM148. This feature allows designers to
High Input Impedance: 1012
Ω
immediately upgrade the overall performance of
Low Total Harmonic Distortion:
≤0.02%
existing LF148 and LM124 designs.
Low 1/f Noise Corner: 50 Hz
The LF147 may be used in applications such as high
Fast Settling Time to 0.01%: 2
μs
speed integrators, fast D/A converters, sample-and-
hold circuits and many other circuits requiring low
input offset voltage, low input bias current, high input
impedance, high slew rate and wide bandwidth. The
device has low noise and offset voltage drift.
Simplified Schematic
Connection Diagram
¼ Quad
LF147 available as per JM38510/11906.
Figure 1. 14-Pin PDIP / CDIP / SOIC
Top View
See Package Number J0014A, D0014A or
NFF0014A
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
BI-FET II is a trademark of dcl_owner.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - LF147J

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LF147J NSC-LF147J Datasheet
406Kb / 13P
   Wide Bandwidth Quad JFET Input Operational Amplifiers
LF147J NSC-LF147J Datasheet
77Kb / 9P
   WIDE BANDWIDTH QUAD JFER INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
LF147J TI1-LF147J Datasheet
1Mb / 21P
[Old version datasheet]   LF147/LF347 Wide Bandwidth Quad JFET Input Operational Amplifiers
LF147J-SMD TI1-LF147J-SMD Datasheet
839Kb / 18P
[Old version datasheet]   LF147QML Wide Bandwidth Quad JFET Input Operational Amplifier
logo
National Semiconductor ...
LF147J/883 NSC-LF147J/883 Datasheet
406Kb / 13P
   Wide Bandwidth Quad JFET Input Operational Amplifiers
More results

同様の説明 - LF147J

メーカー部品番号データシート部品情報
logo
Texas Instruments
LF147 TI1-LF147 Datasheet
1Mb / 21P
[Old version datasheet]   Wide Bandwidth Quad JFET Input Operational Amplifiers
logo
National Semiconductor ...
LF147 NSC-LF147 Datasheet
406Kb / 13P
   Wide Bandwidth Quad JFET Input Operational Amplifiers
logo
Texas Instruments
LF347MX TI1-LF347MX Datasheet
1Mb / 21P
[Old version datasheet]   LF147/LF347 Wide Bandwidth Quad JFET Input Operational Amplifiers
LF147JAN TI1-LF147JAN_14 Datasheet
968Kb / 18P
[Old version datasheet]   Wide Bandwidth Quad JFET Input Operational Amplifier
logo
National Semiconductor ...
MJLF147-X NSC-MJLF147-X Datasheet
75Kb / 11P
   WIDE BANDWIDTH QUAD JFET INPUT OPERATIONAL AMPLIFIER
LF453 NSC-LF453 Datasheet
219Kb / 8P
   LF453 Wide-Bandwidth Dual JFET-Input Operational Amplifiers
logo
Texas Instruments
LF147QML TI1-LF147QML Datasheet
839Kb / 18P
[Old version datasheet]   LF147QML Wide Bandwidth Quad JFET Input Operational Amplifier
LF147JAN TI1-LF147JAN_V01 Datasheet
1Mb / 20P
[Old version datasheet]   LF147JAN Wide Bandwidth Quad JFET Input Operational Amplifier
LF147JAN TI1-LF147JAN Datasheet
837Kb / 18P
[Old version datasheet]   LF147JAN Wide Bandwidth Quad JFET Input Operational Amplifier
logo
STMicroelectronics
LF253DT STMICROELECTRONICS-LF253DT Datasheet
909Kb / 15P
   Wide bandwidth dual JFET operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com