データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM111WLQMLV データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM111WLQMLV
部品情報  Voltage Comparator
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM111WLQMLV データシート(HTML) 5 Page - Texas Instruments

  LM111WLQMLV Datasheet HTML 1Page - Texas Instruments LM111WLQMLV Datasheet HTML 2Page - Texas Instruments LM111WLQMLV Datasheet HTML 3Page - Texas Instruments LM111WLQMLV Datasheet HTML 4Page - Texas Instruments LM111WLQMLV Datasheet HTML 5Page - Texas Instruments LM111WLQMLV Datasheet HTML 6Page - Texas Instruments LM111WLQMLV Datasheet HTML 7Page - Texas Instruments LM111WLQMLV Datasheet HTML 8Page - Texas Instruments LM111WLQMLV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
LM111QML
www.ti.com
SNOSAJ4C – OCTOBER 2005 – REVISED MARCH 2013
Absolute Maximum Ratings
(1) (continued)
Storage Temperature Range
-65°C
≤ TA ≤ 150°C
Maximum Junction Temperature
175°C
Lead Temperature (Soldering, 60 seconds)
300°C
Voltage at Strobe Pin
V+ = -5V
Package Weight (Typical)
8 LD TO-99
965mg
8 LD CDIP
1100mg
10 LD CLGA
250mg
10 LD CLGA
225mg
14 LD CDIP
TBD
20 LD LCCC
TBD
ESD Rating
(4)
300V
(4)
Human body model, 1.5 k
Ω in series with 100 pF.
Recommended Operating Conditions
Supply Voltage
VCC = ±15VDC
Operating Temperature Range
-55°C
≤ TA ≤ 125°C
Quality Conformance Inspection
Table 1. Mil-Std-883, Method 5005 - Group A
Subgroup
Description
Temperature (°C)
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM111QML


同様の部品番号 - LM111WLQMLV

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM111WLQMLV NSC-LM111WLQMLV Datasheet
1,006Kb / 34P
   Voltage Comparator
More results

同様の説明 - LM111WLQMLV

メーカー部品番号データシート部品情報
logo
Mitsubishi Electric Sem...
M51206TL MITSUBISHI-M51206TL Datasheet
115Kb / 4P
   VOLTAGE COMPARATOR?
logo
Linear Technology
LT1011A LINER-LT1011A_15 Datasheet
294Kb / 20P
   Voltage Comparator
logo
Austin Semiconductor
AS111 AUSTIN-AS111 Datasheet
2Mb / 21P
   Voltage Comparator
AS111R AUSTIN-AS111R Datasheet
1Mb / 22P
   Voltage Comparator
logo
National Semiconductor ...
LM111JAN NSC-LM111JAN Datasheet
798Kb / 26P
   Voltage Comparator
logo
Linear Technology
RH1011 LINER-RH1011 Datasheet
144Kb / 4P
   Voltage Comparator
logo
JSC ALFA.
AS527 ALFA-AS527 Datasheet
207Kb / 3P
   Voltage comparator
logo
National Semiconductor ...
MDLM111-X NSC-MDLM111-X Datasheet
303Kb / 17P
   VOLTAGE COMPARATOR
logo
NXP Semiconductors
NE527 PHILIPS-NE527 Datasheet
131Kb / 5P
   Voltage comparator
August 31, 1994
logo
Linear Technology
RH111 LINER-RH111 Datasheet
143Kb / 4P
   Voltage Comparator
RH1011 LINER-RH1011_15 Datasheet
70Kb / 2P
   Voltage Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com